Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP2143 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2143
Description  3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step Down Switcher
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2143 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2143 Datasheet HTML 1Page - Monolithic Power Systems MP2143 Datasheet HTML 2Page - Monolithic Power Systems MP2143 Datasheet HTML 3Page - Monolithic Power Systems MP2143 Datasheet HTML 4Page - Monolithic Power Systems MP2143 Datasheet HTML 5Page - Monolithic Power Systems MP2143 Datasheet HTML 6Page - Monolithic Power Systems MP2143 Datasheet HTML 7Page - Monolithic Power Systems MP2143 Datasheet HTML 8Page - Monolithic Power Systems MP2143 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MP2143 – 3A, 5.5V, 1.2MHz, 40μA IQ, COT SYNCHRONOUS STEP-DOWN SWITCHER
MP2143 Rev. 1.07
www.MonolithicPower.com
4
7/4/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (5) (continued)
VIN = 5V, TA = 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Supply Current (Shutdown)
VEN=0V
0.1
μA
Supply Current (Quiescent)
VEN=2V,
VFB=0.63V,
VIN=3.6V
40
μA
Thermal Shutdown
150
°C
Thermal Hysteresis
30
°C
Notes:
5) Guaranteed by design.


Similar Part No. - MP2143

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2143H MPS-MP2143H Datasheet
527Kb / 15P
   3A, 5.5V, 2.0MHz Synchronous Step Down Switcher
MP2143HGD MPS-MP2143HGD Datasheet
527Kb / 15P
   3A, 5.5V, 2.0MHz Synchronous Step Down Switcher
MP2143HGD MPS-MP2143HGD Datasheet
483Kb / 7P
   3A, 5.5V, 2MHz Synchronous Step-Down Switcher Evaluation Board
More results

Similar Description - MP2143

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP9143 MPS-MP9143 Datasheet
483Kb / 15P
   3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step Down Switcher
MPQ2143-AEC1 MPS-MPQ2143-AEC1 Datasheet
802Kb / 15P
   3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step-Down Switcher AEC-Q100 Qualified
MP2187 MPS-MP2187 Datasheet
440Kb / 18P
   Dual 3A, 5.5V, 1.2MHz, COT Synchronous Step-Down Switcher
MP2144 MPS-MP2144 Datasheet
363Kb / 14P
   2A, 5.5V, 1.2MHz, 40A IQ, COT Synchronous Step Down Switcher
MP2147 MPS-MP2147 Datasheet
712Kb / 19P
   5.5V, 4A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher
MP2145 MPS-MP2145 Datasheet
1Mb / 19P
   5.5V, 6A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher
EV2147-D-00A MPS-EV2147-D-00A Datasheet
496Kb / 8P
   5.5V, 4A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher Evaluation Board
EV2145-D-00A MPS-EV2145-D-00A Datasheet
552Kb / 8P
   5.5V, 6A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher Evaluation Board
MPQ2143H MPS-MPQ2143H Datasheet
897Kb / 15P
   3A, 5.5V, 2.0MHz Synchronous Step Down Switcher
MP2188 MPS-MP2188 Datasheet
1Mb / 17P
   Dual 3A, 5.5V, 1.2MHz, COT Synchronous Step Down Switchers With Auto Output Discharge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com