Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASM692ACSA Datasheet(PDF) 10 Page - Alliance Semiconductor Corporation

Part # ASM692ACSA
Description  UP Power Supply Supervisor With Battery Backup Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM692ACSA Datasheet(HTML) 10 Page - Alliance Semiconductor Corporation

Back Button ASM692ACSA Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM692ACSA Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM692ACSA Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM692ACSA Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM692ACSA Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM692ACSA Datasheet HTML 10Page - Alliance Semiconductor Corporation ASM692ACSA Datasheet HTML 11Page - Alliance Semiconductor Corporation ASM692ACSA Datasheet HTML 12Page - Alliance Semiconductor Corporation ASM692ACSA Datasheet HTML 13Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10 of 13
Notice: The information in this document is subject to change without notice
ASM690A / 692A
ASM802L / 802M
ASM805L
µP Power Supply Supervisor With Battery Backup Switch
rev 1.0
October 2003
Reset Threshold
Hysteresis
40
mV
Reset Pulse Width
tRS
140
200
280
ms
Reset Output Volt-
age
ISOURCE = 800µA
VCC - 1.5
V
ISINK = 3.2mA
0.4
ASM69_AC, ASM802_C, VCC=1.0V,
ISINK=50µA
0.3
ASM69_AE, ASM802_E, VCC=1.2V,
ISINK=100µA
0.3
ASM805LC, ISOURCE=4µA, VCC = 1.1V
0.8
ASM805LE, ISOURCE=4µA, VCC = 1.2V
0.9
ASM805L, ISOURCE=800µA
VCC - 1.5
ASM805L, ISINK=3.2mA
0.4
Watchdog Timeout
tWD
1.00
1.60
2.25
sec
WDI Pulse Width
tWP
VIL = 0.4V, VIH = 0.8VCC
50
ns
WDI Input Current
WDI = VCC
50
150
µA
WDI = 0V
-150
-50
µA
WDI Input Thresh-
old
(Note 3)
VCC = 5V, Logic LOW
0.8
V
PFI Input Thresh-
old
ASM69_A,ASM805L, VCC = 5V
1.20
1.25
1.30
V
ASM802_C/E, VCC = 5V
1.225
1.250
1.275
PFI Input Current
-25
0.01
25
nA
PFO Output Volt-
age
ISOURCE = 800µA
VCC - 1.5
V
ISINK = 3.2mA
0.4
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Notes:
1. If VCC or VBATT is 0V, the other must be greater than 2.0V.
2. Battery charging-current is “-”. Battery discharge current is “+”.
3. WDI is guaranteed to be in an intermediate level state if WDI is floating and VCC is within the operating voltage range. WDI
input impedance is 50 k
Ω. WDI is biased to 0.3VCC.


Similar Part No. - ASM692ACSA

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM692ACSA PULSECORE-ASM692ACSA Datasheet
348Kb / 15P
   關P Power Supply Supervisor With Battery Backup Switch
logo
ON Semiconductor
ASM692ACSA ONSEMI-ASM692ACSA Datasheet
202Kb / 12P
   Power Supply Supervisor
August, 2011 ??Rev. 3
logo
PulseCore Semiconductor
ASM692ACSAF PULSECORE-ASM692ACSAF Datasheet
348Kb / 15P
   關P Power Supply Supervisor With Battery Backup Switch
logo
ON Semiconductor
ASM692ACSAF ONSEMI-ASM692ACSAF Datasheet
202Kb / 12P
   Power Supply Supervisor
August, 2011 ??Rev. 3
More results

Similar Description - ASM692ACSA

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP690A IMP-IMP690A Datasheet
225Kb / 10P
   關P POWER SUPPLY SUPERVISOR WITH BATTERY BACKUP SWITCH
logo
PulseCore Semiconductor
ASM690A PULSECORE-ASM690A Datasheet
348Kb / 15P
   關P Power Supply Supervisor With Battery Backup Switch
logo
TelCom Semiconductor, I...
TC70 TELCOM-TC70 Datasheet
89Kb / 7P
   MICROMASTER - SYSTEM SUPERVISOR WITH POWER SUPPLY MONITOR, WATCHDOG AND BATTERY BACKUP
logo
Texas Instruments
TPS3606-33 TI-TPS3606-33 Datasheet
388Kb / 18P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR LOW-POWER PROCESSORS
TPS3617-50 TI1-TPS3617-50 Datasheet
271Kb / 15P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3617 TI1-TPS3617 Datasheet
612Kb / 17P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3631-01 TI1-TPS3631-01 Datasheet
469Kb / 19P
[Old version datasheet]   ADJUSTABLE BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3613-01 TI1-TPS3613-01 Datasheet
319Kb / 15P
[Old version datasheet]   Adustable battery-backup supervisor for ram retention
logo
TECHNOLOGY ASSISTANCE B...
TDRSP-1URK-BBU-12-50 TAB-TDRSP-1URK-BBU-12-50 Datasheet
462Kb / 2P
   BATTERY BACK-UP POWER SUPPLY
logo
ON Semiconductor
ASM1834 ONSEMI-ASM1834 Datasheet
176Kb / 11P
   Power Supply Supervisor
August, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com