Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP2141N Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2141N
Description  1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2141N Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2141N Datasheet HTML 1Page - Monolithic Power Systems MP2141N Datasheet HTML 2Page - Monolithic Power Systems MP2141N Datasheet HTML 3Page - Monolithic Power Systems MP2141N Datasheet HTML 4Page - Monolithic Power Systems MP2141N Datasheet HTML 5Page - Monolithic Power Systems MP2141N Datasheet HTML 6Page - Monolithic Power Systems MP2141N Datasheet HTML 7Page - Monolithic Power Systems MP2141N Datasheet HTML 8Page - Monolithic Power Systems MP2141N Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
MP2141N
– 1A, SYNCHRONOUS, STEP-DOWN CONVERTER WITH 11µA I
Q
MP2141N Rev. 1.12
www.MonolithicPower.com
4
7/28/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 3.6V, TJ = -40°C to +125°C
(7). Typical value is tested at T
J
= +25°C. The limit over
temperature is guaranteed by characterization, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Feedback voltage
VFB
2.3
V ≤ V
IN ≤ 5.5V, TJ = 25°
C
594
600
606
mV
TJ = -40°C to +125°C
588
612
Fixed Output Voltage
(8)
Only for MP2141NGTF-
18,IOUT=10mA, TJ = 25°C
1.782
1.8
1.818
V
Only for MP2141NGTF-
18,IOUT=10mA,
TJ = -40°C to +125°C
1.764
1.8
1.836
V
Only for MP2141NGTF-15,
IOUT=10mA, TJ = 25°C
1.485
1.5
1.515
V
Only for MP2141NGTF-15,
IOUT=10mA,
TJ = -40°C to +125°C
1.470
1.5
1.530
V
Feedback current
IFB
VFB = 0.63V
50
100
nA
P-FET switch on resistance
RDSON_P
120
mΩ
N-FET switch on resistance
RDSON_N
80
mΩ
Switch leakage current
VEN = 0V, VIN = 6V,
VSW = 0V and 6V, TJ = 25°C
0
1
μA
P-FET peak current limit
Sourcing
1.8
2.4
A
N-FET valley current limit
Sourcing, valley current limit
1.5
A
ZCD
0
mA
On time
TON
VIN = 5V, VOUT = 1.2V
110
ns
VIN = 3.6V, VOUT = 1.2V
150
Switching frequency
fs
VIN = 5V, VOUT = 1.2V,
IOUT = 500mA, TJ = 25°C
(5)
1760
2200
2640
kHz
VIN = 5V, VOUT = 1.2V,
IOUT = 500mA,
TJ = -40°C to +125°C
(5)
1650
2200
2750
kHz
Minimum off time
TMIN-OFF
60
ns
Minimum on time
(6)
TMIN-ON
60
ns
Soft-start time
TSS-ON
VOUT rise from 10% to 90%
0.5
ms
Under-voltage lockout threshold
rising
2
2.25
V
Under-voltage lockout threshold
hysteresis
150
mV
EN input logic low voltage
0.4
V
EN input logic high voltage
1.2
V
Output discharge resistor
RDIS
VEN = 0V, VOUT = 1.2V
1
kΩ
EN input current
VEN = 2V
1.2
μA
VEN = 0V
0
μA
Supply current (shutdown)
VEN = 0V, TJ = 25°C
0
1
μA


Similar Part No. - MP2141N

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2141NGTF MPS-MP2141NGTF Datasheet
357Kb / 8P
   1A Synchronous Step-down Converter with 11uA Iq in a Tiny SOT
More results

Similar Description - MP2141N

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1601 MPS-MP1601 Datasheet
694Kb / 20P
   1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
MP1605 MPS-MP1605 Datasheet
1Mb / 18P
   2A, Synchronous, Step-Down Converter with Low 11uA Quiescent Current
MP4431 MPS-MP4431 Datasheet
1Mb / 27P
   36V, 1A, Low Quiescent Current, Synchronous, Step-Down Converter
EV2141N-TF-00A MPS-EV2141N-TF-00A Datasheet
357Kb / 8P
   1A Synchronous Step-down Converter with 11uA Iq in a Tiny SOT
logo
Linear Technology
LTC3621 LINER-LTC3621_15 Datasheet
289Kb / 18P
   17V, 1A Synchronous Step-Down Regulator with 3.5A Quiescent Current
LTC3621-2 LINER-LTC3621-2_15 Datasheet
289Kb / 18P
   17V, 1A Synchronous Step-Down Regulator with 3.5A Quiescent Current
logo
Monolithic Power System...
MP2148 MPS-MP2148 Datasheet
702Kb / 20P
   1A Synchronous Step-down Converter with 11uA Iq in Ultra-small 1x1.5mm QFN
EV2148-QD-00B MPS-EV2148-QD-00B Datasheet
395Kb / 8P
   1A Synchronous Step-down Converter with 11uA Iq in Ultra-small 1x1.5mm QFN
MPQ4431 MPS-MPQ4431 Datasheet
1Mb / 28P
   36V, 1A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
logo
Linear Technology
LTC3622 LINER-LTC3622_15 Datasheet
593Kb / 24P
   17V, Dual 1A Synchronous Step-Down Regulator with Ultralow Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com