Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP1601A Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP1601A
Description  1A Synchronous Step-down Converter with Forced CCM Mode
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1601A Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP1601A Datasheet HTML 9Page - Monolithic Power Systems MP1601A Datasheet HTML 10Page - Monolithic Power Systems MP1601A Datasheet HTML 11Page - Monolithic Power Systems MP1601A Datasheet HTML 12Page - Monolithic Power Systems MP1601A Datasheet HTML 13Page - Monolithic Power Systems MP1601A Datasheet HTML 14Page - Monolithic Power Systems MP1601A Datasheet HTML 15Page - Monolithic Power Systems MP1601A Datasheet HTML 16Page - Monolithic Power Systems MP1601A Datasheet HTML 17Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
MP1601A – 1A, SYNCHRONOUS, STEP-DOWN CONVERTER IN A SOT563
MP1601A Rev. 1.0
www.MonolithicPower.com
13
9/2/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
OPERATION
The MP1601A uses constant on-time control
with input voltage feed-forward to stabilize the
switching frequency over the full input range. It
achieves 1A of continuous output current from a
2.3V to 5.5V input voltage range with excellent
load and line regulation. The output voltage can
be regulated as low as 0.6V.
Constant-on-Time (COT) Control
Compared
to
fixed-frequency
pulse-width
modulation (PWM) control, constant-on-time
control (COT) offers a simpler control loop and a
faster transient response. By using input voltage
feed-forward, the MP1601A maintains a nearly
constant switching frequency across the input
and output voltage ranges. The switching pulse
on time can be estimated with Equation (1):
OUT
ON
IN
V
T
0.454 s
V
(1)
To prevent inductor current runaway during the
load transient, the MP1601A uses a fixed
minimum off time of 60ns.
Enable (EN)
When the input voltage is greater than the under-
voltage lockout (UVLO) threshold (typically 2V),
the MP1601A can be enabled by pulling EN
higher than 1.2V. Floating EN or pulling it down
to ground disables the MP1601A. There is an
internal 1M
Ω resistor from EN to ground.
When the device is disabled, the MP1601A goes
into output discharge mode automatically. Its
internal discharge MOSFET provides a resistive
discharge path for the output capacitor.
Soft Start (SS)
The MP1601A has a built-in soft start (SS) that
ramps up the output voltage at a controlled slew
rate to avoid overshooting at start-up. The soft-
start time is about 0.5ms, typically.
Current Limit
The MP1601A has a 2A, high-side, switch
current limit, typically. When the high-side switch
reaches its current limit, the MP1601A remains
in hiccup mode until the current drops. This
prevents the inductor current from continuing to
rise and damaging components.
Short Circuit and Recovery
The MP1601A enters short-circuit protection
(SCP) mode when it reaches the current limit
and attempts to recover with hiccup mode. In this
process, the MP1601A disables the output
power stage, discharges the soft-start capacitor,
and then attempts to soft start automatically. If
the short-circuit condition remains after the soft
start ends, the MP1601A repeats this cycle until
the short circuit disappears and the output rises
back to regulation levels.


Similar Part No. - MP1601A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1601 MPS-MP1601 Datasheet
694Kb / 20P
   1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
MP1601GTF MPS-MP1601GTF Datasheet
694Kb / 20P
   1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
MP1601GTF-12 MPS-MP1601GTF-12 Datasheet
694Kb / 20P
   1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
MP1601GTF-15 MPS-MP1601GTF-15 Datasheet
694Kb / 20P
   1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
MP1601GTF-18 MPS-MP1601GTF-18 Datasheet
694Kb / 20P
   1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
More results

Similar Description - MP1601A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP21148 MPS-MP21148 Datasheet
1Mb / 14P
   1A, Synchronous, Step-Down Converter with CCM
MPQ4420A-AEC1 MPS-MPQ4420A-AEC1 Datasheet
1Mb / 20P
   2A, 36V,Synchronous Step-Down Converter With PG and Ext. Sync with Forced CCM Mode, MPQ4420-AEC1 without Forced CCM Mode
MPQ4420H-AEC1 MPS-MPQ4420H-AEC1 Datasheet
1Mb / 20P
   Industrial Grade, 2A, 36V,Synchronous Step-Down Converter with PG and Ext. Sync without Forced CCM Mode, MPQ4420A-AEC1 with Forced CCM Mode
logo
MPS Industries, Inc.
MP2174C MPSIND-MP2174C Datasheet
990Kb / 16P
   2.7V-5.5V,4A, High-Efficiency,Synchronous Step-Down Converter with Forced CCM in 2×2mm QFN
Rev. 1.0 8/7/2019
logo
ACE Technology Co., LTD...
ACE7255E ACE-ACE7255E Datasheet
518Kb / 9P
   24V, 2A, Forced PWM Synchronous Step-Down Converter
VER 1.1
logo
Analog Microelectronics
AME5253 AME-AME5253 Datasheet
615Kb / 18P
   1A, 1.5MHz Synchronous Step-Down Converter
AME5253A AME-AME5253A Datasheet
615Kb / 18P
   1A, 1.5MHz Synchronous Step-Down Converter
AME5250A AME-AME5250A Datasheet
409Kb / 22P
   1A, 1.5MHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8057 RICHTEK-RT8057 Datasheet
224Kb / 11P
   2.25MHz 1A Synchronous Step-Down Converter
logo
Monolithic Power System...
EV2112DQ-00A MPS-EV2112DQ-00A Datasheet
162Kb / 4P
   1A, 1MHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com