Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP1601A Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP1601A
Description  1A Synchronous Step-down Converter with Forced CCM Mode
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1601A Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP1601A Datasheet HTML 9Page - Monolithic Power Systems MP1601A Datasheet HTML 10Page - Monolithic Power Systems MP1601A Datasheet HTML 11Page - Monolithic Power Systems MP1601A Datasheet HTML 12Page - Monolithic Power Systems MP1601A Datasheet HTML 13Page - Monolithic Power Systems MP1601A Datasheet HTML 14Page - Monolithic Power Systems MP1601A Datasheet HTML 15Page - Monolithic Power Systems MP1601A Datasheet HTML 16Page - Monolithic Power Systems MP1601A Datasheet HTML 17Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
MP1601A – 1A, SYNCHRONOUS, STEP-DOWN CONVERTER IN A SOT563
NOTICE: The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
MP1601A Rev. 1.0
www.MonolithicPower.com
17
9/2/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PACKAGE INFORMATION
SOT563
PACKAGE OUTLINE DRAWING FOR 6L SOT563
MF-PO-D-0250 revision 1.0
FRONT VIEW
NOTE:
1) ALL DIMENSIONS ARE IN MILLIMETERS.
2) PACKAGE LENGTH DOES NOT INCLUDE MOLD FLASH,
PROTRUSION OR GATE BURR.
3) PACKAGE WIDTH DOES NOT INCLUDE INTERLEAD FLASH
OR PROTRUSION.
4) LEAD COPLANARITY (BOTTOM OF LEADS AFTER FORMING)
SHALL BE 0.10 MILLIMETERS MAX.
5) DRAWING IS NOT TO SCALE.
TOP VIEW
BOTTOM VIEW
RECOMMENDED LAND PATTERN
SIDE VIEW
PIN 1 ID


Similar Part No. - MP1601A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1601 MPS-MP1601 Datasheet
694Kb / 20P
   1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
MP1601GTF MPS-MP1601GTF Datasheet
694Kb / 20P
   1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
MP1601GTF-12 MPS-MP1601GTF-12 Datasheet
694Kb / 20P
   1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
MP1601GTF-15 MPS-MP1601GTF-15 Datasheet
694Kb / 20P
   1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
MP1601GTF-18 MPS-MP1601GTF-18 Datasheet
694Kb / 20P
   1A, Synchronous, Step-Down Converter with 11uA Quiescent Current
More results

Similar Description - MP1601A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP21148 MPS-MP21148 Datasheet
1Mb / 14P
   1A, Synchronous, Step-Down Converter with CCM
MPQ4420A-AEC1 MPS-MPQ4420A-AEC1 Datasheet
1Mb / 20P
   2A, 36V,Synchronous Step-Down Converter With PG and Ext. Sync with Forced CCM Mode, MPQ4420-AEC1 without Forced CCM Mode
MPQ4420H-AEC1 MPS-MPQ4420H-AEC1 Datasheet
1Mb / 20P
   Industrial Grade, 2A, 36V,Synchronous Step-Down Converter with PG and Ext. Sync without Forced CCM Mode, MPQ4420A-AEC1 with Forced CCM Mode
logo
MPS Industries, Inc.
MP2174C MPSIND-MP2174C Datasheet
990Kb / 16P
   2.7V-5.5V,4A, High-Efficiency,Synchronous Step-Down Converter with Forced CCM in 2×2mm QFN
Rev. 1.0 8/7/2019
logo
ACE Technology Co., LTD...
ACE7255E ACE-ACE7255E Datasheet
518Kb / 9P
   24V, 2A, Forced PWM Synchronous Step-Down Converter
VER 1.1
logo
Analog Microelectronics
AME5253 AME-AME5253 Datasheet
615Kb / 18P
   1A, 1.5MHz Synchronous Step-Down Converter
AME5253A AME-AME5253A Datasheet
615Kb / 18P
   1A, 1.5MHz Synchronous Step-Down Converter
AME5250A AME-AME5250A Datasheet
409Kb / 22P
   1A, 1.5MHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8057 RICHTEK-RT8057 Datasheet
224Kb / 11P
   2.25MHz 1A Synchronous Step-Down Converter
logo
Monolithic Power System...
EV2112DQ-00A MPS-EV2112DQ-00A Datasheet
162Kb / 4P
   1A, 1MHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com