Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8392ACP-REEL7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8392ACP-REEL7
Description  Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8392ACP-REEL7 Datasheet(HTML) 1 Page - Analog Devices

  AD8392ACP-REEL7 Datasheet HTML 1Page - Analog Devices AD8392ACP-REEL7 Datasheet HTML 2Page - Analog Devices AD8392ACP-REEL7 Datasheet HTML 3Page - Analog Devices AD8392ACP-REEL7 Datasheet HTML 4Page - Analog Devices AD8392ACP-REEL7 Datasheet HTML 5Page - Analog Devices AD8392ACP-REEL7 Datasheet HTML 6Page - Analog Devices AD8392ACP-REEL7 Datasheet HTML 7Page - Analog Devices AD8392ACP-REEL7 Datasheet HTML 8Page - Analog Devices AD8392ACP-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Low Power, High Output Current, Quad Op Amp,
Dual-Channel ADSL/ADSL2+ Line Driver
AD8392
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Four current feedback, high current amplifiers
Ideal for use as ADSL/ADSL2+ dual-channel Central Office
(CO) line drivers
Low power operation
Power supply operation from ±5 V (+10 V) up to ±12 V (+24 V)
Less than 3 mA/Amp quiescent supply current for full
power ADSL/ADSL2+ CO applications (20.4 dBm line
power, 5.5 CF)
Three active power modes plus shutdown
High output voltage and current drive
400 mA peak output drive current
44 V p-p differential output voltage
Low distortion
−72 dBc @1 MHz second harmonic
−82 dBc @ 1 MHz third harmonic
High speed: 900 V/µs differential slew rate
Additional functionality of AD8392ACP
On-chip common-mode voltage generation
APPLICATIONS
ADSL/ADSL2+ CO line drivers
XDSL line drives
High output current, low distortion amplifiers
DAC output buffer
GENERAL DESCRIPTION
The AD8392 is comprised of four high output current, low
power consumption, operational amplifiers. It is particularly
well suited for the CO driver interface in digital subscriber line
systems, such as ADSL and ADSL2+. The driver is capable of
providing enough power to deliver 20.4 dBm to a line, while
compensating for losses due to hybrid insertion and back
termination resistors. In addition, the low distortion, fast slew
rate, and high output current capability make the AD8392 ideal
for many other applications, including medical, instrumenta-
tion, DAC output drivers, and other high peak current circuits.
The AD8392 is available in two thermally enhanced packages, a
28-lead TSSOP EP (AD8392ARE) and a 5 mm × 5 mm 32-lead
LFCSP (AD8392ACP). Four bias modes are available via the use
of two digital bits (PD1, PD0).
PIN CONFIGURATIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
NC = NO CONNECT
28
27
26
25
24
23
22
21
20
19
18
17
16
15
AD8392
PD0 1, 2
PD1 1, 2
+VIN1
NC
VOUT1
–VIN1
VEE1, 2
NC
NC
+VIN2
NC
VOUT2
–VIN2
VOUT3
–VIN3
+VIN3
GND
NC
NC
VCC3, 4
–VIN4
+VIN4
VEE3, 4
PD0 3, 4
PD1 3, 4
GND
VCC1, 2
VOUT4
1
3
2
4
Figure 1. AD8392ARE, 28-Lead TSSOP/EP
1
2
3
4
5
6
7
8
910 11
12
13 14
24
23
22
21
20
19
18
17
16
15
32 31 30
29
28 27
25
26
AD8392
NC
VOUT1
–VIN1
NC
VOUT2
–VIN2
VOUT3
–VIN3
VCC3, 4
–VIN4
VCC1, 2
VOUT4
NC
NC
NC
NC
1
3
2
4
Figure 2. AD8392ACP, 32-Lead LFCSP 5 mm × 5 mm
Additionally, the AD8392ACP provides VCOM pins for on-chip
common mode voltage generation.
The low power consumption, high output current, high output
voltage swing, and robust thermal packaging enable the AD8392
to be used as the CO line drivers in ADSL and other xDSL sys-
tems, as well as other high current, single-ended or differential
amplifier applications.


Similar Part No. - AD8392ACP-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8392A AD-AD8392A Datasheet
557Kb / 12P
   Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
REV. 0
AD8392AACPZ-R2 AD-AD8392AACPZ-R2 Datasheet
557Kb / 12P
   Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
REV. 0
AD8392AACPZ-R2 AD-AD8392AACPZ-R2 Datasheet
570Kb / 13P
   Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
AD8392AACPZ-R7 AD-AD8392AACPZ-R7 Datasheet
557Kb / 12P
   Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
REV. 0
AD8392AACPZ-R7 AD-AD8392AACPZ-R7 Datasheet
570Kb / 13P
   Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
More results

Similar Description - AD8392ACP-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8392A AD-AD8392A Datasheet
557Kb / 12P
   Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
REV. 0
AD8394 AD-AD8394 Datasheet
66Kb / 2P
   Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
Rev. Sp0
AD8392A AD-AD8392A_16 Datasheet
570Kb / 13P
   Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
ADLD8403 AD-ADLD8403_16 Datasheet
438Kb / 11P
   Ultralow Power, Adaptive Linear Power, Dual-Port ADSL/ADSL2 Line Driver
ADLD8403 AD-ADLD8403 Datasheet
365Kb / 10P
   Ultralow Power, Adaptive Linear Power,Dual-Port ADSL/ADSL2 Line Driver
logo
Intersil Corporation
EL1537B INTERSIL-EL1537B Datasheet
46Kb / 2P
   Dual Channel CO ADSL2 Line Driver
ISL1535 INTERSIL-ISL1535 Datasheet
46Kb / 2P
   Dual Channel Central Office ADSL2 Line Driver
ISL1536IRZ INTERSIL-ISL1536IRZ Datasheet
356Kb / 9P
   Dual Channel Central Office ADSL2 Line Driver
February 15, 2013
ISL1535A INTERSIL-ISL1535A Datasheet
53Kb / 2P
   Dual Channel Central Office ADSL2 Line Driver
ISL1535AIVEZ INTERSIL-ISL1535AIVEZ Datasheet
114Kb / 2P
   Dual Channel Central Office ADSL2 Line Driver
March 11, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com