Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT1152IKS-1.5-T1 Datasheet(PDF) 11 Page - Advanced Analogic Technologies

Part # AAT1152IKS-1.5-T1
Description  850kHz 1A Synchronous Buck DC/DC Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1152IKS-1.5-T1 Datasheet(HTML) 11 Page - Advanced Analogic Technologies

Back Button AAT1152IKS-1.5-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1152IKS-1.5-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1152IKS-1.5-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT1152IKS-1.5-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT1152IKS-1.5-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT1152IKS-1.5-T1 Datasheet HTML 12Page - Advanced Analogic Technologies AAT1152IKS-1.5-T1 Datasheet HTML 13Page - Advanced Analogic Technologies AAT1152IKS-1.5-T1 Datasheet HTML 14Page - Advanced Analogic Technologies AAT1152IKS-1.5-T1 Datasheet HTML 15Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
AAT1152
850kHz 1A Synchronous Buck DC/DC Converter
1152.2003.01.0.9
11
Power Good
The AAT 1152 features an integrated Power Good
(POK) comparator and open-drain output signal.
The POK pin goes low when the converter’s output
is 12% or more below its nominal regulation volt-
age or when the device is in shutdown. Connect a
pull-up resistor from POK to the converter’s input
or output. Typical resistor pull-up values range
from 100k to 10k.
Inductor
The output inductor is selected to limit the ripple
current to some predetermined value, typically 20-
40% of the full load current at the maximum input
voltage. Manufacturer's specifications list both the
inductor DC current rating, which is a thermal limi-
tation, and the peak current rating, which is deter-
mined by the saturation characteristics. The induc-
tor should not show any appreciable saturation
under all normal load conditions. During over load
and short circuit conditions, the average current in
the inductor can meet or exceed the ILIMIT point of
the AAT1152 without effecting the converter per-
formance. Some inductors may have sufficient
peak and average current ratings yet result in
excessive losses due to a high DCR. Always con-
sider the losses associated with the DCR and its
effect on the total converter efficiency when select-
ing an inductor.
For a 1 Amp load and the ripple set to 30% at the
maximum input voltage, the maximum peak to
peak ripple current is 300 mA. The inductance
value required is 3.9µH.
The factor "k" is the fraction of full load selected for
the ripple current at the maximum input voltage.
The corresponding inductor rms current is:
IRMS =
Io2 +
∆I2 ≈ I
o = 1.0A
12
∆I is the peak to peak ripple current which is fixed by
the inductor selection above. For a peak to peak cur-
rent of 30% of the full load current the peak current
at full load will be 115% of the full load. The 4.1µH
inductor selected from the Sumida CDRH5D18
series has a 57 m
Ω DCR and a 1.95 Amp DC cur-
rent rating. At full load the inductor DC loss is 57mW
which amounts to a 3.8% loss in efficiency.
Input Capacitor
The primary function of the input capacitor is to pro-
vide a low impedance loop for the edges of pulsed
current drawn by the AAT1152. A low ESR/ESL
ceramic capacitor is ideal for this function. To mini-
mize the stray inductance the capacitor should be
placed as close as possible to the IC. This keeps
the high frequency content of the input current
localized, minimizing radiated and conducted EMI
while facilitating optimum performance of the
AAT1152. Ceramic X5R or X7R capacitors are
ideal for this function. The size required will vary
depending on the load, output voltage and input
voltage source impedance characteristics. A typi-
cal value is around 10µF. The input capacitor RMS
current varies with the input voltage and the output
voltage. The equation for the maximum RMS cur-
rent in the input capacitor is:
The input capacitor RMS ripple current reaches a
maximum when VIN is two times the output voltage
where it is approximately one half of the load cur-
rent. Losses associated with the input ceramic
capacitor are typically minimal and not an issue. The
proper placement of the input capacitor can be seen
in the reference design layout in figures 5 and 6.
V
O
V
O
I
RMS = IO
⋅ 1 -
V
IN
V
IN
V
OUT
V
OUT
1.5
V
1.5V
L =
⋅ 1 -
L = 3.9
µH
L =
⋅ 1 -
I
O ⋅ k ⋅ F
V
IN
1.0A
⋅ 0.3 ⋅ 830kHz
4.2V


Similar Part No. - AAT1152IKS-1.5-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1152IKS-1.0-T1 ANALOGICTECH-AAT1152IKS-1.0-T1 Datasheet
658Kb / 17P
   850kHz 1A Buck DC/DC Converter
AAT1152IKS-1.8-T1 ANALOGICTECH-AAT1152IKS-1.8-T1 Datasheet
658Kb / 17P
   850kHz 1A Buck DC/DC Converter
More results

Similar Description - AAT1152IKS-1.5-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1152 ANALOGICTECH-AAT1152_06 Datasheet
658Kb / 17P
   850kHz 1A Buck DC/DC Converter
AAT1151 ANALOGICTECH-AAT1151 Datasheet
385Kb / 16P
   850kHz 700mA Synchronous Buck DC/DC Converter
AAT1151 ANALOGICTECH-AAT1151_07 Datasheet
559Kb / 16P
   850kHz 700mA Synchronous Buck DC/DC Converter
logo
Skyworks Solutions Inc.
AAT1151 SKYWORKS-AAT1151 Datasheet
1Mb / 16P
   850kHz 700mA Synchronous Buck DC/DC Converter
logo
BCD Semiconductor Manuf...
AP3417A BCDSEMI-AP3417A Datasheet
499Kb / 12P
   1A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
logo
Enpirion, Inc.
EN5310 ENPIRION-EN5310 Datasheet
308Kb / 10P
   1A Voltage Mode Synchronous Buck PWM DC-DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN26 SIGE-AATIAN26 Datasheet
241Kb / 4P
   850kHz 1A Buck Regulator
logo
List of Unclassifed Man...
TS33002 ETC2-TS33002 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
logo
Diodes Incorporated
AP3502F DIODES-AP3502F Datasheet
519Kb / 11P
   SYNCHRONOUS DC-DC BUCK CONVERTER
logo
List of Unclassifed Man...
TS33001 ETC2-TS33001 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com