Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2S4M Datasheet(PDF) 3 Page - NEC

Part # 2S4M
Description  THYRISTORS 2 A HIGH-SPEED SWITCHING SCR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2S4M Datasheet(HTML) 3 Page - NEC

  2S4M Datasheet HTML 1Page - NEC 2S4M Datasheet HTML 2Page - NEC 2S4M Datasheet HTML 3Page - NEC 2S4M Datasheet HTML 4Page - NEC 2S4M Datasheet HTML 5Page - NEC 2S4M Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Data Sheet D13535EJ2V0DS
3
2S2M, 2S4M


Similar Part No. - 2S4M

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
2S4M KERSEMI-2S4M Datasheet
1Mb / 4P
   Employs flame-retardant epoxy resin
More results

Similar Description - 2S4M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
3P4MH RENESAS-3P4MH Datasheet
373Kb / 8P
   THYRISTORS 3 A MOLD SCR
2002
logo
NTE Electronics
NTE5351 NTE-NTE5351 Datasheet
21Kb / 2P
   Silicon Controlled Rectifier (SCR) for High Speed Switching
NTE5374 NTE-NTE5374 Datasheet
21Kb / 2P
   Silicon Controlled Rectifier (SCR) for High Speed Switching
logo
STMicroelectronics
TN2010H-6I STMICROELECTRONICS-TN2010H-6I Datasheet
230Kb / 10P
   20 A 600 V high temperature SCR thyristors in insulated TO-220
December 2019 Rev 1
TN2015H-6I STMICROELECTRONICS-TN2015H-6I Datasheet
230Kb / 10P
   20 A 600 V high temperature SCR thyristors in insulated TO-220
December 2019 Rev 1
TN1610H-6I STMICROELECTRONICS-TN1610H-6I Datasheet
224Kb / 10P
   16 A 600 V high temperature SCR thyristors in insulated TO-220
December 2019 Rev 1
logo
Littelfuse
SV6016DX LITTELFUSE-SV6016DX Datasheet
747Kb / 6P
   Thyristors 16 Amp High Junction Temperature SCR in DPAK pacakge
Revised: 04/17/20
logo
Powerex Power Semicondu...
T72H0135 POWEREX-T72H0135 Datasheet
3Mb / 4P
   Fast Switching SCR
logo
Inchange Semiconductor ...
T627062064DN ISC-T627062064DN Datasheet
224Kb / 2P
   Fast Switching SCR
logo
STMicroelectronics
F0810MH STMICROELECTRONICS-F0810MH Datasheet
296Kb / 5P
   FAST SWITCHING SCR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com