Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W241024AI-20 Datasheet(PDF) 9 Page - Winbond

Part # W241024AI-20
Description  128L X 8 HIGH SPEED CMOS STATIC RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W241024AI-20 Datasheet(HTML) 9 Page - Winbond

Back Button W241024AI-20 Datasheet HTML 3Page - Winbond W241024AI-20 Datasheet HTML 4Page - Winbond W241024AI-20 Datasheet HTML 5Page - Winbond W241024AI-20 Datasheet HTML 6Page - Winbond W241024AI-20 Datasheet HTML 7Page - Winbond W241024AI-20 Datasheet HTML 8Page - Winbond W241024AI-20 Datasheet HTML 9Page - Winbond W241024AI-20 Datasheet HTML 10Page - Winbond W241024AI-20 Datasheet HTML 11Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
W241024A
Publication Release Date: July 1998
- 9 -
Revision A9
Package Dimensions, continued
32-pin SOJ (400 mil)
1. Dimension D Max & S include mold flash
or tie bar burrs.
2. Dimension b does not include dambar
protrusion/intrusion.
4. Controlling dimension: Inches
5. General appearance spec. should be based
on final visual inspection spec.
0.28
0.15
0.011
0.006
Notes:
Symbol
Min.
Nom.
Max.
Max.
Nom.
Min.
Dimension in inches
Dimension in mm
A
b
c
D
e
HE
L
y
A
A
S
1
1
2
E
0.145
3.68
0.025
0.105
0.016
0.110
0.115
0.020
2.67
0.41
0.635
2.79
2.91
0.51
0.082
0.004
-5
6
0.825
0.830
2.08
20.96 21.08
0.37
9.40
0.10
10.29
10.16
10.03
0.405
0.400
0.395
11.05
11.18
11.31
0.435
0.440
0.445
3. Dimension D & E include mold mismatch
and are determined at the mold parting line.
e
b 1
0.044
0.050
0.056
1.12
1.27
1.42
0.045
1.14
D
Seating Plane
s
b
b 1
1
32
e
1
A
y
A 2
A
L
1
e
16
17
E
E
H
c
3.51
3.33
0.138
0.131
0.026
0.028
0.032
0.66
0.71
0.81
0.820
20.83
0.018
0.46
0.008
0.20
0.360
0.380
9.15
9.65
-5
6
2
2
θ
32-pin Standard Type One TSOP
A
A
A
2
1
L
L1
Y
c
E
H
D
D
b
e
M
0.10(0.004)
θ
Min.
Nom.
Max.
Min.
Nom.
Max.
Symbol
A
A
b
c
D
E
e
L
L
Y
1
1
2
A
H D
Note:
Controlling dimension: Millimeter
Dimension in Inches
0.047
0.006
0.041
0.039
0.037
0.007
0.008
0.009
0.005
0.006
0.007
0.720
0.724
0.728
0.311
0.315
0.319
0.780
0.787
0.795
0.020
0.016
0.020
0.024
0.031
0.000
0.004
1
3
5
0.002
1.20
0.05
0.15
1.05
1.00
0.95
0.17
0.12
18.30
7.90
19.80
0.40
0.00
1
0.20
0.23
0.15
0.17
18.40
18.50
8.00
8.10
20.00
20.20
0.50
0.50
0.60
0.80
0.10
3
5
Dimension in mm
θ
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__


Similar Part No. - W241024AI-20

ManufacturerPart #DatasheetDescription
logo
Winbond
W24100 WINBOND-W24100 Datasheet
172Kb / 11P
   128K X 8 CMOS STATIC RAM
W24100-70L WINBOND-W24100-70L Datasheet
172Kb / 11P
   128K X 8 CMOS STATIC RAM
W24100-70LL WINBOND-W24100-70LL Datasheet
172Kb / 11P
   128K X 8 CMOS STATIC RAM
W24100Q-70L WINBOND-W24100Q-70L Datasheet
172Kb / 11P
   128K X 8 CMOS STATIC RAM
W24100Q-70LL WINBOND-W24100Q-70LL Datasheet
172Kb / 11P
   128K X 8 CMOS STATIC RAM
More results

Similar Description - W241024AI-20

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T14M1024A TMT-T14M1024A Datasheet
74Kb / 10P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Winbond
W24129A WINBOND-W24129A Datasheet
199Kb / 9P
   16K X 8 HIGH-SPEED CMOS STATIC RAM
W24L257A WINBOND-W24L257A Datasheet
209Kb / 9P
   32K X 8 High Speed CMOS Static RAM
logo
Pyramid Semiconductor C...
P4C1024 PYRAMID-P4C1024 Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61C256AL ISSI-IS61C256AL Datasheet
633Kb / 12P
   32K X 8 HIGH-SPEED CMOS STATIC RAM
IS63WV1024BLL ISSI-IS63WV1024BLL Datasheet
136Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61LV2568L ISSI-IS61LV2568L_08 Datasheet
242Kb / 14P
   256K x 8 HIGH-SPEED CMOS STATIC RAM
IS61LV2568L ISSI-IS61LV2568L Datasheet
75Kb / 14P
   256K x 8 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
P4C1256 ETC1-P4C1256 Datasheet
89Kb / 8P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Taiwan Memory Technolog...
T14L1024A TMT-T14L1024A Datasheet
86Kb / 12P
   128K X 8 HIGH SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com