Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962R9858302VXX Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # 5962R9858302VXX
Description  20MHz 16-bit Microcontroller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

5962R9858302VXX Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  5962R9858302VXX Datasheet HTML 1Page - Aeroflex Circuit Technology 5962R9858302VXX Datasheet HTML 2Page - Aeroflex Circuit Technology 5962R9858302VXX Datasheet HTML 3Page - Aeroflex Circuit Technology 5962R9858302VXX Datasheet HTML 4Page - Aeroflex Circuit Technology 5962R9858302VXX Datasheet HTML 5Page - Aeroflex Circuit Technology 5962R9858302VXX Datasheet HTML 6Page - Aeroflex Circuit Technology 5962R9858302VXX Datasheet HTML 7Page - Aeroflex Circuit Technology 5962R9858302VXX Datasheet HTML 8Page - Aeroflex Circuit Technology 5962R9858302VXX Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Notes:
1.
The Unimplemented Opcode and Software Trap interrupts are not prioritized. The Interrupt Controller immediately services these interrupts when they are
asserted. NMI has the highest priority of all prioritized interrupts. Any PTS interrupt has priority over lower priority interru pts, and over all other maskable
interrupts. The standard maskable interrupts are serviced according to their priority number with INT0 has the lowest priority of all interrupts.
2.
These interrupts can be configured to function as independent, external interrupts.
3.
If the Serial interrupt is masked and the Receive and Transmit interrupts are enabled, the RI flag and TI flag generate separate Receive and Transmit inter-
rupts.
4.
If the Receive and Transmit interrupts are masked and the Serial interrupt is enabled, both RI flag and TI flag generate a Serial Port interrupt.


Similar Part No. - 5962R9858302VXX

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
5962R9858001QXC AEROFLEX-5962R9858001QXC Datasheet
106Kb / 14P
   RadHard Schmitt CMOS 16-bit Bidirectional MultiPurpose Transceiver
5962R9858001VXC AEROFLEX-5962R9858001VXC Datasheet
106Kb / 14P
   RadHard Schmitt CMOS 16-bit Bidirectional MultiPurpose Transceiver
5962R9858002QXC AEROFLEX-5962R9858002QXC Datasheet
106Kb / 14P
   RadHard Schmitt CMOS 16-bit Bidirectional MultiPurpose Transceiver
5962R9858002VXC AEROFLEX-5962R9858002VXC Datasheet
106Kb / 14P
   RadHard Schmitt CMOS 16-bit Bidirectional MultiPurpose Transceiver
5962R9858003QXC AEROFLEX-5962R9858003QXC Datasheet
106Kb / 14P
   RadHard Schmitt CMOS 16-bit Bidirectional MultiPurpose Transceiver
More results

Similar Description - 5962R9858302VXX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CTS9513 ETC-CTS9513 Datasheet
236Kb / 28P
   5 Chan 16 bit 20MHz Counter/Timer
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com