Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U630H16SK45 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # U630H16SK45
Description  HARDSTORE 2K X 8 NVSRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

U630H16SK45 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  U630H16SK45 Datasheet HTML 1Page - List of Unclassifed Manufacturers U630H16SK45 Datasheet HTML 2Page - List of Unclassifed Manufacturers U630H16SK45 Datasheet HTML 3Page - List of Unclassifed Manufacturers U630H16SK45 Datasheet HTML 4Page - List of Unclassifed Manufacturers U630H16SK45 Datasheet HTML 5Page - List of Unclassifed Manufacturers U630H16SK45 Datasheet HTML 6Page - List of Unclassifed Manufacturers U630H16SK45 Datasheet HTML 7Page - List of Unclassifed Manufacturers U630H16SK45 Datasheet HTML 8Page - List of Unclassifed Manufacturers U630H16SK45 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
April 7, 2005
U630H16
DC Characteristics
Symbol
Conditions
Min.
Max.
Unit
Output High Voltage
Output Low Voltage
VOH
VOL
VCC
IOH
IOL
= 4.5 V
=-4 mA
= 8 mA
2.4
0.4
V
V
Output High Current
Output Low Current
IOH
IOL
VCC
VOH
VOL
= 4.5 V
= 2.4 V
= 0.4 V
8
-4
mA
mA
Input Leakage Current
High
Low
IIH
IIL
VCC
VIH
VIL
= 5.5 V
= 5.5 V
=
0 V
-1
1
µA
µA
Output Leakage Current
High at Three-State- Output
Low at Three-State- Output
IOHZ
IOLZ
VCC
VOH
VOL
= 5.5 V
= 5.5 V
=
0 V
-1
1
µA
µA
SRAM Memory Operations
No.
Switching Characteristics
Read Cycle
Symbol
25
35
45
Unit
Alt.
IEC
Min. Max. Min. Max. Min. Max.
1
Read Cycle Timef
tAVAV
tcR
25
35
45
ns
2
Address Access Time to Data Validg
tAVQV
ta(A)
25
35
45
ns
3
Chip Enable Access Time to Data Valid
tELQV
ta(E)
25
35
45
ns
4
Output Enable Access Time to Data Valid
tGLQV
ta(G)
12
20
25
ns
5E HIGH to Output in High-Zh
tEHQZ
tdis(E)
13
17
20
ns
6G HIGH to Output in High-Zh
tGHQZ
tdis(G)
13
17
20
ns
7E LOW to Output in Low-Z
tELQX
ten(E)
55
5
ns
8G LOW to Output in Low-Z
tGLQX
ten(G)
00
0
ns
9
Output Hold Time after Addr. Changeg
tAXQX
tv(A)
33
3
ns
10 Chip Enable to Power Activee
tELICCH
tPU
00
0
ns
11 Chip Disable to Power Standbyd, e
tEHICCL
tPD
25
35
45
ns
e: Parameter guaranteed but not tested.
f:
Device is continuously selected with E and G both LOW.
g: Address valid prior to or coincident with E transition LOW.
h: Measured
± 200 mV from steady state output voltage.


Similar Part No. - U630H16SK45

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
U630H16SK45 SIMTEK-U630H16SK45 Datasheet
152Kb / 15P
   HardStore 2K x 8 nvSRAM
U630H16SK45G1 SIMTEK-U630H16SK45G1 Datasheet
152Kb / 15P
   HardStore 2K x 8 nvSRAM
More results

Similar Description - U630H16SK45

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
U630H16 SIMTEK-U630H16 Datasheet
152Kb / 15P
   HardStore 2K x 8 nvSRAM
U630H16P SIMTEK-U630H16P Datasheet
178Kb / 17P
   HardStore 2K x 8 nvSRAM
U630H16PA35 SIMTEK-U630H16PA35 Datasheet
324Kb / 15P
   HardStore 2K x 8 nvSRAM
U630H16XS SIMTEK-U630H16XS Datasheet
243Kb / 16P
   HardStore 2K x 8 nvSRAM Die
logo
List of Unclassifed Man...
U630H64 ETC1-U630H64 Datasheet
210Kb / 14P
   HardStore 8K x 8 nvSRAM
STK10C48 ETC-STK10C48 Datasheet
106Kb / 9P
   2K X 8 NVSRAM
logo
Simtek Corporation
U631H16 SIMTEK-U631H16 Datasheet
133Kb / 13P
   SimtekSoftStore 2K x 8 nvSRAM
logo
List of Unclassifed Man...
U63716 ETC-U63716 Datasheet
206Kb / 13P
   CAPSTORE 2K X 8 NVSRAM
STK25C48 ETC-STK25C48 Datasheet
84Kb / 8P
   2K X 8 AUTOSTORE NVSRAM
U631H16 ETC-U631H16 Datasheet
275Kb / 12P
   SOFTSTORE 2K X 8 NVSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com