Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U630H16D1C35 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # U630H16D1C35
Description  HARDSTORE 2K X 8 NVSRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

U630H16D1C35 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button U630H16D1C35 Datasheet HTML 3Page - List of Unclassifed Manufacturers U630H16D1C35 Datasheet HTML 4Page - List of Unclassifed Manufacturers U630H16D1C35 Datasheet HTML 5Page - List of Unclassifed Manufacturers U630H16D1C35 Datasheet HTML 6Page - List of Unclassifed Manufacturers U630H16D1C35 Datasheet HTML 7Page - List of Unclassifed Manufacturers U630H16D1C35 Datasheet HTML 8Page - List of Unclassifed Manufacturers U630H16D1C35 Datasheet HTML 9Page - List of Unclassifed Manufacturers U630H16D1C35 Datasheet HTML 10Page - List of Unclassifed Manufacturers U630H16D1C35 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
April 7, 2005
U630H16
Nonvolatile Memory Operations
No.
STORE Cycle Inhibit and
Automatic Power Up RECALL
Symbol
Min.
Max.
Unit
Alt.
IEC
24
Power Up RECALL Durationk, e
tRESTORE
650
µs
Low Voltage Trigger Level
VSWITCH
4.0
4.5
V
k: tRESTORE starts from the time VCC rises above VSWITCH.
STORE Cycle Inhibit and Automatic Power Up RECALL
VCC
5.0 V
STORE inhibit
Power Up
VSWITCH
tRESTORE
RECALL
(24)
t
Mode Selection
E
W
G
NE
Mode
Power
Notes
L
H
L
L
Nonvolatile RECALL
Active
l
L
L
H
L
Nonvolatile STORE
ICC2
L
L
L
H
L
H
L
*
No operation
Active
* H or L
l:
An automatic RECALL also takes place at power up, starting when VCC exceeds VSWITCH and takes tRESTORE. VCC must not drop below
VSWITCH once it has been exceeded for the RECALL to function properly.


Similar Part No. - U630H16D1C35

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
U630H16D1C35 SIMTEK-U630H16D1C35 Datasheet
152Kb / 15P
   HardStore 2K x 8 nvSRAM
U630H16D1C35G1 SIMTEK-U630H16D1C35G1 Datasheet
152Kb / 15P
   HardStore 2K x 8 nvSRAM
More results

Similar Description - U630H16D1C35

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
U630H16 SIMTEK-U630H16 Datasheet
152Kb / 15P
   HardStore 2K x 8 nvSRAM
U630H16P SIMTEK-U630H16P Datasheet
178Kb / 17P
   HardStore 2K x 8 nvSRAM
U630H16PA35 SIMTEK-U630H16PA35 Datasheet
324Kb / 15P
   HardStore 2K x 8 nvSRAM
U630H16XS SIMTEK-U630H16XS Datasheet
243Kb / 16P
   HardStore 2K x 8 nvSRAM Die
logo
List of Unclassifed Man...
U630H64 ETC1-U630H64 Datasheet
210Kb / 14P
   HardStore 8K x 8 nvSRAM
STK10C48 ETC-STK10C48 Datasheet
106Kb / 9P
   2K X 8 NVSRAM
logo
Simtek Corporation
U631H16 SIMTEK-U631H16 Datasheet
133Kb / 13P
   SimtekSoftStore 2K x 8 nvSRAM
logo
List of Unclassifed Man...
U63716 ETC-U63716 Datasheet
206Kb / 13P
   CAPSTORE 2K X 8 NVSRAM
STK25C48 ETC-STK25C48 Datasheet
84Kb / 8P
   2K X 8 AUTOSTORE NVSRAM
U631H16 ETC-U631H16 Datasheet
275Kb / 12P
   SOFTSTORE 2K X 8 NVSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com