Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UL634H256SK35 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # UL634H256SK35
Description  LOW VOLTAGE POWERSTORE 32K X 8 NVSRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

UL634H256SK35 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button UL634H256SK35 Datasheet HTML 5Page - List of Unclassifed Manufacturers UL634H256SK35 Datasheet HTML 6Page - List of Unclassifed Manufacturers UL634H256SK35 Datasheet HTML 7Page - List of Unclassifed Manufacturers UL634H256SK35 Datasheet HTML 8Page - List of Unclassifed Manufacturers UL634H256SK35 Datasheet HTML 9Page - List of Unclassifed Manufacturers UL634H256SK35 Datasheet HTML 10Page - List of Unclassifed Manufacturers UL634H256SK35 Datasheet HTML 11Page - List of Unclassifed Manufacturers UL634H256SK35 Datasheet HTML 12Page - List of Unclassifed Manufacturers UL634H256SK35 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
April 7, 2005
UL634H256
u: If the chip enable pulse width is less then ta(E) (see READ cycle) but greater than or equal to tw(E)SR, then the data may not be valid at
the end of the low pulse, however the STORE or RECALL will still be initiated.
v: W must be HIGH when E is LOW during the address sequence in order to initiate a nonvolatile cycle. G may be either HIGH or LOW
throughout. Addresses 1 through 6 are found in the mode selection table. Address 6 determines whether the UL634H256 performs a
STORE or RECALL.
w: E must be used to clock in the address sequence for the software controlled STORE and RECALL cycles
tcR
tw(E)SR
ADDRESS 1
VALID
Software Controlled STORE/RECALL Cyclet, u, v, w (E = HIGH after STORE initiation)
ADDRESS 6
(29)
(29)
th(A)SR
(35)
(34)
tsu(A)SR (33)
tcR
tw(E)SR
ADDRESS 1
VALID
VALID
ADDRESS 6
td(E)S (31)
(32)
(29)
th(A)SR
(35)
(34)
tsu(A)SR (33)
tdis(E)SR (30)
th(A)SR
(35)
tsu(A)SR
(33)
tw(E)SR
th(A)SR (35)
(34)
tsu(A)SR
(33)
(5)
tdis(E)
Software Controlled STORE/RECALL Cyclet, u, v, w (E = LOW after STORE initiation)
tdis(E)SR (30)
VALID
High Impedance
High Impedance
Ai
E
DQi
Output
Ai
E
DQi
Output
td(E)S (31)
(32)
td(E)R
td(E)R
tcR


Similar Part No. - UL634H256SK35

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
UL634H256SK35G1 SIMTEK-UL634H256SK35G1 Datasheet
350Kb / 15P
   Low Voltage PowerStore 32K x 8 nvSRAM
More results

Similar Description - UL634H256SK35

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
UL635H256 SIMTEK-UL635H256 Datasheet
187Kb / 14P
   Low Voltage PowerStore 32K x 8 nvSRAM
logo
List of Unclassifed Man...
UL635H256 ETC-UL635H256 Datasheet
211Kb / 13P
   LOW VOLTAGE POWERSTORE 32K X 8 NVSRAM
logo
Simtek Corporation
UL634H256 SIMTEK-UL634H256 Datasheet
350Kb / 15P
   Low Voltage PowerStore 32K x 8 nvSRAM
U635H256 SIMTEK-U635H256 Datasheet
258Kb / 14P
   PowerStore 32K x 8 nvSRAM
logo
Zentrum Mikroelektronik...
U634H256 ZMD-U634H256 Datasheet
248Kb / 14P
   POWERSTORE 32K X 8 NVSRAM
logo
Simtek Corporation
U634H256 SIMTEK-U634H256 Datasheet
359Kb / 15P
   PowerStore 32K x 8 nvSRAM
U634H256XS SIMTEK-U634H256XS Datasheet
256Kb / 17P
   PowerStore 32K x 8 nvSRAM Die
logo
Cypress Semiconductor
STK15C88 CYPRESS-STK15C88 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) PowerStore nvSRAM
logo
Simtek Corporation
U632H64 SIMTEK-U632H64 Datasheet
408Kb / 15P
   PowerStore 8K x 8 nvSRAM
U632H16 SIMTEK-U632H16 Datasheet
403Kb / 15P
   PowerStore 2K x 8 nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com