Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U6264BSK07 Datasheet(PDF) 2 Page - Zentrum Mikroelektronik Dresden AG

Part # U6264BSK07
Description  STANDARD 5K X 8 SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

U6264BSK07 Datasheet(HTML) 2 Page - Zentrum Mikroelektronik Dresden AG

  U6264BSK07 Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG U6264BSK07 Datasheet HTML 2Page - Zentrum Mikroelektronik Dresden AG U6264BSK07 Datasheet HTML 3Page - Zentrum Mikroelektronik Dresden AG U6264BSK07 Datasheet HTML 4Page - Zentrum Mikroelektronik Dresden AG U6264BSK07 Datasheet HTML 5Page - Zentrum Mikroelektronik Dresden AG U6264BSK07 Datasheet HTML 6Page - Zentrum Mikroelektronik Dresden AG U6264BSK07 Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG U6264BSK07 Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG U6264BSK07 Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
April 20, 2004
U6264B
Block Diagram
* H or L
Operating Mode
E1
E2
W
G
DQ0 - DQ7
Standby/not selected
*
L
*
*
High-Z
H
***
High-Z
Internal Read
L
H
H
H
High-Z
Read
L
H
H
L
Data Outputs Low-Z
Write
L
H
L
*
Data Inputs High-Z
Truth Table
Address
Change
Detector
A0
A1
A2
A3
A10
Memory Cell
Array
256 Rows x
256 Columns
Sense Amplifier/
Write Control Logic
Clock
Generator
1
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
E2
E1
VCC
VSS
W
G
A4
A5
A6
A7
A8
A9
A11
A12


Similar Part No. - U6264BSK07

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
U6264AS1A07 ZMD-U6264AS1A07 Datasheet
167Kb / 8P
   Automotive 8K x 8 SRAM
U6264ASA07 ZMD-U6264ASA07 Datasheet
167Kb / 8P
   Automotive 8K x 8 SRAM
More results

Similar Description - U6264BSK07

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
U62256A ZMD-U62256A Datasheet
164Kb / 10P
   STANDARD 32K X 8 SRAM
logo
List of Unclassifed Man...
U62256 ETC-U62256 Datasheet
78Kb / 9P
   STANDARD 32K X 8 SRAM
logo
Cypress Semiconductor
CYM1471 CYPRESS-CYM1471 Datasheet
251Kb / 8P
   2048K x 8 SRAM Module 2048K x 8 SRAM Module
Revised January 2, 1997
logo
Austin Semiconductor
MT5C6408 AUSTIN-MT5C6408 Datasheet
100Kb / 12P
   8K x 8 SRAM
logo
Aeroflex Circuit Techno...
UT7Q512 AEROFLEX-UT7Q512 Datasheet
107Kb / 16P
   512K x 8 SRAM
logo
MOSAIC
MSM8128 MOSAIC-MSM8128 Datasheet
585Kb / 10P
   128K x 8 SRAM
logo
Austin Semiconductor
AS5C4008 AUSTIN-AS5C4008_05 Datasheet
117Kb / 17P
   512K x 8 SRAM SRAM MEMORY ARRAY
AS5C2568 AUSTIN-AS5C2568 Datasheet
145Kb / 9P
   32K x 8 SRAM SRAM MEMORY ARRAY
AS5C4008 AUSTIN-AS5C4008 Datasheet
333Kb / 17P
   512K x 8 SRAM SRAM MEMORY ARRAY
AS5C2568DJ AUSTIN-AS5C2568DJ Datasheet
267Kb / 9P
   32K x 8 SRAM SRAM MEMORY ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com