Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U630H16D1A25 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # U630H16D1A25
Description  HARDSTORE 2K X 8 NVSRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

U630H16D1A25 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button U630H16D1A25 Datasheet HTML 4Page - List of Unclassifed Manufacturers U630H16D1A25 Datasheet HTML 5Page - List of Unclassifed Manufacturers U630H16D1A25 Datasheet HTML 6Page - List of Unclassifed Manufacturers U630H16D1A25 Datasheet HTML 7Page - List of Unclassifed Manufacturers U630H16D1A25 Datasheet HTML 8Page - List of Unclassifed Manufacturers U630H16D1A25 Datasheet HTML 9Page - List of Unclassifed Manufacturers U630H16D1A25 Datasheet HTML 10Page - List of Unclassifed Manufacturers U630H16D1A25 Datasheet HTML 11Page - List of Unclassifed Manufacturers U630H16D1A25 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
April 7, 2005
U630H16
STORE Cycles
No. STORE Cycle W-controlled
Symbol
Min.
Max.
Unit
Alt.
IEC
25
STORE Cycle Timem
tWLQX
td(W)S
10
ms
26
STORE Initiation Cycle Timen
tWLNH
tw(W)S
25
ns
27
Output Disable Setup to NE Fall
tGHNL
tsu(G)S
5ns
28
NE Setup
tNLWL
tsu(N)S
5ns
29
Chip Enable Setup
tELWL
tsu(E)S
5ns
STORE Cycle: W-controlledo
tsu(G)S tsu(N)S
tw(W)S
tsu(E)S
td(W)S
High Impedance
(25)
(29)
(28)
(27)
(26)
NE
G
W
E
DQi
Output
STORE Cycle: E-controlledo
No. STORE Cycle E-controlled
Symbol
Min.
Max.
Unit
Alt.
IEC
30
STORE Cycle Time
tELQXS
td(E)S
10
ms
31
STORE Initiation Cycle Time
tELNHS
tw(E)S
25
ns
32
Output Disable Setup to E Fall
tGHEL
tsu(G)S
5ns
33
NE Setup
tNLEL
tsu(N)S
5ns
34
Write Enable Setup
tWLEL
tsu(W)S
5ns
tsu(N)S
tsu(G)S
tsu(W)S
td(E)S
High Impedance
(30)
(31)
(33)
(32)
(34)
tw(E)S
NE
G
W
E
DQi
Output


Similar Part No. - U630H16D1A25

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
U630H16D1A25 SIMTEK-U630H16D1A25 Datasheet
152Kb / 15P
   HardStore 2K x 8 nvSRAM
U630H16D1A25G1 SIMTEK-U630H16D1A25G1 Datasheet
152Kb / 15P
   HardStore 2K x 8 nvSRAM
More results

Similar Description - U630H16D1A25

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
U630H16 SIMTEK-U630H16 Datasheet
152Kb / 15P
   HardStore 2K x 8 nvSRAM
U630H16P SIMTEK-U630H16P Datasheet
178Kb / 17P
   HardStore 2K x 8 nvSRAM
U630H16PA35 SIMTEK-U630H16PA35 Datasheet
324Kb / 15P
   HardStore 2K x 8 nvSRAM
U630H16XS SIMTEK-U630H16XS Datasheet
243Kb / 16P
   HardStore 2K x 8 nvSRAM Die
logo
List of Unclassifed Man...
U630H64 ETC1-U630H64 Datasheet
210Kb / 14P
   HardStore 8K x 8 nvSRAM
STK10C48 ETC-STK10C48 Datasheet
106Kb / 9P
   2K X 8 NVSRAM
logo
Simtek Corporation
U631H16 SIMTEK-U631H16 Datasheet
133Kb / 13P
   SimtekSoftStore 2K x 8 nvSRAM
logo
List of Unclassifed Man...
U63716 ETC-U63716 Datasheet
206Kb / 13P
   CAPSTORE 2K X 8 NVSRAM
STK25C48 ETC-STK25C48 Datasheet
84Kb / 8P
   2K X 8 AUTOSTORE NVSRAM
U631H16 ETC-U631H16 Datasheet
275Kb / 12P
   SOFTSTORE 2K X 8 NVSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com