Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U63716DC70 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # U63716DC70
Description  CAPSTORE 2K X 8 NVSRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

U63716DC70 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button U63716DC70 Datasheet HTML 5Page - List of Unclassifed Manufacturers U63716DC70 Datasheet HTML 6Page - List of Unclassifed Manufacturers U63716DC70 Datasheet HTML 7Page - List of Unclassifed Manufacturers U63716DC70 Datasheet HTML 8Page - List of Unclassifed Manufacturers U63716DC70 Datasheet HTML 9Page - List of Unclassifed Manufacturers U63716DC70 Datasheet HTML 10Page - List of Unclassifed Manufacturers U63716DC70 Datasheet HTML 11Page - List of Unclassifed Manufacturers U63716DC70 Datasheet HTML 12Page - List of Unclassifed Manufacturers U63716DC70 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
April 7, 2005
U63716
Device Operation
The U63716 has two separate modes of operation:
SRAM mode and nonvolatile mode. The memory ope-
rates in SRAM mode as a standard static RAM.
Data is transferred in nonvolatile mode from SRAM to
EEPROM (the STORE operation) or from EEPROM to
SRAM (the RECALL operation). In this mode SRAM
functions are disabled.
STORE cycles may be initiated under user control via a
software sequence and are also automatically initiated
when the power supply voltage level of the chip falls
below VSWITCH. RECALL operations are automatically
initiated upon power up and may also occur when the
VCC rises above VSWITCH, after a low power condition.
RECALL cycles may also be initiated by a software
sequence.
SRAM READ
The U63716 performs a READ cycle whenever E and
G are LOW and W is HIGH. The address specified on
pins A0 - A10 determines which of the 2048 data bytes
will be accessed. When the READ is initiated by an
address transition, the outputs will be valid after a delay
of tcR. If the READ is initiated by E or G, the outputs will
be valid at ta(E) or at ta(G), whichever is later. The data
outputs will repeatedly respond to address changes
within the tcR access time without the need for transition
on any control input pins, and will remain valid until
another address change or until E or G is brought
HIGH or W is brought LOW.
SRAM WRITE
A WRITE cycle is performed whenever E and W are
LOW. The address inputs must be stable prior to
entering the WRITE cycle and must remain stable until
either E or W goes HIGH at the end of the cycle. The
data on pins DQ0 - 7 will be written into the memory if it
is valid tsu(D) before the end of a W controlled WRITE or
tsu(D) before the end of an E controlled WRITE.
It is recommended that G is kept HIGH during the
entire WRITE cycle to avoid data bus contention on the
common I/O lines. If G is left LOW, internal circuitry will
turn off the output buffers tdis (W) after W goes LOW.
Automatic STORE
During normal operation, the U63716 will draw current
from VCC to charge up an integrated capacitor. This
stored charge will be used by the chip to perform a sin-
gle STORE operation. If the voltage on the VCC pin
drops below VSWITCH, the part will automatically discon-
nect the internal components from the external power
supply with a typical delay of 150 ns and initiate a
STORE operation with tPDSTORE max. 10 ms.
In order to prevent unneeded STORE operations, auto-
matic STORE will be ignored unless at least one
WRITE operation has taken place since the most
recent STORE or RECALL cycle. Software initiated
STORE cycles are performed regardless of whether or
not a WRITE operation has taken place.
SRAM READ and WRITE operations that are in pro-
gress after an automatic STORE cycle on power down
is requested are given time to complete before the
STORE operation is initiated.
During tDELAY multiple SRAM READ operations may
take place. If a WRITE is in progress it will be allowed a
time, tDELAY, to complete. Any SRAM WRITE cycles
requested after the VCC pin drops below VSWITCH will be
inhibited.
Automatic RECALL
During power up, an automatic RECALL takes place. At
a low power condition (power supply voltage < VSWITCH)
an internal RECALL request may be latched. As soon
as power supply voltage exceeds the sense voltage of
VSWITCH, a requested RECALL cycle will automatically
be initiated and will take tRESTORE to complete.
If the U63716 is in a WRITE state at the end of power
up RECALL, the SRAM data will be corrupted.
To help avoid this situation, a 10 k
Ω resistor should be
connected between W and power supply voltage.
Software Nonvolatile STORE
The U63716 software controlled STORE cycle is initia-
ted by executing sequential READ cycles from six spe-
cific address locations. By relying on READ cycles only,
the U63716 implements nonvolatile operation while
remaining compatible with standard 2K x 8 SRAMs.
During the STORE cycle, an erase of the previous non-
volatile data is performed first, followed by a parallel
programming of all the nonvolatile elements. Once a
STORE cycle is initiated, further inputs and outputs are
disabled until the cycle is completed.
Because a sequence of addresses is used for STORE
initiation, it is important that no other READ or WRITE
accesses intervene in the sequence or the sequence
will be aborted.
To initiate the STORE cycle the following READ
sequence must be performed:
1.
Read addresses 000
(hex) Valid READ
2.
Read addresses 555
(hex) Valid READ
3.
Read addresses 2AA
(hex) Valid READ
4.
Read addresses 7FF
(hex) Valid READ
5.
Read addresses 0F0
(hex) Valid READ
6.
Read addresses 70F
(hex) Initiate STORE
Cycle


Similar Part No. - U63716DC70

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
U63716DC70 SIMTEK-U63716DC70 Datasheet
135Kb / 14P
   CapStore 2K x 8 nvSRAM
U63716DC70G1 SIMTEK-U63716DC70G1 Datasheet
135Kb / 14P
   CapStore 2K x 8 nvSRAM
More results

Similar Description - U63716DC70

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
U63716 SIMTEK-U63716 Datasheet
135Kb / 14P
   CapStore 2K x 8 nvSRAM
U637256 SIMTEK-U637256 Datasheet
253Kb / 14P
   CapStore 32K x 8 nvSRAM
U637H256 SIMTEK-U637H256 Datasheet
257Kb / 14P
   CapStore 32K x 8 nvSRAM
U63764 SIMTEK-U63764 Datasheet
136Kb / 14P
   CapStore 8K x 8 nvSRAM
logo
List of Unclassifed Man...
U63764 ETC1-U63764 Datasheet
136Kb / 14P
   CapStore 8K x 8 nvSRAM
U637256 ETC1-U637256 Datasheet
146Kb / 14P
   CapStore 32K x 8 nvSRAM
U637H256 ETC1-U637H256 Datasheet
148Kb / 14P
   CapStore 32K x 8 nvSRAM
STK10C48 ETC-STK10C48 Datasheet
106Kb / 9P
   2K X 8 NVSRAM
logo
Simtek Corporation
U631H16 SIMTEK-U631H16 Datasheet
133Kb / 13P
   SimtekSoftStore 2K x 8 nvSRAM
U630H16 SIMTEK-U630H16 Datasheet
152Kb / 15P
   HardStore 2K x 8 nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com