Part Name
Included
start with
end
match
Description
U6KBA80R
GENERAL PURPOSE RECTIFIERS ( 6 Page)
SHINDENGEN
100%
5 page
0
20
40
60
80
100
120
140
160
0
2
4
6
8
10
SIN
U6KBA80R
Derating Curve
Tc [°C]
Case Temperature
Html Pages
1
2
3
4
5
6
Datasheet Download
Related Electronics Part Number
Part Number
Components Description
Html View
Manufacturer
S3A
3.0
Ampere
General
Purpose
Rectifiers
1
2
3
Fairchild Semiconductor
1N5391
General
Purpose
Rectifiers
1
2
3
Fairchild Semiconductor
D1F20
General
Purpose
Rectifiers
Single
200V
1A
1
2
3
4
5
More
Shindengen Electric Mfg.Co.Ltd
1SG1885
1.2
AMPS
GENERAL
PURPOSE
PLASTIC
RECTIFIERS
VOLTAGE
RANGE
100
TO
600
VOLTS
FOWARD
CURRENT
1.2
AMPERES
1
2
List of Unclassifed Manufacturers
LN15XB60H
General
Purpose
Rectifiers
1
2
3
4
5
More
Shindengen Electric Mfg.Co.Ltd
BY251P
General
Purpose
Rectifiers
1
2
Vishay Siliconix
BYD17
General
purpose
controlled
avalanche
rectifiers
1
2
3
4
5
More
NXP Semiconductors
1N5550
RECTIFIERS
MILITARY
APPROVED
5
AMP
GENERAL
PURPOSE
1
2
Microsemi Corporation
DF25V60
GENERAL
PURPOSE
RECTIFIERS
1
2
3
4
5
Shindengen Electric Mfg.Co.Ltd
CR12-010
Rectifiers
General
Purpose
1
Central Semiconductor Corp
Link URL
Sponsor of Alldatasheet
Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com
World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com
Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com
Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com
Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com
Does ALLDATASHEET help your business so far?
[ DONATE ]
About Alldatasheet
|
Advertisement
|
Partner program
|
Contact us
|
Privacy Policy
|
Bookmark
|
Link Exchange
|
Manufacturer List
All Rights Reserved©
Alldatasheet.com
2003 - 2013
Mirror Sites
English :
Alldatasheet.com
,
Alldatasheet.net
|   Chinese :
Alldatasheetcn.com
| German :
Alldatasheetde.com
| Japanese :
Alldatasheet.jp
| Russian :
Alldatasheetru.com
Korean :
Alldatasheet.co.kr
| Spanish :
Alldatasheet.es
| French :
Alldatasheet.fr
| Italian :
Alldatasheetit.com
| Portuguese :
Alldatasheetpt.com
| Polish :
Alldatasheet.pl