Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3004D2 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3004D2
Description  12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3004D2 Datasheet(HTML) 2 Page - Texas Instruments

  TPA3004D2 Datasheet HTML 1Page - Texas Instruments TPA3004D2 Datasheet HTML 2Page - Texas Instruments TPA3004D2 Datasheet HTML 3Page - Texas Instruments TPA3004D2 Datasheet HTML 4Page - Texas Instruments TPA3004D2 Datasheet HTML 5Page - Texas Instruments TPA3004D2 Datasheet HTML 6Page - Texas Instruments TPA3004D2 Datasheet HTML 7Page - Texas Instruments TPA3004D2 Datasheet HTML 8Page - Texas Instruments TPA3004D2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
TPA3004D2
SLOS407A – FEBRUARY 2003 – MARCH 2003
2
www.ti.com
AVAILABLE OPTIONS
T
PACKAGED DEVICE
TA
48-PIN HTQFP (PHP)†
– 40
°C to 85°C
TPA3004D2PHP
† The PHP package is available taped and reeled. To order a taped and
reeled part, add the suffix R to the part number (e.g., TPA3004D2PHPR).
PHP PACKAGE
(TOP VIEW)
13
14
15 16 17
18 19
20 21 22 23
24
25
26
27
28
29
30
31
32
33
34
35
36
48
47
46 45 44
43 42
41 40 39 38
37
1
2
3
4
5
6
7
8
9
10
11
12
VCLAMPR
MODE_OUT
MODE
VAROUTR
VAROUTL
FADE
COSC
ROSC
AGND
VCLAMPL
SD
RINN
RINP
V2P5
LINP
LINN
VREF
VARDIFF
VARMAX
VOLUME
REFGND
TPA3004D2
AVCC
AVDD
AVDDREF


Similar Part No. - TPA3004D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3004D2 TI-TPA3004D2 Datasheet
736Kb / 43P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3004D2PHP TI-TPA3004D2PHP Datasheet
736Kb / 43P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3004D2PHPG4 TI-TPA3004D2PHPG4 Datasheet
736Kb / 43P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3004D2PHPR TI-TPA3004D2PHPR Datasheet
736Kb / 43P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3004D2PHPRG4 TI-TPA3004D2PHPRG4 Datasheet
736Kb / 43P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results

Similar Description - TPA3004D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3004D2 TI-TPA3004D2_07 Datasheet
736Kb / 43P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3004D2 TI-TPA3004D2_15 Datasheet
879Kb / 47P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3003D2 TI-TPA3003D2 Datasheet
489Kb / 33P
[Old version datasheet]   3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3002D2 TI-TPA3002D2 Datasheet
372Kb / 34P
[Old version datasheet]   9-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA2008D2 TI-TPA2008D2_07 Datasheet
644Kb / 24P
[Old version datasheet]   3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA2008D2 TI-TPA2008D2_15 Datasheet
697Kb / 26P
[Old version datasheet]   3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Richtek Technology Corp...
RT9104 RICHTEK-RT9104 Datasheet
254Kb / 13P
   3W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Power Analog Micoelectr...
PAM8610 PAM-PAM8610 Datasheet
326Kb / 17P
   10W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Diodes Incorporated
PAM8610 DIODES-PAM8610 Datasheet
426Kb / 15P
   10W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Anpec Electronics Corop...
APA2603 ANPEC-APA2603 Datasheet
503Kb / 25P
   3W Stereo Class D Audio Power Amplifier (with DC Volume Control)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com