Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


SPCA701A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. SPCA701A
Description  DIGITAL VIDEO ENCODER FOR VIDEOCD
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

 
 1 page
background image
Sunplus Technology Co., Ltd.
1
Rev.: 0.2
1999.12.07
SPCA701A
DIGITAL VIDEO ENCODER FOR VIDEOCD
Preliminary
GENERAL DESCRIPTION
The SPCA701A is designed specifically for VideoCD, video games and other digital video systems, which require
the conversion of digital YCrCb (MPEG) data to analog NTSC/PAL video.
The device supports a glue-less
interface to most popular MPEG decoders.
The SPCA701A supports worldwide video standards, including
NTSC (N America, Japan) PAL-B, D, G, H, I (Europe, Asia).
Furthermore, the SPCA701A operates with a
single 2x clock and can be powered with a single 3.3V supply.
The composite analog video signal is output
simultaneously onto two outputs.
Therefore, it allows one output to provide base-band composite video while
the other drives a RF modulator.
Alternatively, analog luminance (Y) and chrominance (C) information is
available for interfacing to S-video equipment.
As a slave, the SPCA701A automatically detects the input data
formats (PAL/NTSC, CCIR601) and switches internally to provide the proper format on the outputs.
This feature,
along with the on-board voltage reference and single clock interface, makes the SPCA701A extremely simple to
use.
In addition, use of 2x over-sampling on-chip simplifies external filter design resulting in reduced overall
system cost.
FEATURES
8-bit 4:2:2 YCrCb inputs for glue-less interface to
MPEG decoders
NTSC/PAL composite video outputs (North
American NTSC and Western European PAL)
CVBS or S-video outputs
3.3 V supply voltage
5 V tolerant for all digital I/O data pins
CCIR 601 operation
2x over sampling simplifies external filtering
9-bit DACs
Master or slave video timing
Interlaced operation
Automatic mode detection/switching in slave mode
On-board voltage reference
32-pin PLCC package
BLOCK DIAGRAM
Latch
2 x
Upsample
Mod.
and
Mixer
1.3MHz
LPF
Internal
VREF
DAC
DAC
CLK
P[7:0]
HSYNC*
VSYNC*
MODE[3:0]
MASTER
CBSWAP
SVIDEO
SLEEP
VBIAS VREFOUT
FSADJUST
COMP
VRDAC
CVBS/Y
CVBS/C
9
9
APPLICATIONS
VideoCD
Karaoke/video games
Digital Video Disk (DVD)
Digital VCR
Digital set top box




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SPCA711ADIGITAL VIDEO ENCODER FOR VIDEOCD 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LC78011EDigital RGB Encoder IC for Video CD and CD-G 1 2 3 4 5 MoreSanyo Semicon Device
SAA7126HDigital video encoder 1 2 3 4 5 MoreNXP Semiconductors
SM5831FDigital Filter for Video Signal Processors 1 2 3 4 5 MoreNippon Precision Circuits Inc
SAA7128HDigital video encoder 1 2 3 4 5 MoreNXP Semiconductors
ADV7170Digital PAL/NTSC Video Encoder with 10-Bit SSAF™ and Advanced Power Management 1 2 3 4 5 MoreAnalog Devices
UPC2766GRWIDE BAND IQ DEMODULATOR FOR DIGITAL VIDEO/DATA RECEIVER 1 2 3 4 5 MoreNEC
ADV7172Digital PAL/NTSC Video Encoder with Six DACs 10 Bits Color Control and Enhanced Power Management 1 2 3 4 5 MoreAnalog Devices
AN2458SHColor Encoder IC NTSC/PAL for CCD Video Camera 1 2 3 Panasonic Semiconductor
STV5805PHOTO DETECTOR FOR DIGITAL VIDEO DISK 1 2 3 4 5 STMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl