Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


SPCA701A Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. SPCA701A
Description  DIGITAL VIDEO ENCODER FOR VIDEOCD
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

 
 3 page
background image
Sunplus Technology Co., Ltd.
3
Rev.: 0.2
1999.12.07
SPCA701A
Preliminary
Mnemonic
PIN No.
Type
Description
directly to GND.
CVBSC
11
O
Composite/Chroma output.
This is a high impedance current source
Output.
The output format can be selected by the PAL pin.
The pin
can drive a 37.5
load.
If unused, this pin must be connected directly
to GND.
VBIAS
10
-
DAC bias voltage.
Potential normally 0.7V less than COMP.
VDD
31
-
Digital power pin
DGND
30
-
Digital ground pin
VAA
7
-
Analog power pin
AGND
3,12
-
Analog ground pin
MODE SELECTION
Master mode is selected when MASTER = 1; slave mode is selected when MASTER = 0.
Two pins, MODE
[3:2], drive three different configuration registers.
The most common operating modes can be selected with
these pins while in master mode.
In slave mode, the common operating modes are automatically determined
from the timing of the incoming HSYNC* and VSYNC* signals.
NOTE: The term “common operating mode” refers to North American NTSC and Western European PAL Table
2 illustrates the multi-functionality of the mode pins during master and slave mode.
To access the more
exotic video formats, slave mode is preferred since the necessary registers are always accessible.
If
master mode is needed, the less common modes can still be programmed by first registering the modes
as a slave, and then switching to a master.
During power-up, the MODE [3:2] pins configure the master
registers; i.e., EFIELD, PAL625, are written.
Also, during power-up, the slave registers are reset to zero,
i.e., YCSWAP.
Table 2. Mode Selection
PIN Description
The MASTER pin
MODE[3]
MODE[2]
MODE[1]
MODE[0]
0
YCSWAP
---
---
---
1
EFIELD
PAL625
---
---




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SPCA711ADIGITAL VIDEO ENCODER FOR VIDEOCD 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LC78011EDigital RGB Encoder IC for Video CD and CD-G 1 2 3 4 5 MoreSanyo Semicon Device
SAA7126HDigital video encoder 1 2 3 4 5 MoreNXP Semiconductors
SM5831FDigital Filter for Video Signal Processors 1 2 3 4 5 MoreNippon Precision Circuits Inc
SAA7128HDigital video encoder 1 2 3 4 5 MoreNXP Semiconductors
ADV7170Digital PAL/NTSC Video Encoder with 10-Bit SSAF™ and Advanced Power Management 1 2 3 4 5 MoreAnalog Devices
UPC2766GRWIDE BAND IQ DEMODULATOR FOR DIGITAL VIDEO/DATA RECEIVER 1 2 3 4 5 MoreNEC
ADV7172Digital PAL/NTSC Video Encoder with Six DACs 10 Bits Color Control and Enhanced Power Management 1 2 3 4 5 MoreAnalog Devices
AN2458SHColor Encoder IC NTSC/PAL for CCD Video Camera 1 2 3 Panasonic Semiconductor
STV5805PHOTO DETECTOR FOR DIGITAL VIDEO DISK 1 2 3 4 5 STMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl