Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27223PWPRG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC27223PWPRG4
Description  HIGH-EFFICIENCY PREDICTIVE SYNCHRONOUS BUCK DRIVER WITH ENABLE
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC27223PWPRG4 Datasheet(HTML) 2 Page - Texas Instruments

  UCC27223PWPRG4 Datasheet HTML 1Page - Texas Instruments UCC27223PWPRG4 Datasheet HTML 2Page - Texas Instruments UCC27223PWPRG4 Datasheet HTML 3Page - Texas Instruments UCC27223PWPRG4 Datasheet HTML 4Page - Texas Instruments UCC27223PWPRG4 Datasheet HTML 5Page - Texas Instruments UCC27223PWPRG4 Datasheet HTML 6Page - Texas Instruments UCC27223PWPRG4 Datasheet HTML 7Page - Texas Instruments UCC27223PWPRG4 Datasheet HTML 8Page - Texas Instruments UCC27223PWPRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
UCC27223
SLUS558 − DECEMBER 2003
2
www.ti.com
1
2
3
4
5
6
7
14
13
12
11
10
9
8
N/C
ENBL
VDD
VLO
PVLO
AGND
IN
VHI
G1
SW
SWS
G2S
G2
PGND
PWP PACKAGE
(TOP VIEW)
N/C − No internal connection
AVAILABLE OPTIONS
PWM INPUT
PACKAGED DEVICES
TA
PWM INPUT
(IN)
PowerPAD
t
HTSSOP−14 (PWP)
−40
_C to 105_C
NON-INVERTING
UCC27223PWP
{The PWP package is available taped and reeled. Add R suffix to device type
(e.g. UCC27223PWPR) to order quantities of 2,000 devices per reel and 90
units per tube.
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†}
Supply voltage range, VDD
−0.3 to 20 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VHI
30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SW, SWS
20 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply current, IDD, including gate drive current
.100 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Sink current (peak) pulsed, G1/G2
4.0 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Source current (peak) pulsed, G1/G2
−4.0 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Analog inputs, IN, ENBL
−3.0 V to VDD + 0.3 V, not to exceed 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation at TA = 25°C (PWP package)
3 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating junction temperature range, TJ
−55
°C to 115°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature soldering 1.6 mm (1/16 inch) from case for 10 seconds
300
°C
. . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
‡ All voltages are with respect to AGND and PGND. Currents are positive into, negative out of the specified terminal.


Similar Part No. - UCC27223PWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27223 TI1-UCC27223_15 Datasheet
1,016Kb / 36P
[Old version datasheet]   HIGH-EFFICIENCY PREDICTIVE SYNCHRONOUS BUCK DRIVER WITH ENABLE
More results

Similar Description - UCC27223PWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27223 TI1-UCC27223_15 Datasheet
1,016Kb / 36P
[Old version datasheet]   HIGH-EFFICIENCY PREDICTIVE SYNCHRONOUS BUCK DRIVER WITH ENABLE
UC27221 TI1-UC27221 Datasheet
1Mb / 34P
[Old version datasheet]   HIGH-EFFICIENCY PREDICTIVE SYNCHRONOUS BUCK DRIVER
UCC27221 TI1-UCC27221_15 Datasheet
1Mb / 34P
[Old version datasheet]   HIGH-EFFICIENCY PREDICTIVE SYNCHRONOUS BUCK DRIVER
UCC27221 TI-UCC27221 Datasheet
488Kb / 27P
[Old version datasheet]   HIGH EFFICIENCY PREDICTIVE SYNCHRONOUS BUCK DRIVER
logo
Micrel Semiconductor
MIC2182 MICREL-MIC2182_04 Datasheet
229Kb / 28P
   High-Efficiency Synchronous Buck Controller
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
logo
Bel Fuse Inc.
YEV09T03 BEL-YEV09T03 Datasheet
574Kb / 10P
   High efficiency synchronous buck topology
logo
Microchip Technology
MIC2182 MICROCHIP-MIC2182 Datasheet
2Mb / 40P
   High-Efficiency Synchronous Buck Controller
09/14/21
logo
Texas Instruments
TPS92201 TI-TPS92201 Datasheet
2Mb / 28P
[Old version datasheet]   TPS92201 1.5-A High Efficiency Synchronous Buck LED Driver
NOVEMBER 2023
logo
Bel Fuse Inc.
YEV09T06 BEL-YEV09T06 Datasheet
639Kb / 10P
   High efficiency synchronous buck topology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com