Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27223PWPG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # UCC27223PWPG4
Description  HIGH-EFFICIENCY PREDICTIVE SYNCHRONOUS BUCK DRIVER WITH ENABLE
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC27223PWPG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC27223PWPG4 Datasheet HTML 2Page - Texas Instruments UCC27223PWPG4 Datasheet HTML 3Page - Texas Instruments UCC27223PWPG4 Datasheet HTML 4Page - Texas Instruments UCC27223PWPG4 Datasheet HTML 5Page - Texas Instruments UCC27223PWPG4 Datasheet HTML 6Page - Texas Instruments UCC27223PWPG4 Datasheet HTML 7Page - Texas Instruments UCC27223PWPG4 Datasheet HTML 8Page - Texas Instruments UCC27223PWPG4 Datasheet HTML 9Page - Texas Instruments UCC27223PWPG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
UCC27223
SLUS558 − DECEMBER 2003
6
www.ti.com
SIMPLIFIED BLOCK DIAGRAM
NC
ENBL
VDD
VLO
PVLO
1
2
3
4
5
VLO
REGULATOR
+
3.82 V/3.7 V
UVLO
PREDICTIVE
DELAY
CONTROLLER
14
13
12
11
10
9
VHI
G1
SWS
SW
G2S
G2
AGND
IN
6
7
PVLO
PVLO
8
PGND
VLO
VLO
110 k
RENBL
APPLICATION INFORMATION
predictive gate drive technique
The Predictive Gate Drive
t technology utilizes a digital feedback system to detect body-diode conduction, and
then adjusts the deadtime delays to minimize it. This system virtually eliminates the body-diode conduction time
intervals for the synchronous MOSFET, while adjusting for different MOSFETs characteristics, propagation and
load dependent delays. Maximum power stage efficiency is the end result.
Two internal feedback loops in the predictive delay controller continuously adjusts the turn on delays for the two
MOSFET gate drives G1 and G2. As shown in Figure 2, tON,G1 and tON,G2 are varied to provide minimum
body-diode conduction in the synchronous rectifier MOSFET Q2. The turn-off delay for both G1 and G2, tOFF,G1
and tOFF,G2 are fixed by propagation delays internal to the device.
The predictive delay controller is implemented using a digital control technique, and the time delays are
therefore discrete. The turn-on delays, tON, G1 and tON, G2, are changed by a single step (typically 3 ns) every
switching cycle. The minimum and maximum turn-on delays for G1 and G2 are specified in the electrical
characteristics table.


Similar Part No. - UCC27223PWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27223 TI1-UCC27223_15 Datasheet
1,016Kb / 36P
[Old version datasheet]   HIGH-EFFICIENCY PREDICTIVE SYNCHRONOUS BUCK DRIVER WITH ENABLE
More results

Similar Description - UCC27223PWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27223 TI1-UCC27223_15 Datasheet
1,016Kb / 36P
[Old version datasheet]   HIGH-EFFICIENCY PREDICTIVE SYNCHRONOUS BUCK DRIVER WITH ENABLE
UC27221 TI1-UC27221 Datasheet
1Mb / 34P
[Old version datasheet]   HIGH-EFFICIENCY PREDICTIVE SYNCHRONOUS BUCK DRIVER
UCC27221 TI1-UCC27221_15 Datasheet
1Mb / 34P
[Old version datasheet]   HIGH-EFFICIENCY PREDICTIVE SYNCHRONOUS BUCK DRIVER
UCC27221 TI-UCC27221 Datasheet
488Kb / 27P
[Old version datasheet]   HIGH EFFICIENCY PREDICTIVE SYNCHRONOUS BUCK DRIVER
logo
Micrel Semiconductor
MIC2182 MICREL-MIC2182_04 Datasheet
229Kb / 28P
   High-Efficiency Synchronous Buck Controller
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
logo
Bel Fuse Inc.
YEV09T03 BEL-YEV09T03 Datasheet
574Kb / 10P
   High efficiency synchronous buck topology
logo
Microchip Technology
MIC2182 MICROCHIP-MIC2182 Datasheet
2Mb / 40P
   High-Efficiency Synchronous Buck Controller
09/14/21
logo
Texas Instruments
TPS92201 TI-TPS92201 Datasheet
2Mb / 28P
[Old version datasheet]   TPS92201 1.5-A High Efficiency Synchronous Buck LED Driver
NOVEMBER 2023
logo
Bel Fuse Inc.
YEV09T06 BEL-YEV09T06 Datasheet
639Kb / 10P
   High efficiency synchronous buck topology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com