Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG6841S Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SG6841S
Description  High-integrated Green-mode PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SG6841S Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SG6841S Datasheet HTML 2Page - List of Unclassifed Manufacturers SG6841S Datasheet HTML 3Page - List of Unclassifed Manufacturers SG6841S Datasheet HTML 4Page - List of Unclassifed Manufacturers SG6841S Datasheet HTML 5Page - List of Unclassifed Manufacturers SG6841S Datasheet HTML 6Page - List of Unclassifed Manufacturers SG6841S Datasheet HTML 7Page - List of Unclassifed Manufacturers SG6841S Datasheet HTML 8Page - List of Unclassifed Manufacturers SG6841S Datasheet HTML 9Page - List of Unclassifed Manufacturers SG6841S Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Product Specification
High-integrated Green-mode PWM Controller
SG6841
©System General Corp.
- 6 -
www.sg.com.tw
Version 1.7 (IRO33.0001.B1)
JUL.25,2003
Over-Temperature Protection Section
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
IRT
Output current of pin RT
RI=26KOhms
92
100
108
uA
VOTP,STOP
Threshold voltage for over-temperature protection.
Turn-off point. Duty cycle is reduced to 0%.
0.585
0.62
0.655
V
VOTP,START
Threshold voltage for over-temperature protection.
Starting point. Duty cycle starts to decrease.
0.65
V
Total Standby Current Section
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
IDD ST
Start-up Current
VDD=14.5V
30
40
uA
IDD OP
Operating Supply Current
FB=SENSE=0V
GATE=1000pF
VDD=15.5V
-
3
5
mA


Similar Part No. - SG6841S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6841SZ FAIRCHILD-SG6841SZ Datasheet
52Kb / 1P
   Highly-Integrated Green-Mode PWM Controller
SG6841SZ3 FAIRCHILD-SG6841SZ3 Datasheet
539Kb / 14P
   High-integrated Green-mode PWM Controller
More results

Similar Description - SG6841S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6841SZ3 FAIRCHILD-SG6841SZ3 Datasheet
539Kb / 14P
   High-integrated Green-mode PWM Controller
SG6841DZ3 FAIRCHILD-SG6841DZ3 Datasheet
539Kb / 14P
   High-integrated Green-mode PWM Controller
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6846A FAIRCHILD-SG6846A_08 Datasheet
476Kb / 15P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com