Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-818A33AUC-BGN-T2 Datasheet(PDF) 2 Page - Seiko Instruments Inc

Part # S-818A33AUC-BGN-T2
Description  LOW DROPOUT CMOS VOLTAGE REGULATOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-818A33AUC-BGN-T2 Datasheet(HTML) 2 Page - Seiko Instruments Inc

  S-818A33AUC-BGN-T2 Datasheet HTML 1Page - Seiko Instruments Inc S-818A33AUC-BGN-T2 Datasheet HTML 2Page - Seiko Instruments Inc S-818A33AUC-BGN-T2 Datasheet HTML 3Page - Seiko Instruments Inc S-818A33AUC-BGN-T2 Datasheet HTML 4Page - Seiko Instruments Inc S-818A33AUC-BGN-T2 Datasheet HTML 5Page - Seiko Instruments Inc S-818A33AUC-BGN-T2 Datasheet HTML 6Page - Seiko Instruments Inc S-818A33AUC-BGN-T2 Datasheet HTML 7Page - Seiko Instruments Inc S-818A33AUC-BGN-T2 Datasheet HTML 8Page - Seiko Instruments Inc S-818A33AUC-BGN-T2 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.1.2
S-818 Series
2
Seiko Instruments Inc.
„ Block Diagram
Reference
voltage
VOUT
ON/OFF
VSS
VIN
*1: Parasitic diode
*1
ON/OFF
circuit
Figure 1 Block Diagram
„ Selection Guide
1. Product Name
S-818x xx A xx - xxx - T2
IC orientation in taping specifications
Product abbreviation
Package type
MC : SOT-23-5
UC :
A: ON/OFF pin has positive logic (high active)
B: ON/OFF pin has negative logic (low active)
SOT-89-5
Product type
Output voltage x 10
Table 1
Selection Guide
Output Voltage
SOT-23-5
SOT-89-5
2.0 V ± 2.0%
S-818A20AMC-BGA-T2
S-818A20AUC-BGA-T2
2.5 V ± 2.0%
S-818A25AMC-BGF-T2
S-818A25AUC-BGF-T2
2.8 V ± 2.0%
S-818A28AMC-BGI-T2
S-818A28AUC-BGI-T2
3.0 V ± 2.0%
S-818A30AMC-BGK-T2
S-818A30AUC-BGK-T2
3.3 V ± 2.0%
S-818A33AMC-BGN-T2
S-818A33AUC-BGN-T2
3.8 V ± 2.0%
S-818A38AMC-BGS-T2
S-818A38AUC-BGS-T2
4.0 V ± 2.0%
S-818A40AMC-BGU-T2
S-818A40AUC-BGU-T2
5.0 V ± 2.0%
S-818A50AMC-BHE-T2
S-818A50AUC-BHE-T2
Note:
Contact SII sales division for product with an output voltage other than those
specified above or product type B, low active product.


Similar Part No. - S-818A33AUC-BGN-T2

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-818A33AUC-BGNT2G SII-S-818A33AUC-BGNT2G Datasheet
525Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-818A33AUC-BGNT2X ABLIC-S-818A33AUC-BGNT2X Datasheet
487Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
More results

Similar Description - S-818A33AUC-BGN-T2

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
   CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
logo
Seiko Instruments Inc
S-1212B33-V5T2U SII-S-1212B33-V5T2U Datasheet
3Mb / 58P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE500EC ACE-ACE500EC Datasheet
984Kb / 9P
   Low-Dropout CMOS Voltage Regulator
VER 1.2
logo
GTM CORPORATION
G5U2178 GTM-G5U2178 Datasheet
579Kb / 6P
   CMOS Low Dropout Voltage Regulator
logo
Seiko Instruments Inc
S-814 SII-S-814 Datasheet
518Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
GTM CORPORATION
GL2137 GTM-GL2137 Datasheet
401Kb / 5P
   CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
ABLIC Inc.
S-818 ABLIC-S-818 Datasheet
487Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S814 SII-S814 Datasheet
525Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
S-818 SII-S-818_1 Datasheet
525Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
GTM CORPORATION
GSC2129 GTM-GSC2129 Datasheet
552Kb / 6P
   CMOS LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com