Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4302-51 Datasheet(PDF) 4 Page - Peregrine Semiconductor Corp.

Part # 4302-51
Description  50 Ohm RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHZ
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

4302-51 Datasheet(HTML) 4 Page - Peregrine Semiconductor Corp.

  4302-51 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 4302-51 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 4302-51 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 4302-51 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 4302-51 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 4302-51 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 4302-51 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 4302-51 Datasheet HTML 8Page - Peregrine Semiconductor Corp. 4302-51 Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Product Specification
PE4302
Page 4 of 11
©2005 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70/0056~02D
│ UltraCMOS™ RFIC Solutions
10
15
20
25
30
35
40
0
500
1000
1500
2000
2500
3000
0dB
0.5dB
1dB
2dB
4dB
8dB
16dB
31.5dB
RF Frequency (MHz)
20
25
30
35
40
45
50
55
60
0
500
1000
1500
2000
2500
3000
0dB
.5dB
1dB
2dB
4dB
8dB
16dB
31.5dB
RF Frequency (MHz)
-1.5
-1
-0.5
0
0.5
0
5
10
15
20
25
30
35
40
Attenuation Setting (dB)
2000Mhz, -40C
2200Mhz, -40C
2200Mhz, 25C
2000Mhz, 25C
2000Mhz, 85C
2200Mhz, 85C
Figure 12. Input IP3 Vs. Frequency
Figure 13. Input 1 dB Compression
Figure 11. Attenuation Error Vs. Frequency
Typical Performance Data (25°C, VDD=3.0 V)


Similar Part No. - 4302-51

ManufacturerPart #DatasheetDescription
logo
API Delevan
4302-561K API-4302-561K Datasheet
1Mb / 1P
   Temperature Stable (1008 size) Surface Mount Inductors
4302-562K API-4302-562K Datasheet
1Mb / 1P
   Temperature Stable (1008 size) Surface Mount Inductors
More results

Similar Description - 4302-51

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4309 PEREGRINE-PE4309 Datasheet
576Kb / 6P
   50 OHM RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHz
PE4302 PEREGRINE-PE4302 Datasheet
470Kb / 11P
   50 -RF Digital Attenuator 6-bit, 31.5 dB, DC - 4.0 GHz
PE4309 PEREGRINE-PE4309_07 Datasheet
337Kb / 9P
   50 廓 RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHz
logo
Tyco Electronics
AT90-1107 MACOM-AT90-1107 Datasheet
336Kb / 7P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
logo
Peregrine Semiconductor...
PE4304 PEREGRINE-PE4304 Datasheet
543Kb / 11P
   75 Ohm RF Digital Attenuator 6-bit, 31.5 dB, DC - 2.0 GHz
logo
Tyco Electronics
AT90-0107 MACOM-AT90-0107 Datasheet
336Kb / 7P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
logo
M/A-COM Technology Solu...
MAATCC0009 MA-COM-MAATCC0009 Datasheet
188Kb / 7P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
AT90-0107 MA-COM-AT90-0107 Datasheet
187Kb / 7P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
logo
Peregrine Semiconductor...
PE94302 PEREGRINE-PE94302_07 Datasheet
311Kb / 6P
   50 ohm RF Digital Step Attenuator For Rad-Hard Space Applications 6-bit, 31.5 dB, DC - 4.0 GHz
logo
M/A-COM Technology Solu...
MAATCC0011 MA-COM-MAATCC0011 Datasheet
189Kb / 7P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com