Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI5465EDC Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI5465EDC
Description  P-Channel 12-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5465EDC Datasheet(HTML) 3 Page - Vishay Siliconix

  SI5465EDC Datasheet HTML 1Page - Vishay Siliconix SI5465EDC Datasheet HTML 2Page - Vishay Siliconix SI5465EDC Datasheet HTML 3Page - Vishay Siliconix SI5465EDC Datasheet HTML 4Page - Vishay Siliconix SI5465EDC Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Si5465EDC
Vishay Siliconix
Document Number: 71360
S-21251—Rev. D, 05-Aug-02
www.vishay.com
2-3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
500
1000
1500
2000
2500
3000
02468
10
12
0.6
0.8
1.0
1.2
1.4
1.6
--50
--25
0
25
50
75
100
125
150
0
2
4
6
8
10
12
0
5
10
15
20
25
30
0.00
0.02
0.04
0.06
0.08
0.10
0
4
8
12
16
20
VDS -- Drain-to-Source Voltage (V)
Crss
Coss
Ciss
VDS =6 V
ID =5.0 A
ID -- Drain Current (A)
VGS =4.5 V
ID =5.0 A
VGS =2.5 V
VGS =1.8 V
Gate Charge
On-Resistance vs. Drain Current
Qg -- Total Gate Charge (nC)
Capacitance
On-Resistance vs. Junction Temperature
TJ -- Junction Temperature (_C)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0
123
4567
8
TJ = 150_C
ID =5.0 A
20
10
0.01
Source-Drain Diode Forward Voltage
On-Resistance vs. Gate-to-Source Voltage
VSD -- Source-to-Drain Voltage (V)
VGS -- Gate-to-Source Voltage (V)
VGS =4.5 V
TJ =25_C
1
0.1


Similar Part No. - SI5465EDC

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI546 SKYWORKS-SI546 Datasheet
1Mb / 21P
   Ultra Low Jitter Dual Any-Frequency XO (80 fs), 0.2 to 1500 MHz
Revision 206614A May, 2023
logo
Vishay Siliconix
SI5461EDC VISHAY-SI5461EDC Datasheet
99Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. C, 05-Aug-02
SI5461EDC-T1 VISHAY-SI5461EDC-T1 Datasheet
99Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. C, 05-Aug-02
SI5463EDC VISHAY-SI5463EDC Datasheet
111Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. C, 05-Aug-02
SI5463EDC VISHAY-SI5463EDC Datasheet
140Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. C, 05-Aug-02
More results

Similar Description - SI5465EDC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2335DS VISHAY-SI2335DS Datasheet
48Kb / 4P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 23-Oct-00
SI6423DQ VISHAY-SI6423DQ Datasheet
42Kb / 5P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 07-Jul-03
SIA477EDJT VISHAY-SIA477EDJT Datasheet
264Kb / 8P
   P-Channel 12 V (D-S) MOSFET
Rev. A, 29-Aug-16
SI2333CDS-T1-GE3 VISHAY-SI2333CDS-T1-GE3 Datasheet
225Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 16-Nov-0
SI3477DV VISHAY-SI3477DV Datasheet
226Kb / 11P
   P-Channel 12 V (D-S) MOSFET
Rev. A, 19-Jul-10
SI2333DS VISHAY-SI2333DS Datasheet
243Kb / 3P
   P-Channel 12-V (D-S) MOSFET
Rev. B, 21-Mar-05
SI2333DS-T1 VISHAY-SI2333DS-T1 Datasheet
195Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 02-Feb-09
SI2333CDS VISHAY-SI2333CDS Datasheet
104Kb / 6P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 23-Jun-08
SI5475DC VISHAY-SI5475DC Datasheet
109Kb / 4P
   P-Channel 12-V (D-S) MOSFET
Rev. B, 05-Aug-02
logo
VBsemi Electronics Co.,...
MMSF4P01HDR2G VBSEMI-MMSF4P01HDR2G Datasheet
878Kb / 6P
   P-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI2333DS VISHAY-SI2333DS_17 Datasheet
199Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 02-Feb-09
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com