Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P3Z22V10-DDH Datasheet(PDF) 4 Page - NXP Semiconductors

Part # P3Z22V10-DDH
Description  3V zero power, TotalCMOS, universal PLD device
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P3Z22V10-DDH Datasheet(HTML) 4 Page - NXP Semiconductors

  P3Z22V10-DDH Datasheet HTML 1Page - NXP Semiconductors P3Z22V10-DDH Datasheet HTML 2Page - NXP Semiconductors P3Z22V10-DDH Datasheet HTML 3Page - NXP Semiconductors P3Z22V10-DDH Datasheet HTML 4Page - NXP Semiconductors P3Z22V10-DDH Datasheet HTML 5Page - NXP Semiconductors P3Z22V10-DDH Datasheet HTML 6Page - NXP Semiconductors P3Z22V10-DDH Datasheet HTML 7Page - NXP Semiconductors P3Z22V10-DDH Datasheet HTML 8Page - NXP Semiconductors P3Z22V10-DDH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Philips Semiconductors
Product specification
P3Z22V10
3V zero power, TotalCMOS
™, universal PLD device
1997 Jul 18
4
LOGIC DIAGRAM
NOTE:
Programmable connection.
1
1
0
0
0
1
0
1
DAR
Q
Q
SP
0
1
Q
1
1
0
0
0
1
0
1
DAR
Q
SP
0
1
Q
1
1
0
0
0
1
0
1
DAR
Q
SP
0
1
Q
1
1
0
0
0
1
0
1
DAR
Q
SP
0
1
Q
1
1
0
0
0
1
0
1
DAR
Q
SP
0
1
Q
1
1
0
0
0
1
0
1
DAR
Q
SP
0
1
Q
1
1
0
0
0
1
0
1
DAR
Q
SP
0
1
Q
1
1
0
0
0
1
0
1
DAR
Q
SP
0
1
Q
1
1
0
0
0
1
0
1
DAR
Q
SP
0
1
Q
1
1
0
0
0
1
0
1
DAR
Q
SP
0
1
AR
SP
0
3
4
7
8
11 12
1516
1920
2324
2728
3132
3536
3940
43
0
3
4
7
8
11 12
1516
1920
2324
2728
3132
3536
3940
43
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
CLK/I0
I1
I2
I3
I4
I5
I6
I7
I10
I8
I9
GND
I11
F0
F1
F2
F3
F4
F5
F6
F7
F8
F9
VCC
0
1
9
10
20
21
33
34
48
49
65
66
82
83
97
98
110
111
121
122
130
131
SP00059


Similar Part No. - P3Z22V10-DDH

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
P3Z7AAT800W POWEREX-P3Z7AAT800W Datasheet
130Kb / 6P
   Phase Control Modules (345-800 Amperes/400-3000 Volts)
P3Z7ABT700W POWEREX-P3Z7ABT700W Datasheet
130Kb / 6P
   Phase Control Modules (345-800 Amperes/400-3000 Volts)
P3Z7ABT800W POWEREX-P3Z7ABT800W Datasheet
130Kb / 6P
   Phase Control Modules (345-800 Amperes/400-3000 Volts)
P3Z7ACT700W POWEREX-P3Z7ACT700W Datasheet
130Kb / 6P
   Phase Control Modules (345-800 Amperes/400-3000 Volts)
P3Z7ACT800W POWEREX-P3Z7ACT800W Datasheet
130Kb / 6P
   Phase Control Modules (345-800 Amperes/400-3000 Volts)
More results

Similar Description - P3Z22V10-DDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LVT22V10 PHILIPS-LVT22V10 Datasheet
185Kb / 20P
   3V high speed, universal PLD device
1998 Feb 10
logo
Lattice Semiconductor
GAL16V8Z LATTICE-GAL16V8Z Datasheet
289Kb / 19P
   Zero Power E2CMOS PLD
GAL20V8Z LATTICE-GAL20V8Z Datasheet
307Kb / 19P
   Zero Power E2CMOS PLD
logo
NXP Semiconductors
ABT22V10A5 PHILIPS-ABT22V10A5 Datasheet
302Kb / 18P
   5V high-speed universal PLD device with live insertion capability
1999 Oct 27
logo
Lattice Semiconductor
GAL16LV8ZD LATTICE-GAL16LV8ZD Datasheet
270Kb / 18P
   Low Voltage, Zero Power E2CMOS PLD Generic Array Logic
GAL20LV8ZD LATTICE-GAL20LV8ZD Datasheet
284Kb / 18P
   Low Voltage, Zero Power E2CMOS PLD Generic Array Logic
logo
Semtech Corporation
UR8HC007-0A4 SEMTECH-UR8HC007-0A4 Datasheet
426Kb / 20P
   Zero-PowerTM Input Device and Power Management IC
UR8HC007-004 SEMTECH-UR8HC007-004 Datasheet
152Kb / 20P
   Zero-PowerTM Input Device and Power Management IC
logo
Lattice Semiconductor
PALCE22V10 LATTICE-PALCE22V10 Datasheet
691Kb / 34P
   24-Pin EE CMOS (Zero Power) Versatile PAL Device
PALCE16V8 LATTICE-PALCE16V8 Datasheet
634Kb / 32P
   EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com