Electronic Components Datasheet Search |
|
NT5SV8M8DT-7 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers |
|
NT5SV8M8DT-7 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers |
10 / 21 page NT5SV16M4DT NT5SV8M8DT NT5SV4M16DT 64Mb Synchronous DRAM REV 1.1 10/01 10 © NANYA TECHNOLOGY CORP. All rights reserved. NANYA TECHNOLOGY CORP. reserves the right to change Products and Specifications without notice. Current State Truth Table (Part 1 of 3)(See note 1) Current State Command Action Notes CS RAS CAS WE BS0,BS1 A11 - A0 Description Idle L L L L OP Code Mode Register Set Set the Mode Register 2 L L L H X X Auto or Self Refresh Start Auto or Self Refresh 2, 3 L L H L BS X Precharge No Operation L L H H BS Row Address Bank Activate Activate the specified bank and row L H L L BS Column Write w/o Precharge ILLEGAL 4 L H L H BS Column Read w/o Precharge ILLEGAL 4 L H H L X X Burst Termination No Operation L H H H X X No Operation No Operation H X X X X X Device Deselect No Operation or Power Down 5 Row Active L L L L OP Code Mode Register Set ILLEGAL L L L H X X Auto or Self Refresh ILLEGAL L L H L BS X Precharge Precharge 6 L L H H BS Row Address Bank Activate ILLEGAL 4 L H L L BS Column Write Start Write; Determine if Auto Precharge 7, 8 L H L H BS Column Read Start Read; Determine if Auto Precharge 7, 8 L H H L X X Burst Termination No Operation L H H H X X No Operation No Operation H X X X X X Device Deselect No Operation Read L L L L OP Code Mode Register Set ILLEGAL L L L H X X Auto or Self Refresh ILLEGAL L L H L BS X Precharge Terminate Burst; Start the Precharge L L H H BS Row Address Bank Activate ILLEGAL 4 L H L L BS Column Write Terminate Burst; Start the Write cycle 8, 9 L H L H BS Column Read Terminate Burst; Start a new Read cycle 8, 9 L H H L X X Burst Termination Terminate the Burst L H H H X X No Operation Continue the Burst H X X X X X Device Deselect Continue the Burst Write L L L L OP Code Mode Register Set ILLEGAL L L L H X X Auto or Self Refresh ILLEGAL L L H L BS X Precharge Terminate Burst; Start the Precharge L L H H BS Row Address Bank Activate ILLEGAL 4 L H L L BS Column Write Terminate Burst; Start a new Write cycle 8, 9 L H L H BS Column Read Terminate Burst; Start the Read cycle 8, 9 L H H L X X Burst Termination Terminate the Burst L H H H X X No Operation Continue the Burst H X X X X X Device Deselect Continue the Burst 1. CKE is assumed to be active (high) in the previous cycle for all entries. The Current State is the state of the bank that the Command is being applied to. 2. All Banks must be idle; otherwise, it is an illegal action. 3. If CKE is active (high) the SDRAM will start the Auto (CBR) Refresh operation, if CKE is inactive (low) than the Self Refresh mode is entered. 4. The Current State refers to only one of the banks. If BS selects this bank then the action is illegal. If BS selects the bank not being refer- enced by the Current State then the action may be legal depending on the state of that bank. 5. If CKE is inactive (low) then the Power Down mode is entered; otherwise there is a No Operation. 6. The minimum and maximum Active time (tRAS) must be satisfied. 7. The RAS to CAS Delay (tRCD) must occur before the command is given. 8. Column address A10 is used to determine if the Auto Precharge function is activated. 9. The command must satisfy any bus contention, bus turn around, and/or write recovery requirements. 10. The command is illegal if the minimum bank to bank delay time (tRRD) is not satisfied. |
Similar Part No. - NT5SV8M8DT-7 |
|
Similar Description - NT5SV8M8DT-7 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |