Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE366 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE366
Description  Silicon NPN Transistor RF Power Output PO = 25W @ 512MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE366 Datasheet(HTML) 2 Page - NTE Electronics

  NTE366 Datasheet HTML 1Page - NTE Electronics NTE366 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Cont’d): (TC = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max Unit
ON Characteristics
DC Current Gain
hFE
VCE = 5V, IC = 4A
40
70
100
Dynamic Characteristics
Output Capacitance
Cob
VCB = 12.5V, IE = 0, f = 1MHz
90
125
pF
Functional Test
Common–Emitter Amplifier Power Gain
GPE
POUT = 25W, VCC = 12.5V,
ICmax = 3.6A, f = 470MHz
6.2
7.0
dB
Input Power
Pin
POUT = 25W, VCC = 12.5V, f = 470MHz
5
6
W
Collector Efficiency
η
55
60
%
Output Mismatch Stress
ψ
VCC = 16V, Pin = Note 1, f = 470MHz,
VSWR = 20:1, All Phase Angles
No Degradation in
Output Power
Series Equivalent Input Impedance
Zin
POUT = 25W, VCC = 12.5V, f = 470MHz
–1.2 + j3.3 –
Series Equivalent Output Impedance
ZOL
–1.9 + j2.1 –
Note 1. Pin = 150% of Drive Requirement for 25W output @ 12.5V.
Note 2.
y = Mismatch stress factor – the electrical criterion established to verify the device resistance
to load mismatch failure. The mismatch stress test is accomplished in a standard test fixture
terminated in a 20:1 minimum load mismatch at all phase angles.
.205 (5.18)
.215 (5.48)
.122 (3.1) Dia
.155 (3.94)
.500 (12.7) Dia
.005 (0.15)
.160 (4.06)
.270
(6.85)
.405
(10.3)
Min
.725 (18.43)
.975 (24.78)
EB
CE


Similar Part No. - NTE366

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE36 NTE-NTE36 Datasheet
23Kb / 2P
   Silicon Complementary Transistors AF Power Amplifier, High Current Switch
NTE360 NTE-NTE360 Datasheet
73Kb / 2P
   Silicon NPN Transistor RF Power Output PO = 40W @ 175MHz
NTE361 NTE-NTE361 Datasheet
19Kb / 2P
   Silicon NPN Transistor RF Power Output PO = 2W @ 512MHz
NTE362 NTE-NTE362 Datasheet
72Kb / 2P
   Silicon NPN Transistor RF Power
NTE363 NTE-NTE363 Datasheet
23Kb / 2P
   Silicon NPN Transistor RF Power Amp, PO = 4W
More results

Similar Description - NTE366

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE365 NTE-NTE365 Datasheet
20Kb / 2P
   Silicon NPN Transistor RF Power Output PO = 15W @ 512MHz
NTE368 NTE-NTE368 Datasheet
21Kb / 2P
   Silicon NPN Transistor RF Power Output PO = 60W @ 512MHz
NTE361 NTE-NTE361 Datasheet
19Kb / 2P
   Silicon NPN Transistor RF Power Output PO = 2W @ 512MHz
NTE367 NTE-NTE367 Datasheet
22Kb / 2P
   Silicon NPN Transistor RF Power Amplifier PO = 45W @ 512MHz
NTE480 NTE-NTE480 Datasheet
22Kb / 2P
   Silicon NPN Transistor RF Power Output for Broadband Amp, PO = 40W @ 512MHz
NTE484 NTE-NTE484 Datasheet
22Kb / 2P
   Silicon NPN Transistor RF Power Output for Mobile Use, PO = 25W @ 947MHz
NTE355 NTE-NTE355 Datasheet
20Kb / 2P
   Silicon NPN Transistor RF Power Output PO = 30W @ 175MHz
NTE344 NTE-NTE344 Datasheet
71Kb / 2P
   Silicon NPN Transistor RF Power Output PO = 30W @ 175MHz
NTE360 NTE-NTE360 Datasheet
73Kb / 2P
   Silicon NPN Transistor RF Power Output PO = 40W @ 175MHz
NTE16003 NTE-NTE16003 Datasheet
22Kb / 4P
   Silicon NPN Transistor RF Power Output, PO = 7W, 175MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com