Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM200CSE060 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # PM200CSE060
Description  FLAT-BASE TYPE INSULATED PACKAGE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM200CSE060 Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  PM200CSE060 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM200CSE060 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM200CSE060 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM200CSE060 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM200CSE060 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM200CSE060 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MITSUBISHI <INTELLIGENT POWER MODULES>
PM200CSE060
FLAT-BASE TYPE
INSULATED PACKAGE
Sep. 2001
PRECAUTIONS FOR TESTING
1. Before appling any control supply voltage (VD), the input terminals should be pulled up by resistores, etc. to their corre-
sponding supply voltage and each input signal should be kept off state.
After this, the specified ON and OFF level setting for each input signal should be done.
2. When performing “OC” and “SC” tests, the turn-off surge voltage spike at the corresponding protection operation should not
be allowed to rise above VCES rating of the device.
(These test should not be done by using a curve tracer or its equivalent.)
10%
90%
trr
Irr
tr
td (on)
tc (on)
tc (off)
td (off)
VCIN
Ic
VCE
10%
10%
10%
90%
tf
(ton= td (on) + tr)
(toff= td (off) + tf)
VD (all)
U,V,W, (N)
P, (U,V,W)
A
Pulse
VCE
VCIN
(15V)
VD (all)
U,V,W, (N)
P, (U,V,W)
VCIN
VCC
IC
IC
IC
OC
SC
VCIN
toff (OC)
U,V,W
N
VCINN
VCINP
VD
VD
P
Ic
Vcc
VCINN
0V
0V
VCINP
t
t
P, (U,V,W)
U,V,W, (N)
U,V,W, (N)
VD (all)
IN
(Fo)
Fo
IN
(Fo)
VD (all)
VCIN
(0V)
Ic
V
V
P, (U,V,W)
VCIN
(15V)
Ic
P
N
N
CS
CS
U,V,W
Vcc
Vcc
Ic
Ic
VD (all)
VD (all)
P
U,V,W
VCIN
VCIN
VCIN
(15V)
VCIN
(15V)
Fo
IN
(Fo)
IN
(Fo)
Short Circuit Current
Over Current
Constant Current
Constant Current
Fig. 7 Dead time measurement point example
Fig. 3 Switching time Test circuit and waveform
Fig. 1 VCE(sat) Test
Fig. 2 VEC Test
a) Lower Arm Switching
Signal input
(Upper Arm)
Signal input
(Lower Arm)
Signal input
(Upper Arm)
Signal input
(Lower Arm)
b) Upper Arm Switching
Fig. 4 ICES Test
Fig. 5 OC and SC Test
Fig. 6 OC and SC Test waveform
tdead
tdead
tdead


Similar Part No. - PM200CSE060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM200CSE060 MITSUBISHI-PM200CSE060_05 Datasheet
122Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM200CSE060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50CSE060 MITSUBISHI-PM50CSE060 Datasheet
131Kb / 6P
   FLAT-BASE FLAT-BASE TYPE INSULATED PACKAGE
PM100DSA120 MITSUBISHI-PM100DSA120 Datasheet
62Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM30CTJ060 MITSUBISHI-PM30CTJ060 Datasheet
133Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM400DSA060 MITSUBISHI-PM400DSA060 Datasheet
63Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM75RSA060 MITSUBISHI-PM75RSA060 Datasheet
84Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50CTK060 MITSUBISHI-PM50CTK060 Datasheet
144Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM200CSA060 MITSUBISHI-PM200CSA060 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM10CSJ060 MITSUBISHI-PM10CSJ060 Datasheet
57Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM100CSA120 MITSUBISHI-PM100CSA120 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50RSA060 MITSUBISHI-PM50RSA060 Datasheet
85Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM20CTM060 MITSUBISHI-PM20CTM060 Datasheet
136Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com