Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI74LPT16373CA Datasheet(PDF) 6 Page - PerkinElmer Optoelectronics

Part # PI74LPT16373CA
Description  Fast CMOS 3.3V 16-BitTransparent Latch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

PI74LPT16373CA Datasheet(HTML) 6 Page - PerkinElmer Optoelectronics

  PI74LPT16373CA Datasheet HTML 1Page - PerkinElmer Optoelectronics PI74LPT16373CA Datasheet HTML 2Page - PerkinElmer Optoelectronics PI74LPT16373CA Datasheet HTML 3Page - PerkinElmer Optoelectronics PI74LPT16373CA Datasheet HTML 4Page - PerkinElmer Optoelectronics PI74LPT16373CA Datasheet HTML 5Page - PerkinElmer Optoelectronics PI74LPT16373CA Datasheet HTML 6Page - PerkinElmer Optoelectronics PI74LPT16373CA Datasheet HTML 7Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PI74LPT16373
3.3V 16-Bit Transparent Latch
6
PS2069D
06/05/06
Packaging Mechanical: 48-pin TSSOP (A)
Packaging Mechanical: 48-pin SSOP (V)
0.20
0.51
1.01
0.25
0.381
0.635
.008
.008
.016
0-8˚
0.20
0.40
.110 2.79
.010
Gauge Plane
.02
.04
.015
.025
x 45˚
.025 BSC
0.635
.291
.299
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
7.39
7.59
.395
.420
10.03
10.67
.620
.630
15.75
16.00
.008
.0135
0.20
0.34
1
48
Nom.
Max
.236
.244
.488
.496
.002
.006
SEATING PLANE
.007
.010
.0197
BSC
.004
.008
.319
1
48
12.4
12.6
6.0
6.2
0.50
0.17
0.27
8.1
0.05
0.15
0.09
0.20
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
.018
.030
0.45
0.75
.047
1.20 Max
BSC
06-0210


Similar Part No. - PI74LPT16373CA

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74LPT16374 PERICOM-PI74LPT16374 Datasheet
50Kb / 5P
   Fast CMOS 3.3V 16-Bit Register (3-State)
More results

Similar Description - PI74LPT16373CA

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT163373 PERICOM-PI74FCT163373 Datasheet
73Kb / 5P
   Fast CMOS 3.3V 16-Bit Transparent Latch
PI74LCX16373 PERICOM-PI74LCX16373 Datasheet
159Kb / 6P
   Fast CMOS 3.3V 16-Bit Transparent Latch
logo
Integrated Device Techn...
74FCT163373PV IDT-74FCT163373PV Datasheet
353Kb / 7P
   3.3V CMOS 16-BIT TRANSPARENT LATCH
IDT74FCT163373 IDT-IDT74FCT163373 Datasheet
100Kb / 7P
   3.3V CMOS 16-BIT TRANSPARENT LATCH
logo
Renesas Technology Corp
IDT74FCT163373A RENESAS-IDT74FCT163373A Datasheet
239Kb / 8P
   3.3V CMOS 16-BIT TRANSPARENT LATCH
SEPTEMBER 2009
logo
Pericom Semiconductor C...
PI74LPT573 PERICOM-PI74LPT573 Datasheet
40Kb / 4P
   Fast CMOS 3.3V 8-Bit Transparent Latch
PI74FCT3573 PERICOM-PI74FCT3573 Datasheet
48Kb / 4P
   Fast CMOS 3.3V 8-Bit Transparent Latch
logo
Integrated Device Techn...
IDT74FCT16373AT IDT-IDT74FCT16373AT_17 Datasheet
92Kb / 7P
   FAST CMOS 16-BIT TRANSPARENT LATCH
logo
Renesas Technology Corp
IDT74FCT162373AT RENESAS-IDT74FCT162373AT Datasheet
286Kb / 8P
   FAST CMOS 16-BIT TRANSPARENT LATCH
MARCH 2015
logo
Integrated Device Techn...
IDT74FCT162373AT IDT-IDT74FCT162373AT_06 Datasheet
74Kb / 7P
   FAST CMOS 16-BIT TRANSPARENT LATCH
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com