Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NM29A040M Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NM29A040M
Description  4-Mbit/8-Mbit CMOS Serial FLASH E2PROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NM29A040M Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button NM29A040M Datasheet HTML 5Page - National Semiconductor (TI) NM29A040M Datasheet HTML 6Page - National Semiconductor (TI) NM29A040M Datasheet HTML 7Page - National Semiconductor (TI) NM29A040M Datasheet HTML 8Page - National Semiconductor (TI) NM29A040M Datasheet HTML 9Page - National Semiconductor (TI) NM29A040M Datasheet HTML 10Page - National Semiconductor (TI) NM29A040M Datasheet HTML 11Page - National Semiconductor (TI) NM29A040M Datasheet HTML 12Page - National Semiconductor (TI) NM29A040M Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Power Supply (VCC)
b
06V to 70V
Input Voltage (VIN)
b
06V to 70V
InputOutput Voltage (VIO)
b
06V to VCC g05V (s7V)
Power Dissipation (PD)
300 mW
Soldering Temperature (Tsolder 10 sec)
260 C
Storage Temperature (Tstg)
b
55 Cto a150 C
Operating Temperature (Topr)
b
40 Cto a85 C
Recommended Operating
Conditions
Min
Typ
Max
Units
Power Supply (VCC)
450
50
550
V
DC Operating Characteristics (TA e 0 Cto a70 C VCC e 5V g10%)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ILI
Input Leakage Current
VIN e 0V b VCC
g
10
m
A
ILO
Output Leakage Current
VOUT e 04V b VCC
g
10
m
A
ICC01
Operating Current Data InputOutput
tCYCLE e 500 ns
5
20
mA
ICC02
Programming Current
15
60
mA
ICC03
Erasing Current
10
40
mA
ICCS1
Standby Current
CS e VIH
120
500
m
A
ICCS2
Standby Current
CS e VCC b 02V
5
50
m
A
VOH
High Level Output Voltage
IOH eb400 mA
24
V
VOL
Low Level Output Voltage
IOL e 21 mA
04
V
VIH
High Level Input Voltage
20
VCC a 05
V
VIL
Low Level Input Voltage
b
03
08
V
b
2V (Pulse width s20 ns)
AC Electrical Characteristics (TA e 0 Cto a70 C VCC e 5V g10%)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
fSK
SK Clock Frequency
0
4
MHz
tSKH
SK High Time
125
ns
tSKL
SK Low Time
125
ns
tSKS
SK Setup Time
Relative to CS Falling Edge
50
ns
tCS
Minimum CS High Time
250
ns
tCSS
CS Setup Time
Relative to SK Rising Edge
100
ns
tDIS
DI Setup Time
Relative to SK Rising Edge
50
ns
tCSH
CS Hold Time
Relative to SK Falling Edge
50
ns
tDIH
DI Hold Time
Relative to SK Rising Edge
20
ns
tDF
CS to DO in TRI-STATE
AC Test
100
ns
tDH
DO Hold Time
Relative to SK Falling Edge
0
ns
tPD
Output Delay
Relative to SK Falling Edge
100
ns
tSADD
Set Address Time
AC Test
200
400
m
s
tPROG
Page Program Time
400
5000
m
s
tBERASE
Block Erase Time
6
100
ms
tR
Page Read Transfer Time
9
25
m
s
NM29A040
NM29A080
http
www nationalcom
9


Similar Part No. - NM29A040M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NM29N16 NSC-NM29N16 Datasheet
503Kb / 30P
   16 MBit (2M x 8 Bit) CMOS NAND FLASH E2PROM
More results

Similar Description - NM29A040M

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST49LF004C SST-SST49LF004C Datasheet
510Kb / 36P
   4 Mbit / 8 Mbit LPC Serial Flash
SST25VF040 SST-SST25VF040 Datasheet
379Kb / 23P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25VF020 SST-SST25VF020_06 Datasheet
397Kb / 23P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25VF020 SST-SST25VF020 Datasheet
658Kb / 24P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25LF020A SST-SST25LF020A Datasheet
300Kb / 26P
   2 Mbit / 4 Mbit SPI Serial Flash
logo
Toshiba Semiconductor
TC5816BDC TOSHIBA-TC5816BDC Datasheet
1Mb / 36P
   16 MBIT (2M x 8 BITS) CMOS NAND FLASH E2PROM
logo
National Semiconductor ...
NM29N16 NSC-NM29N16 Datasheet
503Kb / 30P
   16 MBit (2M x 8 Bit) CMOS NAND FLASH E2PROM
logo
Silicon Storage Technol...
SST25VF080B SST-SST25VF080B Datasheet
350Kb / 28P
   8 Mbit SPI Serial Flash
SST25VF080B SST-SST25VF080B_07 Datasheet
679Kb / 28P
   8 Mbit SPI Serial Flash
SST25LF080A SST-SST25LF080A Datasheet
290Kb / 25P
   8 Mbit SPI Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com