Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NM29A040M Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NM29A040M
Description  4-Mbit/8-Mbit CMOS Serial FLASH E2PROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NM29A040M Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button NM29A040M Datasheet HTML 3Page - National Semiconductor (TI) NM29A040M Datasheet HTML 4Page - National Semiconductor (TI) NM29A040M Datasheet HTML 5Page - National Semiconductor (TI) NM29A040M Datasheet HTML 6Page - National Semiconductor (TI) NM29A040M Datasheet HTML 7Page - National Semiconductor (TI) NM29A040M Datasheet HTML 8Page - National Semiconductor (TI) NM29A040M Datasheet HTML 9Page - National Semiconductor (TI) NM29A040M Datasheet HTML 10Page - National Semiconductor (TI) NM29A040M Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Instruction Set (Continued)
ERASE
The Erase command erases a single block The Erase com-
mand is followed by a single byte telling which block to
erase In this manner no Set-Address sequence is required
to erase a block Following the block address byte is a sin-
gle byte security code 55H that is used to prevent inadver-
tent erasure Get-Status may be used to check if the opera-
tion was completed successfully At the completion of the
Erase command the selected address is undetermined A
Set-Address command is required before any subsequent
Read or Write
DATA-SHIFT-IN
The Data-Shift-In command is used to send data into the
on-chip buffer The number of bits sent into the buffer is
determined by an 8-bit argument following the command
The argument is always 1 less than the actual number of
bits to shift in For example to shift in all 32 bytes (256 bits)
the argument would be FFH (255) To shift in just 4 bytes
(32 bits) the argument would be 1FH (31) Following the
argument the data is shifted in through DI Data-Shift-In
may come before or after the Set-Address sequence when
performing a page write operation
DATA-SHIFT-OUT
The Data-Shift-Out command is used to shift data out of the
on-chip buffer through DO The number of bits sent out is
determined by an 8-bit argument following the command
The argument is always 1 less than the actual number of
bits to shift out For example to shift out all 32 bytes (256
bits) the argument would be FFH (255) To shift out 2 bytes
(16 bits) the argument would be 0FH (15) Following the
argument the data is shifted out through DO Data shifted
out during this command is also internally shifted back into
the data register Thus after shifting all 256 bits the con-
tents of the data register remain unchanged
WRITE ENABLE
The Write Enable command is used as a security check
against inadvertent writes or erases to the device When
this command is issued any subsequent Write or Erase
commands proceed in the normal fashion If the Write En-
able command is not given or the device is in the Write
Disable mode then a write to any page or erase to any block
will not be allowed Use the Get-Status command to deter-
mine whether the device currently is in the Write Enabled or
Disabled mode The NM29A040080 will always power up
in the Write Disable mode This command may be issued
while the device is busy Any change in the Write Enable
status will affect the next write or erase operation that is
issued
WRITE DISABLE
The Write Disable command is used to prevent inadvertant
writes or erases Once this command is executed all subse-
quent Write or Erase commands will not be accepted This
command may be issued while the device is busy Any
change in the Write Enable status will affect the next write
or erase operation that is issued
READ LAST BLOCK
The Read Last Block command is used to read the contents
of Block 127 (4-Mbit) or Block 254 (8-Mbit) The Read Last
Block operation proceeds like a normal read operation ex-
cept that the block number is ignored in the Set-Address
sequence The block address is automatically set to Block
127 or 254 The Set-Address command is still necessary to
set the page to be read In the case of the 8M the page
address can range from 0 – 255 for purposes of reading or
writing the last block
WRITE LAST BLOCK
The Write Last Block command writes a page of data to the
currently selected page of Block 127 or 254 The Write Last
Block command operates like a normal write command ex-
cept the block number is ignored in the Set-Address se-
quence The block address is automatically set to Block 127
or 254 The Set-Address command is still necessary to set
the page to be written In the case of the 8M the page
address can range from 0 – 255 for purposes of reading or
writing the last block The Write Last Block command is
followed by a security code (55H) Once the information has
been written into the memory array it may not be erased
http
www nationalcom
7


Similar Part No. - NM29A040M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NM29N16 NSC-NM29N16 Datasheet
503Kb / 30P
   16 MBit (2M x 8 Bit) CMOS NAND FLASH E2PROM
More results

Similar Description - NM29A040M

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST49LF004C SST-SST49LF004C Datasheet
510Kb / 36P
   4 Mbit / 8 Mbit LPC Serial Flash
SST25VF040 SST-SST25VF040 Datasheet
379Kb / 23P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25VF020 SST-SST25VF020_06 Datasheet
397Kb / 23P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25VF020 SST-SST25VF020 Datasheet
658Kb / 24P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25LF020A SST-SST25LF020A Datasheet
300Kb / 26P
   2 Mbit / 4 Mbit SPI Serial Flash
logo
Toshiba Semiconductor
TC5816BDC TOSHIBA-TC5816BDC Datasheet
1Mb / 36P
   16 MBIT (2M x 8 BITS) CMOS NAND FLASH E2PROM
logo
National Semiconductor ...
NM29N16 NSC-NM29N16 Datasheet
503Kb / 30P
   16 MBit (2M x 8 Bit) CMOS NAND FLASH E2PROM
logo
Silicon Storage Technol...
SST25VF080B SST-SST25VF080B Datasheet
350Kb / 28P
   8 Mbit SPI Serial Flash
SST25VF080B SST-SST25VF080B_07 Datasheet
679Kb / 28P
   8 Mbit SPI Serial Flash
SST25LF080A SST-SST25LF080A Datasheet
290Kb / 25P
   8 Mbit SPI Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com