Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI74LPT16373AV Datasheet(PDF) 1 Page - PerkinElmer Optoelectronics

Part # PI74LPT16373AV
Description  Fast CMOS 3.3V 16-BitTransparent Latch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

PI74LPT16373AV Datasheet(HTML) 1 Page - PerkinElmer Optoelectronics

  PI74LPT16373AV Datasheet HTML 1Page - PerkinElmer Optoelectronics PI74LPT16373AV Datasheet HTML 2Page - PerkinElmer Optoelectronics PI74LPT16373AV Datasheet HTML 3Page - PerkinElmer Optoelectronics PI74LPT16373AV Datasheet HTML 4Page - PerkinElmer Optoelectronics PI74LPT16373AV Datasheet HTML 5Page - PerkinElmer Optoelectronics PI74LPT16373AV Datasheet HTML 6Page - PerkinElmer Optoelectronics PI74LPT16373AV Datasheet HTML 7Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
PS2069D
06/05/06
Description
Pericom Semiconductor’s PI74LPT16373 is a 16-bit transparent
latchdesignedwith3-stateoutputsandareintendedforbusoriented
applications. The Output Enable and Latch Enable controls are
organized to operate as two 8-bit latches or one 16-bit latch. When
Latch Enable (LE) is HIGH, the flip-flops appear transparent to
the data. The data that meets the set-up time when LE is LOW is
latched. When OE is HIGH, the bus output is in the high impedance
state.
The PI74LPT16373 can be driven from either 3.3V or 5.0V
devices allowing this device to be used as a translator in a mixed
3.3/5.0V system.
PI74LPT16373
Fast CMOS 3.3V 16-Bit
Transparent Latch
Features
• Compatible with LCX™ and LVT™ families of products
• Supports 5V Tolerant Mixed Signal Mode Operation
– Input can be 3V or 5V
– Output can be 3V or connected to 5V bus
• Advanced Low Power CMOS Operation
• Excellent output drive capability:
Balanced drives (24 mA sink and source)
• Pin compatible with industry standard double-density pinouts
• Low ground bounce outputs
• Hysteresis on all inputs
• Industrial operating temperature range: –40°C to +85°C
• Multiple center pins and distributed Vcc/GND pins minimize
switching noise
• Packaging (Pb-free & Green available):
– 48-pin 240-mil wide thin plastic TSSOP (A)
– 48-pin 300-mil wide plastic SSOP (V)
Block Diagram
1
OE
1
LE
1
O0
C
D
1
D0
TO 7 OTHER CHANNELS
2
OE
2
LE
2
O0
C
D
2
D0
TO 7 OTHER CHANNELS
06-0210


Similar Part No. - PI74LPT16373AV

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74LPT16374 PERICOM-PI74LPT16374 Datasheet
50Kb / 5P
   Fast CMOS 3.3V 16-Bit Register (3-State)
More results

Similar Description - PI74LPT16373AV

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT163373 PERICOM-PI74FCT163373 Datasheet
73Kb / 5P
   Fast CMOS 3.3V 16-Bit Transparent Latch
PI74LCX16373 PERICOM-PI74LCX16373 Datasheet
159Kb / 6P
   Fast CMOS 3.3V 16-Bit Transparent Latch
logo
Integrated Device Techn...
74FCT163373PV IDT-74FCT163373PV Datasheet
353Kb / 7P
   3.3V CMOS 16-BIT TRANSPARENT LATCH
IDT74FCT163373 IDT-IDT74FCT163373 Datasheet
100Kb / 7P
   3.3V CMOS 16-BIT TRANSPARENT LATCH
logo
Renesas Technology Corp
IDT74FCT163373A RENESAS-IDT74FCT163373A Datasheet
239Kb / 8P
   3.3V CMOS 16-BIT TRANSPARENT LATCH
SEPTEMBER 2009
logo
Pericom Semiconductor C...
PI74LPT573 PERICOM-PI74LPT573 Datasheet
40Kb / 4P
   Fast CMOS 3.3V 8-Bit Transparent Latch
PI74FCT3573 PERICOM-PI74FCT3573 Datasheet
48Kb / 4P
   Fast CMOS 3.3V 8-Bit Transparent Latch
logo
Integrated Device Techn...
IDT74FCT16373AT IDT-IDT74FCT16373AT_17 Datasheet
92Kb / 7P
   FAST CMOS 16-BIT TRANSPARENT LATCH
logo
Renesas Technology Corp
IDT74FCT162373AT RENESAS-IDT74FCT162373AT Datasheet
286Kb / 8P
   FAST CMOS 16-BIT TRANSPARENT LATCH
MARCH 2015
logo
Integrated Device Techn...
IDT74FCT162373AT IDT-IDT74FCT162373AT_06 Datasheet
74Kb / 7P
   FAST CMOS 16-BIT TRANSPARENT LATCH
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com