Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NM29A040V Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NM29A040V
Description  4-Mbit/8-Mbit CMOS Serial FLASH E2PROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NM29A040V Datasheet(HTML) 5 Page - National Semiconductor (TI)

  NM29A040V Datasheet HTML 1Page - National Semiconductor (TI) NM29A040V Datasheet HTML 2Page - National Semiconductor (TI) NM29A040V Datasheet HTML 3Page - National Semiconductor (TI) NM29A040V Datasheet HTML 4Page - National Semiconductor (TI) NM29A040V Datasheet HTML 5Page - National Semiconductor (TI) NM29A040V Datasheet HTML 6Page - National Semiconductor (TI) NM29A040V Datasheet HTML 7Page - National Semiconductor (TI) NM29A040V Datasheet HTML 8Page - National Semiconductor (TI) NM29A040V Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Device Operation (Continued)
BLOCK ERASE
The Block Erase sequence erases a specified block (4 kB)
of data Flash memory devices require that a block be in an
erased state prior to writing to a memory cell In this man-
ner a block must be erased prior to the recording of any
messages or storage of any images
TLD12475 – 7
FIGURE 4 Block Erase Sequence
Functional Description
ORGANIZATION
The NM29A040080 are 4-Mbit and 8-Mbit devices respec-
tively organized as 128256 blocks of 128 pages A block is
the smallest unit that can be erased and is 4 kbytes in size
Within a block are 16 rows of 8 pages each row 256 bytes
long Each page is 32 bytes long Read and write operations
always operate on a page at a time
TLD12475 – 8
FIGURE 5 Device Organization
Reading or writing data to the Serial Flash involves clocking
data into or out of the data register The data register is a
32-byte wide shift register equivalent in size to one page
When shifting in a full page writing to the array and then
reading out the same page the first bit shifted in will be the
first bit shifted out If for example only 5 bytes are shifted in
written to the array and then the same page is read out 27
bytes should be shifted out before the original 5 bytes will
be shifted out See Note 4 in the notifications section for an
explanation of multiple page writes and masking
TLD12475 – 9
FIGURE 6 Block Organization
WRITE ONCE BLOCK
The NM29A040 contains 127 blocks (blocks 0 thru block
126) which are fully accessible to the user for reading writ-
ing and erasing The final block number 127 has been set
aslde as a write once block The pages in this block may
only be written to once Once the data is written it may not
be erased In this manner block 127 may be used for stor-
ing system configuration information that cannot be lost
The NM29A080 operates in a similar manner but has 253
blocks that are fully accessible Block 254 contains the un-
usable block information although this block has 256 pages
as opposed to the standard 128 pages
The last block is not accessible through the normal Read
and Write commands Special commands for Read (D0H)
and Write (F0H) are used to perform the last block opera-
tions An erase operation is not available or usable on the
last block
DATA REGISTER
The data register is a 32-byte FIFO that is used to shift data
into or out of the device When a write operation is per-
formed all 32 bytes are written to the currently addressed
page Refer to Note 4 for how to write less than 32 bytes to
a page
The data register may be used as an on-chip holding area
for partial page data For example if data is acquired exter-
nally in 8-byte multiples the data register can be used to
hold each 8-byte segment After the 4th such data segment
an entire page of data will have been accumulated at which
point the write command mat be issued No data may be
shifted into or out of the data register while the device is
busy
READYBUSY OUTPUT
When the Serial Flash device is selected with CS held low
then the DO pin reflects the ReadyBusy state of the de-
vice This is true at all times except when reading data out
of the device as in the Get-Status command or the Data-
Shift-Out command When the device is unselected the DO
output is in a high impedance state
http
www nationalcom
5


Similar Part No. - NM29A040V

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NM29N16 NSC-NM29N16 Datasheet
503Kb / 30P
   16 MBit (2M x 8 Bit) CMOS NAND FLASH E2PROM
More results

Similar Description - NM29A040V

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST49LF004C SST-SST49LF004C Datasheet
510Kb / 36P
   4 Mbit / 8 Mbit LPC Serial Flash
SST25VF040 SST-SST25VF040 Datasheet
379Kb / 23P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25VF020 SST-SST25VF020_06 Datasheet
397Kb / 23P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25VF020 SST-SST25VF020 Datasheet
658Kb / 24P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25LF020A SST-SST25LF020A Datasheet
300Kb / 26P
   2 Mbit / 4 Mbit SPI Serial Flash
logo
Toshiba Semiconductor
TC5816BDC TOSHIBA-TC5816BDC Datasheet
1Mb / 36P
   16 MBIT (2M x 8 BITS) CMOS NAND FLASH E2PROM
logo
National Semiconductor ...
NM29N16 NSC-NM29N16 Datasheet
503Kb / 30P
   16 MBit (2M x 8 Bit) CMOS NAND FLASH E2PROM
logo
Silicon Storage Technol...
SST25VF080B SST-SST25VF080B Datasheet
350Kb / 28P
   8 Mbit SPI Serial Flash
SST25VF080B SST-SST25VF080B_07 Datasheet
679Kb / 28P
   8 Mbit SPI Serial Flash
SST25LF080A SST-SST25LF080A Datasheet
290Kb / 25P
   8 Mbit SPI Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com