Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NM29A040 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NM29A040
Description  4-Mbit/8-Mbit CMOS Serial FLASH E2PROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NM29A040 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  NM29A040 Datasheet HTML 1Page - National Semiconductor (TI) NM29A040 Datasheet HTML 2Page - National Semiconductor (TI) NM29A040 Datasheet HTML 3Page - National Semiconductor (TI) NM29A040 Datasheet HTML 4Page - National Semiconductor (TI) NM29A040 Datasheet HTML 5Page - National Semiconductor (TI) NM29A040 Datasheet HTML 6Page - National Semiconductor (TI) NM29A040 Datasheet HTML 7Page - National Semiconductor (TI) NM29A040 Datasheet HTML 8Page - National Semiconductor (TI) NM29A040 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TLD12475
February 1996
NM29A040080
4-Mbit8-Mbit CMOS Serial FLASH E2PROM
General Description
The NM29A040080 are 4-Mbit and 8-Mbit Flash memories
designed with a MICROWIRETM serial interface All of the
features of the device are designed to provide the most cost
effective solution for applications requiring low bandwidth
file storage Examples of these applications include digital
answering machines and personal digital recorders (digital
audio) or FAX and digital scanners (digital imaging) The
Serial Flash requires only a single 5V power supply has a
small erase block size (4 kbytes) and a low EMI serial inter-
face
The NM29A040080 have been designed to work seam-
lessly
with
National’s
CompactRISCTM
family
(eg
NSAM266) of processors In this manner National is able to
provide the complete system solution to digital audio re-
cording (processor CODEC Flash memory software) or
digital imaging
Features
Y
Single 5V g10% power supply
Y
4 kbyte erase block
Y
Organized as 128 (256) Blocks per 4-Mbit (8-Mbit)
Device
128 pages per block
32 bytes per page (256 bits)
Y
MICROWIRETM compatible interface
Y
Low operating current (typical)
5 mA read current
15 mA write current
10 mA erase current
5 mA standby current
Y
100k writeerase cycle endurance
Y
Offered in PLCC and SOIC packages
Block Diagram
TLD12475 – 1
TRI-STATE
is a registered trademark of National Semiconductor Corporation
MICROWIRETM SpeechProTM CompactRISCTM and CompactSPEECHTM are trademarks of National Semiconductor Corporation
C1996 National Semiconductor Corporation
RRD-B30M36Printed in U S A
http
www nationalcom


Similar Part No. - NM29A040

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NM29N16 NSC-NM29N16 Datasheet
503Kb / 30P
   16 MBit (2M x 8 Bit) CMOS NAND FLASH E2PROM
More results

Similar Description - NM29A040

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST49LF004C SST-SST49LF004C Datasheet
510Kb / 36P
   4 Mbit / 8 Mbit LPC Serial Flash
SST25VF040 SST-SST25VF040 Datasheet
379Kb / 23P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25VF020 SST-SST25VF020_06 Datasheet
397Kb / 23P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25VF020 SST-SST25VF020 Datasheet
658Kb / 24P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25LF020A SST-SST25LF020A Datasheet
300Kb / 26P
   2 Mbit / 4 Mbit SPI Serial Flash
logo
Toshiba Semiconductor
TC5816BDC TOSHIBA-TC5816BDC Datasheet
1Mb / 36P
   16 MBIT (2M x 8 BITS) CMOS NAND FLASH E2PROM
logo
National Semiconductor ...
NM29N16 NSC-NM29N16 Datasheet
503Kb / 30P
   16 MBit (2M x 8 Bit) CMOS NAND FLASH E2PROM
logo
Silicon Storage Technol...
SST25VF080B SST-SST25VF080B Datasheet
350Kb / 28P
   8 Mbit SPI Serial Flash
SST25VF080B SST-SST25VF080B_07 Datasheet
679Kb / 28P
   8 Mbit SPI Serial Flash
SST25LF080A SST-SST25LF080A Datasheet
290Kb / 25P
   8 Mbit SPI Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com