Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC961C Datasheet(PDF) 4 Page - Motorola, Inc

Part # MPC961C
Description  LOW VOLTAGE ZERO DELAY
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC961C Datasheet(HTML) 4 Page - Motorola, Inc

  MPC961C Datasheet HTML 1Page - Motorola, Inc MPC961C Datasheet HTML 2Page - Motorola, Inc MPC961C Datasheet HTML 3Page - Motorola, Inc MPC961C Datasheet HTML 4Page - Motorola, Inc MPC961C Datasheet HTML 5Page - Motorola, Inc MPC961C Datasheet HTML 6Page - Motorola, Inc MPC961C Datasheet HTML 7Page - Motorola, Inc MPC961C Datasheet HTML 8Page - Motorola, Inc MPC961C Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MPC961C
MOTOROLA
TIMING SOLUTIONS
DL207 — Rev 0
4
Table 6: DC CHARACTERISTICS (VCC = 2.5V ± 5%, TA = –40° to 85°C)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
VIH
Input HIGH Voltage
1.7
VCC + 0.3
V
LVCMOS
VIL
Input LOW Voltage
–0.3
0.7
V
LVCMOS
VOH
Output HIGH Voltage
1.8
V
IOH = –15mAa
VOL
Output LOW Voltage
0.6
V
IOL = 15mAa
ZOUT
Output Impedance
18
26
W
IIN
Input Current
±120
µA
CIN
Input Capacitance
4.0
pF
CPD
Power Dissipation Capacitance
8.0
10
pF
Per Output
ICCA
Maximum PLL Supply Current
2.0
5.0
mA
VCCA Pin
ICC
Maximum Quiescent Supply Current
mA
All VCC Pins
VTT
Output Termination Voltage
VCC B 2
V
a. The MPC961C is capable of driving 50
Ω transmission lines on the incident edge. Each output drives one 50Ω parallel terminated
transmission line to a termination voltage of VTT. Alternatively, the device drives up two 50Ω series terminated transmission lines.
Table 7: AC CHARACTERISTICS (VCC = 2.5V ± 5%, TA = –40° to 85°C)a
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
fref
Input Frequency
F_RANGE = 0
F_RANGE = 1
100
50
200
100
MHz
fmax
Maximum Output Frequency
F_RANGE = 0
F_RANGE = 1
100
50
200
100
MHz
frefDC
Reference Input Duty Cycle
25
75
%
tr, tf
TCLK Input Rise/Fall Time
3.0
ns
0.7 to 1.7V
t(
∅)
Propagation Delay
CCLK to FB_IN
(static phase offset)
–80
120
ps
PLL locked
tsk(O)
Output–to–Output Skewb
90
150
ps
DCO
Output Duty Cycle
F_RANGE = 0
F_RANGE = 1
40
45
50
50
60
55
%
tr, tf
Output Rise/Fall Time
0.1
1.0
ns
0.6 to 1.8V
tPLZ,HZ
Output Disable Time
10
ns
tPZL,LZ
Output Enable Time
10
ns
tJIT(CC)
Cycle–to–Cycle Jitter
RMS (1
s)c
15
ps
tJIT(PER)
Period Jitter
RMS (1
s)
7.0
10
ps
tJIT(
∅)
I/O Phase Jitter
RMS (1
s)
15
ns
tlock
Maximum PLL Lock Time
10
ms
a. AC characteristics apply for parallel output termination of 50
W to VTT
b. See applications section for part–to–part skew calculation
c. See applications section for calculation for other confidence factors than 1
s
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MPC961C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC961C MOTOROLA-MPC961C Datasheet
169Kb / 12P
   LOW VOLTAGE ZERO DELAY BUFFER
More results

Similar Description - MPC961C

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM5I961P ALSC-ASM5I961P Datasheet
625Kb / 14P
   Low Voltage Zero Delay Buffer
logo
PulseCore Semiconductor
PCS5I961C PULSECORE-PCS5I961C Datasheet
628Kb / 14P
   Low Voltage Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I961C ALSC-ASM5I961C Datasheet
685Kb / 15P
   Low Voltage Zero Delay Buffer
logo
Renesas Technology Corp
MPC961P RENESAS-MPC961P Datasheet
587Kb / 14P
   Low Voltage Zero Delay Buffer
October 4, 2016
logo
PulseCore Semiconductor
PCS5I961P PULSECORE-PCS5I961P Datasheet
626Kb / 14P
   Low Voltage Zero Delay Buffer
logo
Motorola, Inc
MPC961C MOTOROLA-MPC961C Datasheet
169Kb / 12P
   LOW VOLTAGE ZERO DELAY BUFFER
logo
Integrated Circuit Syst...
ICS9112-18 ICST-ICS9112-18 Datasheet
62Kb / 4P
   Zero Delay, Low Skew Buffer
logo
Micrel Semiconductor
PL123-09OC MICREL-PL123-09OC Datasheet
392Kb / 9P
   Low Skew Zero Delay Buffer
PL123-05SC MICREL-PL123-05SC Datasheet
392Kb / 9P
   Low Skew Zero Delay Buffer
logo
Renesas Technology Corp
MK2304-1 RENESAS-MK2304-1 Datasheet
253Kb / 9P
   ZERO DELAY, LOW SKEW BUFFER
072710
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com