Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4713EPE Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4713EPE
Description  Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4713EPE Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4713EPE Datasheet HTML 5Page - Maxim Integrated Products MAX4713EPE Datasheet HTML 6Page - Maxim Integrated Products MAX4713EPE Datasheet HTML 7Page - Maxim Integrated Products MAX4713EPE Datasheet HTML 8Page - Maxim Integrated Products MAX4713EPE Datasheet HTML 9Page - Maxim Integrated Products MAX4713EPE Datasheet HTML 10Page - Maxim Integrated Products MAX4713EPE Datasheet HTML 11Page - Maxim Integrated Products MAX4713EPE Datasheet HTML 12Page - Maxim Integrated Products MAX4713EPE Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Fault-Protected, Low-Voltage,
Quad SPST Analog Switches
_______________________________________________________________________________________
9
0
30
20
10
40
50
60
70
80
90
100
-40
10
-15
35
60
85
TURN-ON/TURN-OFF TIME
vs. TEMPERATURE (DUAL SUPPLIES)
TEMPERATURE (°C)
tON
tOFF
V± = ±5V
0
100
50
200
150
300
250
350
-40
10
-15
35
60
85
TURN-ON/TURN-OFF TIME
vs. TEMPERATURE (SINGLE SUPPLY)
TEMPERATURE (°C)
tON (V+ = +3V)
tON (V+ = +5V)
tOFF (V+ = +3V)
tOFF (V+ = +5V)
-40
-20
-30
0
-10
30
20
10
40
-40
0
-20
20
40
60
80
SUPPLY CURRENT vs. TEMPERATURE
VIN = 0 OR 5V
TEMPERATURE (°C)
V± = ±5V
I+
(SINGLE SUPPLY)
I+
(DUAL SUPPLY)
IGND
I-
I+
(SINGLE SUPPLY)
(DUAL SUPPLY)
0
20
40
60
80
100
120
140
160
012345
SUPPLY CURRENT vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
V+ = +5V
V+ = +3V
0.9
0.7
1.5
1.3
1.1
1.9
2.1
1.7
2.3
2.4
5.4
6.4
3.4
4.4
7.4
8.4
9.4 10.4
LOGIC LEVEL THRESHOLD
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
tHI
tLO
-120
-40
-50
-20
-30
0
-10
10
FREQUENCY RESPONSE
FREQUENCY (MHz)
0.01
1
10
100
1000
0.1
-110
-100
-90
-80
-70
-60
INSERTION LOSS
OFF-ISOLATION
CROSSTALK
-3dB AT 340MHz
-59dB AT 1MHz
1µs/div
FAULT TURN-ON DELAY AND
RECOVERY TIME
2V/div
MAX4711/12/13 toc16
0
N_(INPUT)
COM_(OUTPUT)
2µs/div
FAULT TURN-ON DELAY AND
RECOVERY TIME
2V/div
2V/div
MAX4711/12/13 toc17
0
0
NC_INPUT
COM_OUTPUT
(300Ω LOAD)
Typical Operating Characteristics (continued)
(V+ = +5V, V- = -5V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX4713EPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4713EPE MAXIM-MAX4713EPE Datasheet
411Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
More results

Similar Description - MAX4713EPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4711 MAXIM-MAX4711 Datasheet
411Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX312FESE MAXIM-MAX312FESE Datasheet
338Kb / 15P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 1/03
DG411F MAXIM-DG411F Datasheet
445Kb / 16P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 4/02
MAX4511 MAXIM-MAX4511_V01 Datasheet
538Kb / 17P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2002
MAX4511 MAXIM-MAX4511 Datasheet
310Kb / 16P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 6/98
DG411F MAXIM-DG411F_V01 Datasheet
1Mb / 17P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2021
MAX4551 MAXIM-MAX4551 Datasheet
325Kb / 16P
   짹15kV ESD-Protected, Quad, Low-Voltage, SPST Analog Switches
Rev 0; 10/98
MAX4620 MAXIM-MAX4620 Datasheet
324Kb / 16P
   /-15kV ESD-Protected, Low-Voltage, Quad, SPST, CMOS Analog Switches
Rev 0; 7/00
MAX4510 MAXIM-MAX4510 Datasheet
156Kb / 12P
   Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 10/99
MAX4521 MAXIM-MAX4521 Datasheet
155Kb / 12P
   Quad, Low-Voltage, SPST Analog Switches
Rev 1; 1/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com