Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX88L60 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # MX88L60
Description  DUAL-MODE PC CAMERA CONTROLLER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MX88L60 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button MX88L60 Datasheet HTML 2Page - List of Unclassifed Manufacturers MX88L60 Datasheet HTML 3Page - List of Unclassifed Manufacturers MX88L60 Datasheet HTML 4Page - List of Unclassifed Manufacturers MX88L60 Datasheet HTML 5Page - List of Unclassifed Manufacturers MX88L60 Datasheet HTML 6Page - List of Unclassifed Manufacturers MX88L60 Datasheet HTML 7Page - List of Unclassifed Manufacturers MX88L60 Datasheet HTML 8Page - List of Unclassifed Manufacturers MX88L60 Datasheet HTML 9Page - List of Unclassifed Manufacturers MX88L60 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6
REV. 2.5B, AUG. 18, 2000
P/N: PM0743
MX88L60
Name
Pin #
Type
Definition
GPIO 21
109
I/O
GPIO bit 21, flash light strobe output
GPIO 22
110
I/O
GPIO bit 22
GPIO 23
111
I/O
GPIO bit 23
GPIO 24
112
I/O
GPIO bit 24
GPIO 25
113
I/O
GPIO bit 25
VDD
114
3.3V
CLK48I
115
I
System clock crystal oscillator input, 48MHz
CLK48O
116
O
System clock crystal output
EA
117
I
External ROM enable
RST_B
118
I
Hardware reset
PALE
119
I/O
Address latch enable
PSEN_B
120
I/O
Program strobe enable
P0.0
121
I/O
8051 port 0 bit 0, external address/data bus bit 0
P0.1
122
I/O
8051 port 0 bit 1, external address/data bus bit 1
P0.2
123
I/O
8051 port 0 bit 2, external address/data bus bit 2
P0.3
124
I/O
8051 port 0 bit 3, external address/data bus bit 3
P0.4
125
I/O
8051 port 0 bit 4, external address/data bus bit 4
P0.5
126
I/O
8051 port 0 bit 5, external address/data bus bit 5
P0.6
127
I/O
8051 port 0 bit 6, external address/data bus bit 6
GND
128
P0.7
129
I/O
8051 Port 0 bit 7, external address/data bus bit 7
P1.0
130
I/O
8051 port 1 bit 0, GPIO bit 0,
P1.1
131
I/O
8051 port 1 bit 1, GPIO bit 1,
P1.2
132
I/O
8051 port 1 bit 2, GPIO bit 2,
P1.3
133
I/O
8051 port 1 bit 3, GPIO bit 3
P1.4
134
I/O
8051 port 1 bit 4, GPIO bit 4
P1.5
135
I/O
8051 port 1 bit 5, GPIO bit 5
P1.6
136
I/O
8051 port 1 bit 6, GPIO bit 6, SCL
P1.7
137
I/O
8051 Port 1 bit 7, GPIO bit 7, SDA
P2.0
138
I/O
8051 port 2 bit 0, external address bus bit 8
P2.1
139
I/O
8051 port 2 bit 1, external address bus bit 9
P2.2
140
I/O
8051 port 2 bit 2, external address bus bit 10
GND
141
VDD
142
3.3V
P2.3
143
I/O
8051 port 2 bit 3, external address bus bit 11
P2.4
144
I/O
8051 port 2 bit 4, external address bus bit 12
P2.5
145
I/O
8051 port 2 bit 5, external address bus bit 13
P2.6
146
I/O
8051 port 2 bit 6, external address bus bit 14
P2.7
147
I/O
8051 Port 2 bit 7, external address bus bit 15
P3.0
148
I/O
8051 port 3 bit 0, GPIO bit 8, RXD
P3.1
149
I/O
8051 port 3 bit 1, GPIO bit 9, TXD


Similar Part No. - MX88L60

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX88L284AEC ETC1-MX88L284AEC Datasheet
177Kb / 26P
   Highly integration chip for Flat Panel Display application
More results

Similar Description - MX88L60

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPCA504A ETC-SPCA504A Datasheet
355Kb / 4P
   Dual Mode PC Camera Processor
logo
Pixart Imaging Inc.
PAP7501V PIXART-PAP7501V Datasheet
314Kb / 12P
   USB2.0 PC Camera Controller
logo
GENESYS LOGIC
GL860 GENESYS-GL860 Datasheet
266Kb / 24P
   USB 2.0 PC Camera Controller
logo
List of Unclassifed Man...
ZC0301 ETC-ZC0301 Datasheet
266Kb / 15P
   VGA & CIF USB PC Camera Controller
ZC0302 ETC-ZC0302 Datasheet
192Kb / 13P
   VGA & CIF USB PC Camera Controller
logo
SONiX Technology Compan...
SN9C2028AF SONIX-SN9C2028AF Datasheet
593Kb / 10P
   SONiX Dual Mode Camera Processor
logo
STMicroelectronics
STV0680B STMICROELECTRONICS-STV0680B Datasheet
563Kb / 63P
   DUAL-MODE DIGITAL CAMERA CHIPSET
logo
Winbond
W99681CF WINBOND-W99681CF Datasheet
816Kb / 78P
   JPEG USB Dual Mode Camera Chip
logo
STMicroelectronics
STV0681 STMICROELECTRONICS-STV0681 Datasheet
351Kb / 44P
   DUAL-MODE DIGITAL CAMERA CO-PROCESSOR
logo
List of Unclassifed Man...
SPCA-533A ETC-SPCA-533A Datasheet
135Kb / 4P
   Digital Still Camera Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com