Electronic Components Datasheet Search |
|
MX88L60 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers |
|
MX88L60 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers |
4 / 23 page 4 REV. 2.5B, AUG. 18, 2000 P/N: PM0743 MX88L60 Name Pin # Type Definition DA3 39 O DRAM address bit 3 DA9 40 O SDRAM address bit 9 DA8 41 O DRAM address bit 8 DA7 42 O DRAM address bit 7 DA6 43 O DRAM address bit 6 DA5 44 O DRAM address bit 5 DA4 45 O DRAM address bit 4 FWP_B 46 O Flash memory write protect FWE_B 47 O NAND type flash memory write enable Serial flash data output FALE 48 O NAND type flash memory address latch enable Serial flash memory #3 chip select FCLE 49 O NAND type flash memory command latch enable Serial flash memory #2 chip select FRB_B 50 I NAND type flash memory read/busy input Serial flash data input FRE_B 51 O NAND type flash memory read enable Serial flash clock output FCEA_B 52 O Flash memory #0 chip select FCEB_B 53 O Flash memory #1 chip select GND 54 VDD 55 3.3V GND 56 FQ3 57 I/O NAND type flash memory data bit 3, pull high/low, mapping to register GP_CFG[0] FQ2 58 I/O NAND type flash memory data bit 2, pull high/low, mapping to register FLASH_TYPE[2] FQ1 59 I/O NAND type flash memory data bit 1, pull high/low, mapping to register FLASH_TYPE[1] VDD 60 3.3V FQ0 61 I/O NAND type flash memory data bit 0, pull high/low, mapping to register FLASH_TYPE[0] FQ4 62 I/O NAND type flash memory data bit 4, pull high/low, mapping to register GP_CFG[1] FQ5 63 I/O NAND type flash memory data bit 5, pull high/low, mapping to register GP_CFG[2] FQ6 64 I/O NAND type flash memory data bit 6, pull high/low, mapping to register GP_CFG[3] FQ7 65 I/O NAND type flash memory data bit 7, pull high/low, mapping to register GP_CFG[4] RG 66 O Reset gate pulse output for CCD image sensor H1 67 O Horizontal transfer pulse output 1 for CCD image sensor H2 68 O Horizontal transfer pulse output 2 for CCD image sensor XSUB 69 O Pulse output for electronic shutter XV0/ 70 I/O Vertical transfer-pulse 0 for CCD image sensor; also can be programmed to vertical FRI sync signal input. XV1/ 71 I/O Vertical transfer-pulse 1 for CCD image sensor; also can be programmed to HRI horizontal sync signal input. |
Similar Part No. - MX88L60 |
|
Similar Description - MX88L60 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |