Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX88L60UC Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # MX88L60UC
Description  DUAL-MODE PC CAMERA CONTROLLER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MX88L60UC Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button MX88L60UC Datasheet HTML 4Page - List of Unclassifed Manufacturers MX88L60UC Datasheet HTML 5Page - List of Unclassifed Manufacturers MX88L60UC Datasheet HTML 6Page - List of Unclassifed Manufacturers MX88L60UC Datasheet HTML 7Page - List of Unclassifed Manufacturers MX88L60UC Datasheet HTML 8Page - List of Unclassifed Manufacturers MX88L60UC Datasheet HTML 9Page - List of Unclassifed Manufacturers MX88L60UC Datasheet HTML 10Page - List of Unclassifed Manufacturers MX88L60UC Datasheet HTML 11Page - List of Unclassifed Manufacturers MX88L60UC Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8
REV. 2.5B, AUG. 18, 2000
P/N: PM0743
MX88L60
Sensor Interface
Name
Pin #
Type Definition
RG
66
O
Reset gate pulse output for CCD image sensor
H1
67
O
Horizontal transfer pulse output 1 for CCD image sensor
H2
68
O
Horizontal transfer pulse output 2 for CCD image sensor
XSUB
69
O
Pulse output for electronic shutter
XV0/
70
I/O
Vertical transfer-pulse 0 for CCD image sensor; also can be programmed to vertical
FRI
sync signal input.
XV1/
71
I/O
Vertical transfer-pulse 1 for CCD image sensor; also can be programmed to horizontal
HRI
sync signal input.
XV2/
72
O
Vertical transfer pulse 2 for CCD image sensor; also can be programmed to vertical
FRO
sync signal input
XV3/
73
O
Vertical transfer pulse 3 for CCD image sensor; also can be programmed to horizontal
HRO
sync signal input
XSG1
74
O
Readout pulse 1 for CCD image sensor
XSG2
75
O
Readout pulse 2 for CCD image sensor
XSHP
76
O
Pre-charge level sample-and-hold pulse
XSHD
77
O
Data level sample-and-hold pulse
XRS
79
O
Sample-and-hold pulse output for analog/digital conversion IC
XCLPDM
80
O
Dummy bit block clamp pulse output
XCLPOB
81
O
Optical black bit block clamp pulse output
PBLK
82
O
Pre-blanking pulse that corresponds to the cease period of horizontal transfer pulse for
CCD image sensor.
ADCK
84
O
Clock output for analog/digital conversion IC or CMOS image sensor.
Phase adjustment in 90O units.
SD0
85
I
Sensor input data bit 0 (LSB)
SD1
86
I
Sensor input data bit 1
SD2
87
I
Sensor input data bit 2
SD3
88
I
Sensor input data bit 3
SD4
89
I
Sensor input data bit 4
SD5
90
I
Sensor input data bit 5
SD6
91
I
Sensor input data bit 6
SD7
92
I
Sensor input data bit 7
SD8
93
I
Sensor input data bit 8
SD9
94
I
Sensor input data bit 9(MSB)


Similar Part No. - MX88L60UC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX88L284AEC ETC1-MX88L284AEC Datasheet
177Kb / 26P
   Highly integration chip for Flat Panel Display application
More results

Similar Description - MX88L60UC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPCA504A ETC-SPCA504A Datasheet
355Kb / 4P
   Dual Mode PC Camera Processor
logo
Pixart Imaging Inc.
PAP7501V PIXART-PAP7501V Datasheet
314Kb / 12P
   USB2.0 PC Camera Controller
logo
GENESYS LOGIC
GL860 GENESYS-GL860 Datasheet
266Kb / 24P
   USB 2.0 PC Camera Controller
logo
List of Unclassifed Man...
ZC0301 ETC-ZC0301 Datasheet
266Kb / 15P
   VGA & CIF USB PC Camera Controller
ZC0302 ETC-ZC0302 Datasheet
192Kb / 13P
   VGA & CIF USB PC Camera Controller
logo
SONiX Technology Compan...
SN9C2028AF SONIX-SN9C2028AF Datasheet
593Kb / 10P
   SONiX Dual Mode Camera Processor
logo
STMicroelectronics
STV0680B STMICROELECTRONICS-STV0680B Datasheet
563Kb / 63P
   DUAL-MODE DIGITAL CAMERA CHIPSET
logo
Winbond
W99681CF WINBOND-W99681CF Datasheet
816Kb / 78P
   JPEG USB Dual Mode Camera Chip
logo
STMicroelectronics
STV0681 STMICROELECTRONICS-STV0681 Datasheet
351Kb / 44P
   DUAL-MODE DIGITAL CAMERA CO-PROCESSOR
logo
List of Unclassifed Man...
SPCA-533A ETC-SPCA-533A Datasheet
135Kb / 4P
   Digital Still Camera Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com