Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5157BEEE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5157BEEE
Description  Low-Power, Dual, 12-Bit Voltage-Output DACs with Configurable Outputs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5157BEEE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5157BEEE Datasheet HTML 2Page - Maxim Integrated Products MAX5157BEEE Datasheet HTML 3Page - Maxim Integrated Products MAX5157BEEE Datasheet HTML 4Page - Maxim Integrated Products MAX5157BEEE Datasheet HTML 5Page - Maxim Integrated Products MAX5157BEEE Datasheet HTML 6Page - Maxim Integrated Products MAX5157BEEE Datasheet HTML 7Page - Maxim Integrated Products MAX5157BEEE Datasheet HTML 8Page - Maxim Integrated Products MAX5157BEEE Datasheet HTML 9Page - Maxim Integrated Products MAX5157BEEE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Low-Power, Dual, 12-Bit Voltage-Output DACs
with Configurable Outputs
6
_______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
(VDD = +5V, RL = 10kΩ, CL = 100pF, FB_ connected to OUT_, TA = +25°C, unless otherwise noted.)
-20
-16
-18
-12
-14
-8
-10
-6
-2
-4
0
0
600
1200
1800
2400
3000
REFERENCE VOLTAGE INPUT
FREQUENCY RESPONSE
FREQUENCY (kHz)
VREF = 0.67Vp-p @ 2.5VDC
CODE = 1FFE (HEX)
0.40
0.50
0.45
0.55
0.60
-60
20
60
-20
100
140
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
CODE = 1FFE (HEX)
CODE = 0000 (HEX)
RL =
-30
-90
0
10
100
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. FREQUENCY
-70
-50
-60
-80
-40
FREQUENCY (kHz)
VREF = 1Vp-p @ 2.5VDC
CODE = 1FFE (HEX)
0
-0.5
0.1
1
10
100
1000
FULL-SCALE ERROR vs. RESISTIVE LOAD
-0.4
RL (kΩ)
-0.3
-0.2
-0.1
VREF = 2.5V
-100
-80
-90
-60
-70
-40
-50
-30
-10
-20
0
0.5
1.5 2.0 2.5
1.0
3.0 3.5 4.0
5.0
4.5
5.5
OUTPUT FFT PLOT
FREQUENCY (kHz)
VREF = 3.6Vp-p @ 1.8VDC
f = 1kHz
CODE = 1FFE (HEX)
NOTE: RELATIVE TO FULL SCALE
-150
-130
-140
-110
-120
-90
-100
-80
-60
-70
-50
0.5
1.5 2.0 2.5
1.0
3.0 3.5 4.0
5.0
4.5
5.5
REFERENCE FEEDTHROUGH AT 1kHz
FREQUENCY (kHz)
VREF = 3.6Vp-p @ 1.88VDC
CODE = 0000 (HEX)
0
1.5
1.0
0.5
2.0
2.5
3.0
-55
25
5
-35 -15
45
65
85 105 125
POWER-DOWN CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
CS
5V/div
AC COUPLED
OUT_
500mV/div
DYNAMIC-RESPONSE RISE TIME
MAX5156 TOC08
2
µs/div
CS
5V/div
AC COUPLED
OUT_
500mV/div
DYNAMIC-RESPONSE FALL TIME
MAX5156 TOC09
2
µs/div
MAX5156


Similar Part No. - MAX5157BEEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5157BEEE MAXIM-MAX5157BEEE Datasheet
145Kb / 16P
   Low-Power, Dual, 12-Bit Voltage-Output DACs with Configurable Outputs
Rev 1; 12/97
More results

Similar Description - MAX5157BEEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5156 MAXIM-MAX5156 Datasheet
145Kb / 16P
   Low-Power, Dual, 12-Bit Voltage-Output DACs with Configurable Outputs
Rev 1; 12/97
MAX5152 MAXIM-MAX5152 Datasheet
225Kb / 20P
   Low-Power, Dual, 13-Bit Voltage-Output DACs with Configurable Outputs
Rev 0; 10/97
MAX5532 MAXIM-MAX5532_V01 Datasheet
4Mb / 26P
   Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs
2021
MAX5533 MAXIM-MAX5533 Datasheet
1Mb / 24P
   Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs
Rev 0; 12/03
MAX5154 MAXIM-MAX5154 Datasheet
184Kb / 16P
   Low-Power, Dual, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/97
MAX5174 MAXIM-MAX5174 Datasheet
255Kb / 16P
   Low-Power, Serial, 12-Bit DACs with Voltage Output
Rev 0; 4/99
MAX5530 MAXIM-MAX5530 Datasheet
1,010Kb / 19P
   ULTRA-LOW POWER, 12-BIT, VOLTAGE-OUTPUT DACS
Rev 0; 1/04
MAX5352 MAXIM-MAX5352 Datasheet
197Kb / 16P
   Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
MAX5500 MAXIM-MAX5500 Datasheet
219Kb / 14P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 11/08
MAX5500 MAXIM-MAX5500_09 Datasheet
289Kb / 15P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com