Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5157ACEE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX5157ACEE
Description  Low-Power, Dual, 12-Bit Voltage-Output DACs with Configurable Outputs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5157ACEE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX5157ACEE Datasheet HTML 4Page - Maxim Integrated Products MAX5157ACEE Datasheet HTML 5Page - Maxim Integrated Products MAX5157ACEE Datasheet HTML 6Page - Maxim Integrated Products MAX5157ACEE Datasheet HTML 7Page - Maxim Integrated Products MAX5157ACEE Datasheet HTML 8Page - Maxim Integrated Products MAX5157ACEE Datasheet HTML 9Page - Maxim Integrated Products MAX5157ACEE Datasheet HTML 10Page - Maxim Integrated Products MAX5157ACEE Datasheet HTML 11Page - Maxim Integrated Products MAX5157ACEE Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Low-Power, Dual, 12-Bit Voltage-Output DACs
with Configurable Outputs
8
_______________________________________________________________________________________
____________________________Typical Operating Characteristics (continued)
(VDD = +5V (MAX5156), VDD = +3V (MAX5157), RL = 10kΩ, CL = 100pF, FB_ connected to OUT_, TA = TMIN to TMAX, unless
otherwise noted.)
0.30
0.45
0.40
0.35
0.55
0.50
0.60
4.50
4.75
5.00
5.25
5.50
MAX5156
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
CODE = 1FFE (HEX)
CODE = 0000 (HEX)
0.30
0.45
0.40
0.35
0.55
0.50
2.7
3.0
3.3
3.6
MAX5157
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
CODE = 1FFE (HEX)
CODE = 0000 (HEX)
CS
2V/div
OUT_
10mV/div
AC COUPLED
MAX5156
MAJOR-CARRY TRANSITION
MAX5156 TOC20
2
µs/div
TRANSITION FROM 1000 (HEX) TO 0FFE (HEX)
OUTA
1V/div
OUTB
200
µV/div
AC COUPLED
MAX5156
ANALOG CROSSTALK
MAX5156 TOC21
200
µs/div
SCLK
5V/div
OUTA
500
µV/div
AC COUPLED
MAX5156
DIGITAL FEEDTHROUGH
MAX5156 TOC22
1
µs/div
MAX5156/MAX5157


Similar Part No. - MAX5157ACEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5157ACEE MAXIM-MAX5157ACEE Datasheet
145Kb / 16P
   Low-Power, Dual, 12-Bit Voltage-Output DACs with Configurable Outputs
Rev 1; 12/97
More results

Similar Description - MAX5157ACEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5156 MAXIM-MAX5156 Datasheet
145Kb / 16P
   Low-Power, Dual, 12-Bit Voltage-Output DACs with Configurable Outputs
Rev 1; 12/97
MAX5152 MAXIM-MAX5152 Datasheet
225Kb / 20P
   Low-Power, Dual, 13-Bit Voltage-Output DACs with Configurable Outputs
Rev 0; 10/97
MAX5532 MAXIM-MAX5532_V01 Datasheet
4Mb / 26P
   Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs
2021
MAX5533 MAXIM-MAX5533 Datasheet
1Mb / 24P
   Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs
Rev 0; 12/03
MAX5154 MAXIM-MAX5154 Datasheet
184Kb / 16P
   Low-Power, Dual, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/97
MAX5174 MAXIM-MAX5174 Datasheet
255Kb / 16P
   Low-Power, Serial, 12-Bit DACs with Voltage Output
Rev 0; 4/99
MAX5530 MAXIM-MAX5530 Datasheet
1,010Kb / 19P
   ULTRA-LOW POWER, 12-BIT, VOLTAGE-OUTPUT DACS
Rev 0; 1/04
MAX5352 MAXIM-MAX5352 Datasheet
197Kb / 16P
   Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
MAX5500 MAXIM-MAX5500 Datasheet
219Kb / 14P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 11/08
MAX5500 MAXIM-MAX5500_09 Datasheet
289Kb / 15P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com