Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5157BCEE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5157BCEE
Description  Low-Power, Dual, 12-Bit Voltage-Output DACs with Configurable Outputs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5157BCEE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5157BCEE Datasheet HTML 1Page - Maxim Integrated Products MAX5157BCEE Datasheet HTML 2Page - Maxim Integrated Products MAX5157BCEE Datasheet HTML 3Page - Maxim Integrated Products MAX5157BCEE Datasheet HTML 4Page - Maxim Integrated Products MAX5157BCEE Datasheet HTML 5Page - Maxim Integrated Products MAX5157BCEE Datasheet HTML 6Page - Maxim Integrated Products MAX5157BCEE Datasheet HTML 7Page - Maxim Integrated Products MAX5157BCEE Datasheet HTML 8Page - Maxim Integrated Products MAX5157BCEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Low-Power, Dual, 12-Bit Voltage-Output DACs
with Configurable Outputs
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—MAX5156 (continued)
(VDD = +5V ±10%, VREFA = VREFB = 2.5V, RL = 10kΩ, CL = 100pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C, output buffer connected in unity-gain configuration (Figure 9).)
Note 1: Accuracy is specified from code 10 to code 4095.
Note 2: Accuracy is better than 1LSB for VOUT greater than 6mV and less than VDD - 50mV. Guaranteed by PSRR test at the end points.
Note 3: Digital inputs are set to either VDD or DGND, code = 0000 hex, RL = ∞.
Note 4: SCLK minimum clock period includes rise and fall times.
CS = VDD, fDIN = 100kHz, VSCLK = 5Vp-p
ISOURCE = 2mA
Rail-to-rail (Note 2)
To 1/2LSB of full-scale, VSTEP = 2.5V
ISINK = 2mA
CONDITIONS
nV-s
5
Digital Crosstalk
nV-s
5
Digital Feedthrough
µs
25
Time Required to Exit Shutdown
µA
0
±0.1
IFB
Current into FBA or FBB
V
VDD - 0.5
VOH
Output High Voltage
V
0 to VDD
Output Voltage Swing
µs
15
Output Settling Time
V
0.13
0.40
VOL
Output Low Voltage
V/µs
0.75
SR
Voltage Output Slew Rate
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
(Note 4)
(Note 3)
(Note 3)
ns
40
tCL
SCLK Pulse Width Low
ns
40
tCH
SCLK Pulse Width High
ns
100
tCP
SCLK Clock Period
µA
0
±1
Reference Current in Shutdown
µA
2
10
IDD(SHDN)
Power-Supply Current in
Shutdown
mA
0.5
0.65
IDD
Power-Supply Current
V
4.5
5.5
VDD
Positive Supply Voltage
ns
40
tDS
DIN Setup Time
ns
0
tCHS
SCLK Rise to CS Rise Hold Time
ns
40
tCSS
CS Fall to SCLK Rise Setup Time
CLOAD = 200pF
CLOAD = 200pF
ns
80
tDO2
SCLK Fall to DOUT Valid
Propagation Delay
ns
80
tDO1
SCLK Rise to DOUT Valid
Propagation Delay
ns
0
tDH
DIN Hold Time
ns
100
tCSW
CS Pulse Width High
ns
40
tCS1
CS Rise to SCLK Rise Hold
ns
10
tCS0
SCLK Rise to CS Fall Delay
DIGITAL OUTPUTS (DOUT, UPO)
DYNAMIC PERFORMANCE
POWER SUPPLIES
TIMING CHARACTERISTICS


Similar Part No. - MAX5157BCEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5157BCEE MAXIM-MAX5157BCEE Datasheet
145Kb / 16P
   Low-Power, Dual, 12-Bit Voltage-Output DACs with Configurable Outputs
Rev 1; 12/97
More results

Similar Description - MAX5157BCEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5156 MAXIM-MAX5156 Datasheet
145Kb / 16P
   Low-Power, Dual, 12-Bit Voltage-Output DACs with Configurable Outputs
Rev 1; 12/97
MAX5152 MAXIM-MAX5152 Datasheet
225Kb / 20P
   Low-Power, Dual, 13-Bit Voltage-Output DACs with Configurable Outputs
Rev 0; 10/97
MAX5532 MAXIM-MAX5532_V01 Datasheet
4Mb / 26P
   Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs
2021
MAX5533 MAXIM-MAX5533 Datasheet
1Mb / 24P
   Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs
Rev 0; 12/03
MAX5154 MAXIM-MAX5154 Datasheet
184Kb / 16P
   Low-Power, Dual, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/97
MAX5174 MAXIM-MAX5174 Datasheet
255Kb / 16P
   Low-Power, Serial, 12-Bit DACs with Voltage Output
Rev 0; 4/99
MAX5530 MAXIM-MAX5530 Datasheet
1,010Kb / 19P
   ULTRA-LOW POWER, 12-BIT, VOLTAGE-OUTPUT DACS
Rev 0; 1/04
MAX5352 MAXIM-MAX5352 Datasheet
197Kb / 16P
   Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
MAX5500 MAXIM-MAX5500 Datasheet
219Kb / 14P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 11/08
MAX5500 MAXIM-MAX5500_09 Datasheet
289Kb / 15P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com