Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4712CPE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4712CPE
Description  Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4712CPE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4712CPE Datasheet HTML 4Page - Maxim Integrated Products MAX4712CPE Datasheet HTML 5Page - Maxim Integrated Products MAX4712CPE Datasheet HTML 6Page - Maxim Integrated Products MAX4712CPE Datasheet HTML 7Page - Maxim Integrated Products MAX4712CPE Datasheet HTML 8Page - Maxim Integrated Products MAX4712CPE Datasheet HTML 9Page - Maxim Integrated Products MAX4712CPE Datasheet HTML 10Page - Maxim Integrated Products MAX4712CPE Datasheet HTML 11Page - Maxim Integrated Products MAX4712CPE Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Fault-Protected, Low-Voltage,
Quad SPST Analog Switches
8
_______________________________________________________________________________________
Typical Operating Characteristics
(V+ = +5V, V- = -5V, TA = +25°C, unless otherwise noted.)
0
15
10
5
20
25
30
-5
-1
-2
-4
-3
012345
ON-RESISTANCE
vs. VCOM (DUAL SUPPLIES)
VCOM (V)
V± = ±2.7V
V± = ±3.3V
V± = ±5V
0
5
10
15
20
25
-5
-1
0
-3
-2
-4
12345
ON-RESISTANCE vs. VCOM AND
TEMPERATURE (DUAL SUPPLIES)
VCOM (V)
TA = +85°C
TA = +25°C
TA = -40°C
V± = ±5V
0
30
20
10
40
50
60
0
2.0
1.5
0.5 1.0
2.5 3.0 3.5 4.0 4.5 5.0
ON-RESISTANCE
vs. VCOM (SINGLE SUPPLY)
VCOM (V)
V+ = +3.3V
V+ = +5V
V+ = +10V
V+ = +2.7V
0
10
5
20
15
30
25
35
0
2.0
1.0
3.0
4.0
0.5
2.5
1.5
3.5
4.5 5.0
ON-RESISTANCE vs. VCOM AND
TEMPERATURE (SINGLE SUPPLY)
VCOM (V)
TA = +85°C
TA = +25°C
TA = -40°C
V+ = +5V
0
15
10
5
25
20
45
40
35
30
50
0
0.5
1.0
1.5
2.0
2.5
3.0
ON-RESISTANCE vs. VCOM AND
TEMPERATURE (SINGLE SUPPLY)
VCOM (V)
TA = +25°C
V+ = +3.3V
TA = -40°C
TA = +85°C
0.0001
0.01
0.001
1
0.1
100
10
1000
ON/OFF-LEAKAGE CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
-40
-10
20
60
-30 -20
0 10
30 40 50
70 80
ICOM ON-LEAKAGE
ICOM OFF-LEAKAGE
IN_ OFF-LEAKAGE
-10
10
0
30
20
40
50
-6
-2
0
-4
246
CHARGE INJECTION vs. VCOM
VCOM (V)
DUAL SUPPLIES
SINGLE SUPPLY
0
40
20
80
60
100
120
140
160
2.0
3.0
3.5
2.5
4.0
4.5
5.0
5.5
6.0
TURN-ON/TURN-OFF TIME
vs. SUPPLY VOLTAGE (DUAL SUPPLIES)
SUPPLY VOLTAGE (V)
tON
tOFF
V± = ±5V
0
100
50
150
300
350
250
200
400
2
4567
38
9
10 1112
TURN-ON/TURN-OFF TIME
vs. SUPPLY VOLTAGE (SINGLE SUPPLY)
SUPPLY VOLTAGE (V)
tON
tOFF
V+ = +5V


Similar Part No. - MAX4712CPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4712CPE MAXIM-MAX4712CPE Datasheet
411Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
More results

Similar Description - MAX4712CPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4711 MAXIM-MAX4711 Datasheet
411Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX312FESE MAXIM-MAX312FESE Datasheet
338Kb / 15P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 1/03
DG411F MAXIM-DG411F Datasheet
445Kb / 16P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 4/02
MAX4511 MAXIM-MAX4511_V01 Datasheet
538Kb / 17P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2002
MAX4511 MAXIM-MAX4511 Datasheet
310Kb / 16P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 6/98
DG411F MAXIM-DG411F_V01 Datasheet
1Mb / 17P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2021
MAX4551 MAXIM-MAX4551 Datasheet
325Kb / 16P
   짹15kV ESD-Protected, Quad, Low-Voltage, SPST Analog Switches
Rev 0; 10/98
MAX4620 MAXIM-MAX4620 Datasheet
324Kb / 16P
   /-15kV ESD-Protected, Low-Voltage, Quad, SPST, CMOS Analog Switches
Rev 0; 7/00
MAX4510 MAXIM-MAX4510 Datasheet
156Kb / 12P
   Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 10/99
MAX4521 MAXIM-MAX4521 Datasheet
155Kb / 12P
   Quad, Low-Voltage, SPST Analog Switches
Rev 1; 1/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com