Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4711ESE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4711ESE
Description  Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4711ESE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4711ESE Datasheet HTML 1Page - Maxim Integrated Products MAX4711ESE Datasheet HTML 2Page - Maxim Integrated Products MAX4711ESE Datasheet HTML 3Page - Maxim Integrated Products MAX4711ESE Datasheet HTML 4Page - Maxim Integrated Products MAX4711ESE Datasheet HTML 5Page - Maxim Integrated Products MAX4711ESE Datasheet HTML 6Page - Maxim Integrated Products MAX4711ESE Datasheet HTML 7Page - Maxim Integrated Products MAX4711ESE Datasheet HTML 8Page - Maxim Integrated Products MAX4711ESE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
General Description
The MAX4711/MAX4712/MAX4713 are fault-protected,
Rail-to-Rail®, low-voltage analog switches featuring low
on-resistance and guaranteed on-resistance flatness over
the specified signal range. Due to the fault protection fea-
ture the analog switch input (NO_ or NC_) and output
(COM_) pins are not symmetrical. The fault protection fea-
ture allows for the analog input to go beyond the plus or
minus supplies without the device drawing excessive
amounts of current from the analog inputs. When the ana-
log inputs are driven beyond the supply rails when the
switch is on, it will sense a fault and turn itself off and the
analog switch output will be clamped to the same polarity
supply as the input signal and will not go beyond the sup-
ply rails. This feature protects any electronic circuitry con-
nected to the output from excessive voltages present on
the analog inputs.
The MAX4711/MAX4712/MAX4713 are quad, single-
pole/single-throw (SPST) analog switches. The MAX4711
has four normally closed switches (NC), the MAX4712 has
four normally open switches (NO), and the MAX4713 has
two NO and two NC switches. Switching times are less
than 125ns for tON, and less than 80ns for tOFF. These
switches operate from a single +2.7V to +11V supply or
from dual ±2.7V to ±5.5V supplies. All digital inputs have
+0.8V to +2.4V logic thresholds, ensuring both TTL and
CMOS logic compatibility when using ±4.5V to ±5.5V or
single +4.5V to +11V supplies.
________________________Applications
Communication Systems
Battery-Operated Systems
Signal Routing
Test Equipment
Data-Acquisition
Industrial and Process Control Systems
Avionics
Redundant/Backup Systems
Features
♦ Fault-Protected Analog Inputs
♦ ±12V Fault Protection with Power Off
♦ ±7V Fault Protection with ±5V Supplies
♦ +12V and -7V Fault Protection with +5V Supply
♦ +12V and -9V Fault Protection with +3V Supply
♦ Fault-Protected Digital Inputs May Exceed V+
Supply Rail
♦ All Switches Off with Power Off
♦ Rail-to-Rail Signal Handling
♦ Output Clamped to Appropriate Supply Voltages
During Fault Condition
♦ 25Ω (max) RON at +25°C
♦ 1Ω (max) On-Resistance Match Between Channels
♦ Single- and Dual-Supply Operation
♦ Pin-Compatible with Industry-Standard
MAX391/MAX392/MAX393
♦ TTL- and CMOS-Compatible Logic Inputs
19-1907; Rev 1; 11/03
Fault-Protected, Low-Voltage,
Quad SPST Analog Switches
________________________________________________________________ Maxim Integrated Products
1
Pin Configurations/Functional
Diagrams/Truth Tables
For price, delivery, and to place orders, please contact Maxim Distribution at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
MAX4711CUE
0°C to +70°C
16 TSSOP
MAX4711CSE
0°C to +70°C
16 Narrow SO
MAX4711CPE
0°C to +70°C
16 Plastic Dip
MAX4711EUE
-40°C to +85°C
16 TSSOP
MAX4711ESE
-40°C to +85°C
16 Narrow SO
MAX4711EPE
-40°C to +85°C
16 Plastic Dip
Ordering Information
Ordering Information continued at end of data sheet.
Pin Configurations/Functional Diagrams/Truth Tables
continued at end of data sheet.
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.
TOP VIEW
DIP/SO/TSSOP
MAX4711
LOGIC
SWITCH
0
1
ON
OFF
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IN2
COM2
NC2
V+
V-
NC1
COM1
IN1
MAX4711
N.C.
NC3
COM3
IN3
IN4
COM4
NC4
GND
N.C. = NOT CONNECTED


Similar Part No. - MAX4711ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4711ESE MAXIM-MAX4711ESE Datasheet
411Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
More results

Similar Description - MAX4711ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4711 MAXIM-MAX4711 Datasheet
411Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX312FESE MAXIM-MAX312FESE Datasheet
338Kb / 15P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 1/03
DG411F MAXIM-DG411F Datasheet
445Kb / 16P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 4/02
MAX4511 MAXIM-MAX4511_V01 Datasheet
538Kb / 17P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2002
MAX4511 MAXIM-MAX4511 Datasheet
310Kb / 16P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 6/98
DG411F MAXIM-DG411F_V01 Datasheet
1Mb / 17P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2021
MAX4551 MAXIM-MAX4551 Datasheet
325Kb / 16P
   짹15kV ESD-Protected, Quad, Low-Voltage, SPST Analog Switches
Rev 0; 10/98
MAX4620 MAXIM-MAX4620 Datasheet
324Kb / 16P
   /-15kV ESD-Protected, Low-Voltage, Quad, SPST, CMOS Analog Switches
Rev 0; 7/00
MAX4510 MAXIM-MAX4510 Datasheet
156Kb / 12P
   Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 10/99
MAX4521 MAXIM-MAX4521 Datasheet
155Kb / 12P
   Quad, Low-Voltage, SPST Analog Switches
Rev 1; 1/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com