Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4711CPE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4711CPE
Description  Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4711CPE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4711CPE Datasheet HTML 1Page - Maxim Integrated Products MAX4711CPE Datasheet HTML 2Page - Maxim Integrated Products MAX4711CPE Datasheet HTML 3Page - Maxim Integrated Products MAX4711CPE Datasheet HTML 4Page - Maxim Integrated Products MAX4711CPE Datasheet HTML 5Page - Maxim Integrated Products MAX4711CPE Datasheet HTML 6Page - Maxim Integrated Products MAX4711CPE Datasheet HTML 7Page - Maxim Integrated Products MAX4711CPE Datasheet HTML 8Page - Maxim Integrated Products MAX4711CPE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Fault-Protected, Low-Voltage,
Quad SPST Analog Switches
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—Dual Supplies (continued)
(V+ = +4.5V to +5.5V, V- = -4.5V to -5.5V, VIH = +2.4V, VIL = +0.8V, GND = 0, TA = TMIN to TMAX, unless otherwise noted. Typical
values are at TA = +25°C.) (Note 3)
ELECTRICAL CHARACTERISTICS—+5V Single Supply
(V+ = +4.5V to +5.5V, V- = 0, VIH = +2.4V, VIL = +0.8V, GND = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 3)
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
POWER SUPPLY
Power-Supply Range
V+, V-
C, E
±2.7
±5.5
V
+25°C
38
75
V+ Supply Current
I+
All VIN_ = 0 or V+
C, E
100
µA
+25°C
38
75
V- Supply Current
I-
All VIN_ = 0 or V+
C, E
100
µA
+25°C
01
GND Supply Current
IGND
All VIN_ = 0 or V+
C, E
10
µA
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
ANALOG SWITCH
Fault-Free Analog Signal Range
VCOM_,
VNO_,VNC_
Power on
C, E
V-
V+
V
+25°C30
40
On-Resistance
RON
V+ = +4.5V,
VNO_, VNC_ = +3.5V, IOUT = 10mA
C, E
50
+25°C
0.3
2
On-Resistance Match Between
Channels (Note 4)
∆RON
V+ = +4.5V,
VNO_, VNC_ = +3.5V, IOUT = 10mA
C, E
3
+25°C2
5
On-Resistance Flatness
RFLAT
V+ = +4.5V,
VNO_, VNC_ = +1.5V, +2.25V,
+3.5V, IOUT = 10mA
C, E
6
+25°C
-0.5
+0.5
NO_, NC_ Off-Leakage Current
(Note 5)
INO_(OFF),
INC_(OFF)
V+ = +5.5V,
VCOM_ = +1V, +4.5V;
VNO_, VNC_ = +4.5V, +1V
C, E
-10
+10
nA
+25°C
-0.5
+0.5
COM_ Off-Leakage Current
(Note 5)
ICOM_(OFF)
V+ = +5.5V,
VCOM_ = +1V, +4.5V;
VNO_, VNC_ = +4.5V, +1V
C, E
-10
+10
nA
+25°C
-0.5
+0.5
COM_ On-Leakage Current
(Note 5)
ICOM_(ON)
V+ = +5.5V,
VCOM_ = +1V, +4.5V;
VNO_, VNC_ = +1V, +4.5V, or
floating
C, E
-20
+20
nA
FAULT
Fault-Protected Analog Signal
Range
VNO_,VNC_
Power on
C, E
-12 + V+
+12
V


Similar Part No. - MAX4711CPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4711CPE MAXIM-MAX4711CPE Datasheet
411Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
More results

Similar Description - MAX4711CPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4711 MAXIM-MAX4711 Datasheet
411Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX312FESE MAXIM-MAX312FESE Datasheet
338Kb / 15P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 1/03
DG411F MAXIM-DG411F Datasheet
445Kb / 16P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 4/02
MAX4511 MAXIM-MAX4511_V01 Datasheet
538Kb / 17P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2002
MAX4511 MAXIM-MAX4511 Datasheet
310Kb / 16P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 6/98
DG411F MAXIM-DG411F_V01 Datasheet
1Mb / 17P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2021
MAX4551 MAXIM-MAX4551 Datasheet
325Kb / 16P
   짹15kV ESD-Protected, Quad, Low-Voltage, SPST Analog Switches
Rev 0; 10/98
MAX4620 MAXIM-MAX4620 Datasheet
324Kb / 16P
   /-15kV ESD-Protected, Low-Voltage, Quad, SPST, CMOS Analog Switches
Rev 0; 7/00
MAX4510 MAXIM-MAX4510 Datasheet
156Kb / 12P
   Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 10/99
MAX4521 MAXIM-MAX4521 Datasheet
155Kb / 12P
   Quad, Low-Voltage, SPST Analog Switches
Rev 1; 1/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com