Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP34X0G Datasheet(PDF) 10 Page - Micronas

Part # MSP34X0G
Description  Multistandard Sound Processor Family
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP34X0G Datasheet(HTML) 10 Page - Micronas

Back Button MSP34X0G Datasheet HTML 6Page - Micronas MSP34X0G Datasheet HTML 7Page - Micronas MSP34X0G Datasheet HTML 8Page - Micronas MSP34X0G Datasheet HTML 9Page - Micronas MSP34X0G Datasheet HTML 10Page - Micronas MSP34X0G Datasheet HTML 11Page - Micronas MSP34X0G Datasheet HTML 12Page - Micronas MSP34X0G Datasheet HTML 13Page - Micronas MSP34X0G Datasheet HTML 14Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 96 page
background image
MSP 34x0G
PRELIMINARY DATA SHEET
10
MICRONAS INTERMETALL
2.2.3. Preprocessing of Demodulator Signals
The NICAM signals must be processed by a deempha-
sis filter and adjusted in level. The analog demodu-
lated signals must be processed by a deemphasis fil-
ter, adjusted in level, and dematrixed. The correct
deemphasis filters are already selected by setting the
standard in the STANDARD SELECT register. The
level adjustment has to be done by means of the FM/
AM and NICAM prescale registers. The necessary
dematrix function depends on the selected sound stan-
dard and the actual broadcasted sound mode (mono,
stereo, or bilingual). It can be manually set by the FM
Matrix Mode register or automatically set by the Auto-
matic Sound Selection.
2.2.4. Automatic Sound Select
In the Automatic Sound Select mode, the dematrix
function is automatically selected based on the identifi-
cation information in the STATUS register. No I2C
interaction is necessary when the broadcasted sound
mode changes (e.g. from mono to stereo).
The demodulator supports the identification check by
switching between mono compatible standards (stan-
dards that have the same FM mono carrier) automati-
cally and non-audible. If B/G-FM or B/G-NICAM is
selected, the MSP will switch between these stan-
dards. The same action is performed for the stan-
dards: D/K1-FM, D/K2-FM, and D/K-NICAM. Switching
is only done in the absence of any stereo or bilingual
identification. If identification is found, the MSP keeps
the detected standard.
In case of high bit-error rates, the MSP 34x0G auto-
matically falls back from digital NICAM sound to ana-
log FM or AM mono.
Table 2–1 summarizes all actions that take place when
Automatic Sound Select is switched on.
To provide more flexibility, the Automatic Sound Select
block prepares four different source channels of
demodulated sound (Fig 2–3). By choosing one of the
four demodulator channels, the preferred sound mode
can be selected for each of the output channels (loud-
speaker, headphone, etc.). This is done by means of
the Source Select registers.
The following source channels of demodulated sound
are defined:
– “FM/AM” channel: Analog mono sound, stereo if
available. In case of NICAM, analog mono only
(FM or AM mono).
– “Stereo or A/B” channel: Analog or digital mono
sound, stereo if available. In case of bilingual broad-
cast, it contains both languages A (left) and B
(right).
– “Stereo or A” channel: Analog or digital mono
sound, stereo if available. In case of bilingual broad-
cast, it contains language A (on left and right).
– “Stereo or B” channel: Analog or digital mono
sound, stereo if available. In case of bilingual broad-
cast, it contains language B (on left and right).
Fig 2–2 shows the source channel assignment of the
demodulated signals in case of manual mode. If man-
ual mode is required, more information can be found in
the section “Demodulator Source Channels in Manual
Mode” on page 91. Fig 2–3 and Table 2–2 show the
source channel assignment of the demodulated sig-
nals in case of Automatic Sound Select mode for all
sound standards.
Note: The analog primary input channel contains the
signal of the mono FM/AM carrier or the L+R signal of
the MPX carrier. The secondary input channel contains
the signal of the 2nd FM carrier, the L
−R signal of the
MPX carrier, or the SAP signal.
2.3. Preprocessing for SCART and
I2S Input Signals
The SCART and I2S inputs need only be adjusted in
level by means of the SCART and I2S prescale regis-
ters.
Fig. 2–2: Source channel assignment of demodulated
signals in Manual Mode
Fig. 2–3: Source channel assignment of demodulated
signals in Automatic Sound Select Mode
Prescale
primary
channel
secondary
channel
NICAM A
NICAM B
FM/AM
Prescale
NICAM
FM/AM
(Stereo or A/B)
0
1
FM-Matrix
NICAM
LS Ch.
Matrix
SC2 Ch.
Matrix
Output-Ch.
Matrices
must be set
according
the standard
Prescale
Automatic
Sound
Select
NICAM A
NICAM B
FM/AM
Prescale
NICAM
FM/AM
Stereo or A/B
Stereo or A
Stereo or B
0
1
3
4
primary
channel
secondary
channel
LS Ch.
Matrix
SC2 Ch.
Matrix
Output-Ch.
Matrices must
be set once to
stereo


Similar Part No. - MSP34X0G

ManufacturerPart #DatasheetDescription
logo
Micronas
MSP34X0G MICRONAS-MSP34X0G Datasheet
1Mb / 106P
   Multistandard Sound Processor Family
More results

Similar Description - MSP34X0G

ManufacturerPart #DatasheetDescription
logo
Micronas
MSP3410G MICRONAS-MSP3410G Datasheet
1Mb / 106P
   Multistandard Sound Processor Family
MSP34X7G MICRONAS-MSP34X7G Datasheet
1Mb / 81P
   Multistandard Sound Processor Family
MSP3438G MICRONAS-MSP3438G Datasheet
739Kb / 84P
   Multistandard Sound Processor Family
logo
List of Unclassifed Man...
MSP3430 ETC1-MSP3430 Datasheet
1Mb / 101P
   Multistandard Sound Processor Family
MSP34X5G ETC-MSP34X5G Datasheet
1Mb / 98P
   MSP 34x5G Multistandard Sound Processor Family
logo
Micronas
MSP3410B MICRONAS-MSP3410B Datasheet
1Mb / 68P
   Multistandard Sound Processor
MSP44X8G MICRONAS-MSP44X8G Datasheet
665Kb / 85P
   Multistandard Sound Processor
MSP3400C MICRONAS-MSP3400C Datasheet
659Kb / 73P
   Multistandard Sound Processor
MSP3411G MICRONAS-MSP3411G Datasheet
1Mb / 102P
   Multistandard Sound Processor Family with Virtual Dolby Surround
MSP34X1G MICRONAS-MSP34X1G Datasheet
871Kb / 104P
   Multistandard Sound Processor Family with Virtual Dolby Surround
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com