Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MR27V852E Datasheet(PDF) 1 Page - OKI electronic componets

Part # MR27V852E
Description  524,288 Word X 16 - Bit or 1,048,576 - Word X 8 - Bit 8 - Word x 16-Bit or 16 - Word x 8-Bit Page Mode One Time PROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MR27V852E Datasheet(HTML) 1 Page - OKI electronic componets

  MR27V852E Datasheet HTML 1Page - OKI electronic componets MR27V852E Datasheet HTML 2Page - OKI electronic componets MR27V852E Datasheet HTML 3Page - OKI electronic componets MR27V852E Datasheet HTML 4Page - OKI electronic componets MR27V852E Datasheet HTML 5Page - OKI electronic componets MR27V852E Datasheet HTML 6Page - OKI electronic componets MR27V852E Datasheet HTML 7Page - OKI electronic componets MR27V852E Datasheet HTML 8Page - OKI electronic componets MR27V852E Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
FEDR27V852E-01-01
1Semiconductor
This version:
Jan. 2001
MR27V852E
524,288–Word
×××× 16–Bit or 1,048,576–Word ×××× 8–Bit
8–Word x 16-Bit or 16–Word x 8-Bit Page Mode One Time PROM
1/13
GENERAL DESCRIPTION
The MR27V852E is a 8 Mbit electrically One Time Programmable Read-Only Memory with page mode. Its
configuration can be electrically switched between 524,288-word
× 16-bit and 1,048,576-word × 8-bit by the state
of the
BYTE pin. The MR27V852E supports high speed asynchronous read operation using a single 3.3V power
supply.
FEATURES
· 524,288-word
× 16-bit/1,048,576-word × 8-bit electrically switchable configuration
· Page size of 8-word x 16-Bit or 16-word x 8-Bit
· +3.3 V power supply
· Access time
Random access mode 100 ns MAX
Page access mode
30 ns MAX
· Operating current
80 mA MAX
· Standby current
50
µA MAX
· Input/Output TTL compatible
· Tri-state output
· Packages:
42-pin plastic DIP (DIP42-P-600-2.54)
(Product Name : MR27V852ERA)
42-pin plastic SOJ (SOJ42-P-400-1.27)
(Product Name : MR27V852EJA)


Similar Part No. - MR27V852E

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR27V852D OKI-MR27V852D Datasheet
56Kb / 10P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V852DMA OKI-MR27V852DMA Datasheet
56Kb / 10P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V852DRA OKI-MR27V852DRA Datasheet
56Kb / 10P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V852DTP OKI-MR27V852DTP Datasheet
56Kb / 10P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
More results

Similar Description - MR27V852E

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR27V852D OKI-MR27V852D Datasheet
56Kb / 10P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MSM27C852CZ OKI-MSM27C852CZ Datasheet
91Kb / 12P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V1652E OKI-MR27V1652E Datasheet
151Kb / 15P
   1,048,576 - Word x 16-Bit or 2,097-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V452D OKI-MR27V452D Datasheet
82Kb / 10P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MSM27C1652CZ OKI-MSM27C1652CZ Datasheet
91Kb / 12P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MSM27C452CZ OKI-MSM27C452CZ Datasheet
92Kb / 12P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V1652D OKI-MR27V1652D Datasheet
57Kb / 10P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V802F OKI-MR27V802F Datasheet
146Kb / 15P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-bit One Time PROM
MR27V802D OKI-MR27V802D Datasheet
58Kb / 11P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit One Time PROM
MSM27C802CZ OKI-MSM27C802CZ Datasheet
108Kb / 12P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit One Time PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com