Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4435EUK-T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4435EUK-T
Description  Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4435EUK-T Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4435EUK-T Datasheet HTML 2Page - Maxim Integrated Products MAX4435EUK-T Datasheet HTML 3Page - Maxim Integrated Products MAX4435EUK-T Datasheet HTML 4Page - Maxim Integrated Products MAX4435EUK-T Datasheet HTML 5Page - Maxim Integrated Products MAX4435EUK-T Datasheet HTML 6Page - Maxim Integrated Products MAX4435EUK-T Datasheet HTML 7Page - Maxim Integrated Products MAX4435EUK-T Datasheet HTML 8Page - Maxim Integrated Products MAX4435EUK-T Datasheet HTML 9Page - Maxim Integrated Products MAX4435EUK-T Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Single-Supply, 150MHz, 16-Bit Accurate,
Ultra-Low Distortion Op Amps
6
_______________________________________________________________________________________
MAX4435/MAX4437
SMALL-SIGNAL PULSE RESPONSE
INPUT
10mV/div
OUTPUT
50mV/div
20ns/div
AV = +5V/V
CL = 15pF
MAX4434/MAX4436
SMALL-SIGNAL PULSE RESPONSE
INPUT
50mV/div
OUTPUT
50mV/div
20ns/div
AVCL = +1V/V
CL = 15pF
MAX4434/MAX4436
LARGE-SIGNAL PULSE RESPONSE
INPUT
1V/div
OUTPUT
1V/div
20ns/div
AVCL = +1V/V
CL = 30pF
MAX4435/MAX4437
LARGE-SIGNAL PULSE RESPONSE
INPUT
200mV/div
OUTPUT
1V/div
20ns/div
AVCL = +5V/V
CL = 30pF
-110
-90
-50
-70
-30
-10
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (MHz)
0.1
10
1
100
-100
-70
-80
-90
-60
-50
-40
-30
-20
-10
0
0.1
10
1
100
COMMON-MODE REJECTION RATIO
vs. FREQUENCY
FREQUENCY (MHz)
0
4
2
8
6
10
12
0
100
50
150
200
OUTPUT ISOLATION RESISTANCE
vs. CAPACITIVE LOAD
CAPACITIVE LOAD (pF)
MAX4434/MAX4436
MAX4435/MAX4437
100
10
1
0.1
0.01
0.1
10
1
100
1000
CLOSED-LOOP OUTPUT IMPEDANCE
vs. FREQUENCY
FREQUENCY (MHz)
-60
-30
-40
-50
-20
-10
0
10
20
30
40
50
60
70
-270
-135
-180
-225
-90
-45
0
45
90
135
180
225
270
315
GAIN AND PHASE vs. FREQUENCY
MAX4434-37 toc21
FREQUENCY (Hz)
10k
1M
100k
10M
100M
1G
GAIN
PHASE
AVCL = 1000V/V
Typical Operating Characteristics (continued)
(VCC = +5V, VEE = 0, RL = 500
Ω, CL = 0, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX4435EUK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4435EUK-T MAXIM-MAX4435EUK-T Datasheet
514Kb / 12P
   Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
Rev 0; 10/01
MAX4435EUK-T MAXIM-MAX4435EUK-T Datasheet
379Kb / 14P
   Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
Rev 1; 12/08
MAX4435EUK-T MAXIM-MAX4435EUK-T Datasheet
2Mb / 12P
   Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
2015
More results

Similar Description - MAX4435EUK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4434 MAXIM-MAX4434_08 Datasheet
379Kb / 14P
   Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
Rev 1; 12/08
MAX4434 MAXIM-MAX4434_V01 Datasheet
2Mb / 12P
   Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
2015
MAX4435 MAXIM-MAX4435 Datasheet
514Kb / 12P
   Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
Rev 0; 10/01
MAX4430 MAXIM-MAX4430 Datasheet
748Kb / 12P
   Dual-Supply, 180MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
Rev 0; 7/00
MAX4265 MAXIM-MAX4265 Datasheet
361Kb / 16P
   Ultra-Low-Distortion, Single-Supply, 300MHz Op Amps with Enable
19-1552; Rev 0; 10/99
MAX4108 MAXIM-MAX4108 Datasheet
177Kb / 12P
   400MHz, Ultra-Low-Distortion Op Amps
19-0461; Rev 2; 4/97
MAX4249 MAXIM-MAX4249_11 Datasheet
1Mb / 21P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 8; 10/11
MAX4249 MAXIM-MAX4249_V01 Datasheet
1Mb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
2021
MAX4257 MAXIM-MAX4257_12 Datasheet
738Kb / 16P
   UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 9; 12/12
MAX4249 MAXIM-MAX4249 Datasheet
238Kb / 16P
   SOT23, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
19-1295; Rev 2; 4/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com